Part Number Hot Search : 
CTB04VY 4CK1750 109387 VQRT624C M52342 SAA7326 HCPL062N SAA7348
Product Description
Full Text Search
 

To Download 102064 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fuse Blocks and Clips
For 3AG Fuses
RoHS
Pb
3AG Screw Terminal Laminated Base Type
ORDERING INFORMATION: (Including Reference Dimensions)
For 3AG Fuses No. of Poles 1 2 3 4 5 6 7 8 9 10 11 12
ONE POLE
(R)
APPROVALS:1 356 000 Series (250V) Recognized under the Components Program of Underwriters Laboratories. SPECIFICATIONS: Electrical: Rated for currents up to 15 amperes (units with spring brass
clips) or up to 30 amperes (beryllium copper clips). Clips: 356 000 Series: Nickel-plated spring brass. 359 000 Series: Silver-plated beryllium copper. Terminals: 8-32THD screw type. Base: Black phenolic laminate. Mounting Hole: 3AG Block: Reference Dimensions .142"/.147" diameter with .295"/.302" x 82C.S.
Dimension "A" .78" 1.69" 2.59" 3.50" 4.41" 5.31" 6.21" 7.12" 8.03" 8.94" 9.84" 10.75"
A
Catalog Number 356 001 359 001 356 002 359 002 356 003 359 003 356 004 359 004 356 005 359 005 356 006 359 006 356 007 359 007 356 008 359 008 356 009 359 009 356 010 359 010 356 011 359 011 356 012 359 012
D
REFERENCE DIMENSIONS: Fuse Type A B 3AG See 2.38"
C .25"
D .91"
E .73"
B C = Board Thickness E = Overall Height 356 000, 359 000 and 556 000 Series
RoHS
Pb
For
1
/4"
-
13
/16"
Diameter Fuses Rivet/Eyelet Mount Type
Earless Clip (without fuse stops)
H, HOLE DIA. B
Ear Clip (with fuse stops)
H, HOLE DIA. B
D C
See Ordering Information below.
A C
D
A
RoHS
Pb
For
1
/4"
Diameter Fuses Rivet/Eyelet Mount Solder Type
Straight Type, Solder Lug
H, HOLE DIA. B
45 Angle Type, Solder Lug
B
A D .09" X .16" HOLE C
ORDERING INFORMATION:
Catalog Number Spring Brass Beryllium Copper Nickel-plated Silver-plated 101 001 121 001 105 001 125 001 107 001 127 001 109 001** 129 001 101 002 121 002 105 002 125 002 107 002 127 002 109 002** 129 002 101 003* 121 004 102 064* -- Fuse Diameter 1/4" 13/32" 9/16" . 13/16" 1/4" 13/32" 9/16" 13/16" 1/4" 1/4"
Style Ear
Earless
Solder Lug 45 Solder Lug Straight
*Tin-plated 488
Fuse Type 3AG Midget NEC 1-30 amp NEC 30-60 amp 3AG Midget NEC 1-30 amp NEC 30-60 amp 3AG 3AG
A .48" .75" 94" 1.31" .48" .75" .94" 1.31" .47" .47"
B .31" .44" .59" .75" .31" .44" .59" .75" .56" .64"
C .30" .52" .65" .87" .30" .52" .65" .87" .31" .31"
D .16" .22" .25" .30" .16" .22" .25" .30" .16" .16"
H Diameter .131" .196" .203" .265" .131" .196" .203" .265" .131" .131"
**Bare Phos. Bronze
w w w. l i t t e l f u s e . c o m
Fuse Blocks and Clips
For 1/4 Diameter Fuses
.28"
(R)
RoHS
Pb
Traditional P.C. Board Type
Clip Material* Spring Brass Spring Brass Spring Brass Beryllium Copper Beryllium Copper Beryllium Copper Beryllium Copper Finish Tin-plated Tin-plated Hot Tin Silver-plated Silver-plated Tin-plated Tin-plated
.31"
ORDERING INFORMATION:
Catalog Number 102 071 102 074 102 076 122 083 122 087 122 088 122 093 Style Ear Earless Ear Ear Earless Ear Earless
.42"
.27"
.14" .28"
Nominal Fuse Length 5/8 3/4 7/8 1 11/16 11/4 17/16
Length "A" .750 .875 1.000 1.125 1.187 1.347 1.562
.03"R .06"
A .300" (2 PL.)
.078" DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
RoHS
Catalog Number 102 078 102 079
Pb
Bowed Tab P.C. Board Type
Clip Material* Spring Brass Spring Brass Finish Tin-plated Tin-plated Style Earless Ear
(R)
.132" REF. DIA. HOLE .33" .125" REF.
.31" .06" .42" .165" .28"
.25"
Nominal Fuse Length 5/8 3/4 7/8 1 11/16 11/4 17/16
Length "A" .750 .875 1.000 1.125 1.187 1.347 1.562
.37"
A .300" (2 PL.)
.08"
.100" DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
RoHS
Catalog Number 102 080 122 090
Pb
Low Profile P.C. Board Type
Clip Material* Spring Brass Beryllium Copper Finish Tin-plated Silver-plated Style Ear Ear
(R)
.05" .21" .11"
.30"
14
FUSE BLOCKS AND CLIPS
.06"
Nominal Fuse Length 5/8 3/4 7/8 1 11/16 11/4 17/16
Length "A" .760 .880 1.005 1.130 1.195 1.380 1.570
.28"
A .300" (2 PL.)
.070" DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
RoHS
Catalog Number 100 058
Pb
Low Profile P.C. Board Type
Clip Material* Spring Brass Finish Tin-plated Style Ear
(R)
.28"
.125" REF. .03" .23" .19" .04" .192" REF.
*NOTE: Spring brass clips are suitable for current levels up to 15 amperes; beryllium copper clips up to 30 amperes.
Nominal Fuse Length 1 11/4 17/16
Length "A" 0.781 1.035 1.250
.100" .200" A
.052" DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
w w w. l i t t e l f u s e . c o m
489
Fuse Blocks and Clips
For Various Diameter Fuses
RoHS
Catalog Number 100 057
Pb
ATO(R) Fuse Clip P.C. Board Type
.135" MAX.
ORDERING INFORMATION:
Clip Material* Spring Brass Finish Tin-plated
.27" REF.
NOTE: #100 057 spring brass, tin-plated clips available for printed circuit board mounting. Suitable for current levels up to 15 amperes. First time fuse insertion force may approach 40 lbs.
.44" REF.
.28" REF.
.06" REF.
.12" REF. .096" DIA. HOLES (4)
.167" .200" .200"
RoHS
Pb
For 2AG or 5mm Diameter Fuses P.C. Board Type
Finish Tin-plated Tin-plated Tin-plated Style Ear Ear Surface Mount
RECOMMENDED MOUNTING PATTERN
ORDERING INFORMATION:
Catalog Number 111 501 111 506 111 505 Clip Material Spring Brass Beryllium Copper Beryllium Copper
2.0 (.08")
5.1 2.0 (.20") (.08")
7.1 (.28") 1.8 (.07") 1.1 (.043") 4.8 (.19") 3.8 (.15") 3.5 (.14") .76 (.03")
NOTE: Suitable for current levels up to 10 amperes. NOTE: Metric dimensions are shown. Inch dimensions are in parentheses. Table 1 2AG 5x20 A Dim. 12.7 (.50") 17.8 (.70")
A
5 (.197")
RoHS
Pb
For 5mm Diameter Fuses P.C. Board Type
Clip Material Spring Brass Spring Brass
1.17 (.046") DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
4.5 (.18") 5.9 (.23")
ORDERING INFORMATION:
Catalog Number 100 054 100 056 Finish Silver-plated Tin-plated Style Ear Ear
Fuse Size 5mm x 20mm 5mm x 25mm 5mm x 30mm A Dim. 20.5 (.807") 25.5 (1.004") 31.0 (1.220")
8.2 (.32")
10.7 (.42") 5.6 (.22") 4.1 (.16") 3.5 (.14") 1.2 (.047")
NOTE: Spring brass clips are suitable for current levels up to 10 amperes. NOTE: Metric dimensions are shown. Inch dimensions are in parentheses.
A 5.0 (.197") 1.3 (.051") DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
5.5 (.217")
RoHS
Pb
For 5mm Diameter Fuses P.C. Board Type
Clip Material Spring Brass Spring Brass Spring Brass Finish Tin-plated Nickel-plated Silver-plated Style Ear Ear Ear
Fuse Size 5mm x 20mm 5mm x 25mm 5mm x 30mm A Dim. 20.5 (.807") 25.5 (1.004") 31.0 (1.220")
ORDERING INFORMATION:
Catalog Number 0445 0001 0030 0210 0520 0001
8 (.315") 10.4 (.409")
4.5 (.177")
Max 6.2 (.244")
1.2 (.047")
NOTE: Spring brass clips are suitable for current levels up to 10 amperes.
A 5.0 (.197") 1.3 (.051") DIA. 4 HOLES RECOMMENDED MOUNTING PATTERN
490
w w w. l i t t e l f u s e . c o m
Fuse Blocks and Clips
RoHS
Pb
For 5mm Diameter Fuses Automatic Insertion Type
Clip Material Phosphor Bronze Finish Tin-plated Style Ear
ORDERING INFORMATION:
Catalog Number 0111 0005MR Ammo Pack 1000 Pcs.
1mm (.039") 2.1mm (.083") 7.8mm (.307") 2.6mm (.102") 4.7mm (.185") 3mm (.118") 5.3mm (.209") 1mm (.039") 0.5mm 16mm (.020") (.630") 1mm (.039") 0.6mm (.024") 12.7mm (.500")
18mm (.709")
6mm (.236") 1.3mm (.051")
20mm (.787") 5mm (.197")
1.05mm (.041") DIA. 4 HOLES PCB MOUNTING HOLE SPECIPCATION
18mm (.709") 9mm (.354") 6.35mm (.250") 5mm (.197") 12.7mm (.50") 4mm (.157")
NOTE: #0111 005 phosphor bronze, tin-plated clips designed for automatic insertion are suitable for current levels up to 10 amperes.
RoHS
Pb
For Midget Fuses (13/32") PC Board Mount
(R)
ELECTRICAL SPECIFICATIONS: 15A at 250VAC
22.2 (.874") 18.7 (.736") 2.1 (.083") 0.710 0.005 (.028 .0002")
03.45 (.136") / 11.1 (.437")
11.4 (.449")
ORDERING INFORMATION:
Catalog Clip Amp Voltage Number Material Finish Style Rating Rating 0105 0003 Spring Brass Tin-plated Ear 15A 250VAC 0125 0003 Beryllium Copper Tin-plated Ear 30A 250VAC
14 14
FUSE BLOCKS AND CLIPS
12.4 (.488")
w w w. l i t t e l f u s e . c o m
491


▲Up To Search▲   

 
Price & Availability of 102064

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X