Part Number Hot Search : 
LR120 220MC MACA455 BAV199L MPI5020 UMTS200 LT18T RB2415
Product Description
Full Text Search
 

To Download SUB85N03-07P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SUP/SUB85N03-07P
New Product
Vishay Siliconix
N-Channel 30-V (D-S) 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
30
rDS(on) (W)
0.007 @ VGS = 10 V 0.01 @ VGS = 4.5 V
ID (A)a
85 a 75
TO-220AB
D
TO-263
G DRAIN connected to TAB G GDS Top View SUP85N03-07P DS S N-Channel MOSFET
Top View SUB85N03-07P
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Drain-Source Voltage Gate-Source Voltage Continuous Drain Current (TJ = 175_C) 175 C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Maximum Power Dissipationb L = 0.1 mH TC = 25_C (TO-220AB and TO-263) TA = 25_C (TO-263)d TC = 25_C TC = 100_C
www..com
Symbol
VDS VGS ID IDM IAR EAR PD TJ, Tstg
Limit
30 "20 85a 64 240 75 280 107c 3.75 -55 to 175
Unit
V
A
mJ W _C
Operating Junction and Storage Temperature Range
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount (TO-263)d Junction-to-Ambient Free Air (TO-220AB) Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 71147 S-00757--Rev. B, 10-Apr-00 www.vishay.com S FaxBack 408-970-5600 RthJA RthJC
Symbol
Limit
40 62.5 1.4
Unit
_C/W
2-1
www. .com
www..com
SUP/SUB85N03-07P
Vishay Siliconix
New Product
SPECIFICATIONS (TJ =25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate-Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VDS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 30 V, VGS = 0 V Zero Gate Voltage Drain Current Z G Vl DiC IDSS VDS = 30 V, VGS = 0 V, TJ = 125_C VDS = 30 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS w 5 V, VGS = 10 V VGS = 10 V, ID = 30 A DiS OS Drain-Source On-State R i Drain Source On State Resistancea VGS = 10 V, ID = 30 A, TJ = 125_C rDS( ) DS(on) VGS = 10 V, ID = 30 A, TJ = 175_C VGS = 4.5 V, ID = 20 A Forward Transconductancea gfs VDS = 15 V, ID = 30 A 20 120 0.006 0.007 0.011 0.015 0.01 S W 30 V 1 2 "100 1 50 250 A mA A nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargeb Gate-Source Chargeb Gate-Drain Chargeb Turn-On Delay Timeb Rise Timeb Turn-Off Delay Timeb Fall Timeb Ciss Coss Crss Qg VGS = 0 V, VDS = 25 V, f = 1 MHz 3720 715 370 60 13 10 11 VDD = 15 V, RL = 0 18 W V, 0.18 ID ^ 85 A, VGEN = 10 V RG = 2 5 W A V, 2.5 70 50 105 25 140 ns 100 200 120 nC C pF F
www..com
Qgs VDS = 15 V, VGS = 10 V ID = 85 A V V, Qgd td(on) tr td(off) tf
Source-Drain Diode Ratings and Characteristics (TC = 25_C)c
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time IS ISM VSD trr IF = 85 A, VGS = 0 V IF = 85 A, di/dt = 100 A/ms 1.2 55 85 A 200 1.5 100 V ns
Notes a. Pulse test; pulse width v 300 ms, duty cycle v 2%. b. Independent of operating temperature. c. Guaranteed by design, not subject to production testing.
www.vishay.com S FaxBack 408-970-5600
2-2
Document Number: 71147 S-00757--Rev. B, 10-Apr-00
www. .com
www..com
SUP/SUB85N03-07P
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 10 thru 6 V 200 I D - Drain Current (A) I D - Drain Current (A) 5V 100 120
Vishay Siliconix
Transfer Characteristics
80
150 4V 100
60
40
TC = 125_C 25_C -55_C
50
2V
3V
20
0 0 2 4 6 8 10
0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
120 TC = -55_C 25_C 80 r DS(on) - On-Resistance ( W ) 100 g fs - Transconductance (S) 0.015 0.020
On-Resistance vs. Drain Current
www..com
125_C 0.010 VGS = 4.5 V VGS = 10 V 0.005
60
40
20
0 0 20 40 60 80 100
0 0 20 40 60 80 100
ID - Drain Current (A)
ID - Drain Current (A)
Capacitance
5000 Ciss 10
Gate Charge
4000 C - Capacitance (pF)
V GS - Gate-to-Source Voltage (V)
8
VDS = 50 V ID = 85 A
3000
6
2000 Coss 1000 Crss 0 0 6 12 18 24 30
4
2
0 0 12 24 36 48 60
VDS - Drain-to-Source Voltage (V) Document Number: 71147 S-00757--Rev. B, 10-Apr-00
Qg - Total Gate Charge (nC) www.vishay.com S FaxBack 408-970-5600
2-3
www. .com
www..com
SUP/SUB85N03-07P
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.0 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 1.6 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.2
TJ = 150_C 10 TJ = 25_C
0.8
0.4
0 -50
1 -25 0 25 50 75 100 125 150 175 0 0.3 0.6 0.9 1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 40
Drain Source Breakdown vs. Junction Temperature
100 I Dav (a)
www..com
38 ID = 250 mA IAV (A) @ TA = 25_C V (BR)DSS (V) 36 IAV (A) @ TA = 150_C 34
10
1
32
0.1 0.00001 0.0001 0.001 0.01 0.1 1
30 -50
-25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com S FaxBack 408-970-5600
2-4
Document Number: 71147 S-00757--Rev. B, 10-Apr-00
www. .com
www..com
SUP/SUB85N03-07P
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
100 1000
Vishay Siliconix
Safe Operating Area
80 100 I D - Drain Current (A) I D - Drain Current (A)
10 ms 100 ms 10 Limited by rDS(on)
60
1 ms 10 ms 100 ms dc
40
20
1
TC = 25_C Single Pulse
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1
www..com
0.05 0.02 Single Pulse
0.01 10-4
10-3
10-2
10-1
1
10
Square Wave Pulse Duration (sec)
Document Number: 71147 S-00757--Rev. B, 10-Apr-00
www.vishay.com S FaxBack 408-970-5600
2-5
www. .com


▲Up To Search▲   

 
Price & Availability of SUB85N03-07P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X