Part Number Hot Search : 
0US60 RG30D MSO2M 330M3 RGP20B D301LT 4412M D301LT
Product Description
Full Text Search
 

To Download SUB75N05-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
SUP/SUB75N05-06
Vishay Siliconix
N-Channel 50-V (D-S), 175_C MOSFET
PRODUCT SUMMARY
V(BR)DSS (V)
50
rDS(on) (W)
0.006
ID (A)
75
TO-220AB
D
TO-263
G DRAIN connected to TAB G GDS Top View SUP75N05-06 SUB75N05-06 N-Channel MOSFET DS
Top View S
www..com
Parameter Symbol
VGS TC = 25_C TC = 125_C ID IDM IAR
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Limit
"20 75a 70 240 75 280 250c PD TJ, Tstg 3.7 -55 to 175 W _C mJ A
Unit
V
Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Power Dissipation Operating Junction and Storage Temperature Range Energyb L = 0.1 mH TC = 25_C (TO-220AB and TO-263) TA = 25_C (TO-263)d
EAR
THERMAL RESISTANCE RATINGS
Parameter
PCB Mount Junction-to-Ambient Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). Document Number: 70292 S-05110--Rev. E, 10-Dec-01 www.vishay.com (TO-263)d RthJA RthJC
Symbol
Limit
40 62.5 0.6
Unit
Free Air (TO-220AB)
_C/W C/W
2-1
www. .com
www..com
SUP/SUB75N05-06
Vishay Siliconix
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 50 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = 50 V, VGS = 0 V, TJ = 125_C VDS = 50 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 75 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 75 A, TJ = 125_C VGS = 10 V, ID = 75 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 60 A 30 120 0.005 0.006 0.010 0.012 S W 50 V 2.0 4.0 "100 1 50 150 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss Qg VGS = 0 V, VDS = 25 V, f = 1 MHz 4500 1100 360 85 VDS = 25 V, VGS = 10 V, ID = 75 A 25 25 20 20 50 20 40 100 100 40 ns 120 nC pF
www..com
Qgd td(on) tr td(off) tf VDD = 25 V, RL = 0.33 W ID ^ 75 A, VGEN = 10 V, RG = 2.5 W IS ISM VSD trr IRM(REC) Qrr IF = 75 A, di/dt = 100 A/ms m IF = 75 A , VGS = 0 V
Qgs
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge 75 A 200 1.0 65 5 0.16 1.4 120 8 0.48 V ns A mC
Notes a. Pulse test: pulse width v 300 msec, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com
2-2
Document Number: 70292 S-05110--Rev. E, 10-Dec-01
www. .com
www..com
SUP/SUB75N05-06
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 VGS = 8, 9, 10 V 200 150 I D - Drain Current (A) 150 6V I D - Drain Current (A) 7V 200
Transfer Characteristics
100
100
50
50
5V 4V
TC = 125_C 25_C -55_C
0 0 2 4 6 8 10
0 0 1 2 3 4 5 6 7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
150 TC = -55_C 125 r DS(on) - On-Resistance ( ) g fs - Transconductance (S) 25_C 100 0.006 0.008
On-Resistance vs. Drain Current
www..com
125_C 0.004 0.002
VGS = 10 V
75
VGS = 20 V
50
25
0 0 20 40 ID - Drain Current (A) 60 80
0.000 0 20 40 60 80 100 120
ID - Drain Current (A)
Capacitance
8000 20
Gate Charge
V GS - Gate-to-Source Voltage (V)
16
C - Capacitance (pF)
6000 Ciss 4000
VDS = 25 V ID = 75 A
12
8
2000 Crss 0 0 10 20
Coss
4
0 30 40 50 0 25 50 75 100 125 150 175
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Document Number: 70292 S-05110--Rev. E, 10-Dec-01
www.vishay.com
2-3
www. .com
www..com
SUP/SUB75N05-06
Vishay Siliconix
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 75 A r DS(on) - On-Resistance ( ) (Normalized) 2.0 I S - Source Current (A) TJ = 150_C TJ = 25_C 10 100
Source-Drain Diode Forward Voltage
1.5
1.0
0.5
0.0 -50
1 -25 0 25 50 75 100 125 150 175 0.3 0.6 0.9 1.2 1.5 TJ - Junction Temperature (_C) VSD - Source-to-Drain Voltage (V)
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
100 500
Safe Operating Area
80 I D - Drain Current (A)
I D - Drain Current (A)
60
www..com
100 Limited by rDS(on) 10 TC = 25_C Single Pulse
100 ms
40
1 ms
20
10 ms 100 ms dc
0 0 25 50 75 100 125 150 175 TC - Case Temperature (_C)
1 0.1 1 10 VDS - Drain-to-Source Voltage (V)
100
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02
Single Pulse 0.01 10-5 10-4 10-3 10-2 10-1 1 3 Square Wave Pulse Duration (sec) www.vishay.com Document Number: 70292 S-05110--Rev. E, 10-Dec-01
2-4
www. .com


▲Up To Search▲   

 
Price & Availability of SUB75N05-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X