Part Number Hot Search : 
694322KB 00110 15010 PPL2060 P40NF 2SK996 VCH244 MB89P
Product Description
Full Text Search
 

To Download SM339 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SM339
Quadruple Differential Comparator
FEATURES Single or dual supplies Low Input Bias Current : 25nA Output Compatible with TTL, MOS, and CMOS Input Common-Mode Voltage Range to Ground Low Input Offset Voltage Low Input Offset Current Low Output Saturation Voltage Wide Supply Voltage Range
DIP-14
SOP-14
PRODUCT DESCRIPTION
The SM339 are designed for use in level detection, low-level sensing and memory applications in consumer automotive and industrial electronic applications. The SM339 consists of four independent voltage comparators designed to operate from single power supply over a wide voltage range.
www..com
PIN CONFIGURATION
14 13 12 11 10 9 8
Inp ut 4(-) Inp ut 3(+ ) Inp ut 3(-)
ORDERING INFORMATION
Part Number SM339N SM339S Operating Temperature Range -25~+85 -25~+85 Package Type DIP-14 SOP-14
Output 2 Output 1 Vc c
1 2 3 4
Output 3 Output 4 GND
Inp ut 1(+ ) Inp ut 2(-) Inp ut 2(+ )
5 6 7
OEI
1/ 5
SM339
Quadruple Differential Comparator
ABSOLUTE MAXIMUM RATING
Characteristics Power Supply Voltage Input Differential Voltage Range Input Common Mode Voltage Range Output Short Circuit-to-Ground Power Dissipation t=25 Above 25 Operating Ambient Temperature Range Storage Temperature Range SYMBOL VCC VIDR VICR ISC PD TA TS Value +36 or 18 36 -0.3 to +36 Continuous 1.0 8.0 -25 to 85 -65 to 150 Unit V V V mA W mW/
Note 1. The max. output current may be as high as 20mA, independent of the magnitude of Vcc, output short circuits to Vcc can cause excessive heating and eventual destruction. 2. This magnitude of input current will only occur if the leads are driven more negative than ground or the negative supply voltage. This is due to the input PNP collector base junction becooming forward biased, acting as an input clamp diode. There is also a lateral PNP parasitic transistor action which can cause the output voltage of the comparators to go to the Vcc voltage level ( or ground if overdrive is large ) during the time that an input is driven negative. This will not destroy the device when limited to the max rating and normal output states will recover when inputs become > ground or negative supply. 3. At the output switch point, VO=1.4Vdc, RS=100 with Vcc from 5.0 Vdc to 30 V, and over the full input common mode range ( 0V to Vcc= -1.5V ). 4. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant, independent of the output state, therefore, no loading changes will exist on the input lines. 5. Response time is specified with a 100mV step and 5.0mV of overdrive. For larger signals, 300ns is typical. 6. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain within the common-mode range, the comparator will provide the proper output state.
CIRCUIT SCHEMATIC
www..com
Vcc +Input -Input Output
Gnd
(Diagram shown is for 1 comparator)
OEI
2/ 5
SM339
Quadruple Differential Comparator
ELECTRICAL CHARACTERISTICS (Vcc=5.0Vdc, 0< TA < 25, unless otherwise noted )
Characteristics Input Offset Voltage (3) Input Bias Current (3,4) Input Offset Current (3) TA=25 TA=0 to 70 TA=25 TA=0 to 70 TA=25 TA=0 to 70 Symbol VIO IIB IIO Min ------------0 0 ------------6.0 ISink 1.3 16 ----mA Typ 2.0 --25 --5.0 ------0.8 1.0 200 300 Max 5.0 9.0 250 400 50 150 Vcc -1.5 Vcc -2.0 2.0 2.5 ----ns Unit mV nA nA
Input Common Mode Voltage Range (6) TA=25 TA=0 to 70 Supply Current RL=, TA=25 RL=, Vcc=30Vdc Voltage Gain RL > 15K, Vcc= 15V Large Signal Response Time V1 = TTL Logic Swing. Vref = 1.4Vdc VRL= 5.0 Vdc, RL= 5.1K Response Time (6) VRL= 5.0 Vdc, RL= 5.1K
www..com Output Sink Current
VICR
V
ICC AVOL
mA V/mV
tTLH
s
V1 (-) > 1.0Vdc, V1(+) =0 Vdc Vo < 1.5 Vdc Saturation Voltage V1 (-) > 1.0Vdc, V1(+) =0 Vdc ISink< 4.0 mA, TA=25 01.0 Vdc Vo=5.0 Vdc, TA=25 V1(-)=0 Vdc, V1(+)>1.0 Vdc Vo = 30 Vdc, 0 GND or V - Supply 0< TA <70
VSAT
-------
130 --0.1 -----
400 700 ---
mV
IOL ----VID 1000 Vcc
nA
V
OEI
3/ 5
SM339
Quadruple Differential Comparator ELECTRICAL CHARACTERISTICS CURVES
Fig 1.Normalized input offset voltage
Fig 2.Input bias current
www..com
Fig 3.Output sink current versus output saturation voltage
APPLICATION INFORMATION
These dual comparators feature high gain , wide bandwidth characteristics. This gives the device oscillation tendencies if the outputs are capacitively coupled to the inputs via stray capacitance. This oscillation manifests itself during output transitions (VOL to VOH ). To alleviate this situation , input resistors<10k should be used. The addition of positive feedback(<10mV) is also recommended. It is good design practice to ground all unused pins. Differential input voltages may be larger than supply voltage without damaging the comparator's inputs. Voltages more negative than-0.3V should not be used.
OEI
4/ 5
SM339
Quadruple Differential Comparator
+15V
Zero Crossing Detector (Split Supply)
10K
+Vcc
R4 8.2K R1 D1 Vin 220K R2 6.8K
R5 220K
+
Vin(min)
Vin
O 10K -
10M
Vin
D1 prevents input from going negative by more than 0.6V R1+R2=R3 R3<=(R5/10) for small error in zero crossing
-V EE -V EE
Vin(min) ~ 0.4V peak for 1% phase dist ort ion( O) ~
Fig 4.Zero crossing detector(single supply)
Square Wave Oscillator
Vcc>4.0V
Fig 5.Zero crossing detector(split supply)
Driving Logic
Vcc
10K 100K R1
Rs Vin
Vo
C R2 330K R4
R3
Vcc
330K 330K
www..com
Fig 6.Square wave oscillator
Inverting Comparator With Hysteresis
+Vcc
Vref R2 1.0M 10K R1
R2
Vcc R1 Vref ~ Rref+R1 R3 ~ R1//Rref//R2 R1//Rref VH = R1//Rref+R2 [Vo(m ax)-Vo(min)] R2> Rref//R1
Vin 10K
Fig 8.Inverting comparator with hysteresis
Fig 9.Non-Inverting comparator with hysteresis
OEI
-
+
+
+Vcc
Rref
-
Vin
R3 10K
+
+
Vref R1
Vcc
T1 T2
T 1=T 2=0.69RC f ~ 7.2 C(uF) R2=R3=R4 R1~ R2//R3//R4 ~
Non-Inverting Comparator With Hysteresis
+Vcc
10K
Rref Vref
Vo
R1
+
15K R3
. Vcc
Vo O
O
RL + . .
Rs=Source Resist ance _ R1~Rs
Logic CMOS TTL Dev ice 1/4MC14001 1/4MC7400 Vcc (V) +15 +5.0 RL k 100 10
Fig 7.Driving logic
10K
Vo
Vref=
R3 1.0M
Vcc R1 Rref+R1 R2~ R1 //Rref -
VH =
Am o un t o f Hy steresis VH R2 [Vo (m ax )-Vo (m in )] R2 +R3
5/ 5


▲Up To Search▲   

 
Price & Availability of SM339

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X