Part Number Hot Search : 
7MCMXXXF OP490EY 2N652A FSL430R SMS120 UM3204Q PXD20RM 80012
Product Description
Full Text Search
 

To Download SD1080CS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SD1020CS - SD10100CS
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
! ! Schottky Barrier Chip A C J Guard Ring Die Construction for B Transient Protection D ! High Current Capability ! Low Power Loss, High Efficiency ! High Surge Current Capability E PIN 1 2 3 ! For Use in Low Voltage, High Frequency Inverters, Free Wheeling, and Polarity G Protection Applications H L P P
D PAK/TO-252AA Dim Min Max A 6.4 6.8 B 5.0 5.4 C 2.35 2.75 D -- 1.60 E 5.3 5.7 G 2.3 2.7 H 0.4 0.8 J 0.4 0.6 K 0.3 0.7 L 0.50 Typical P -- 2.3 All Dimensions in mm
K
Mechanical Data
! ! ! ! ! ! Case: Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026 Polarity: Cathode Band Weight: 0.4 grams (approx.) Mounting Position: Any Marking: Type Number Standard Packaging: 16mm Tape (EIA-481)
PIN 1 PIN 3 -
+ Case PIN 2
Potive CT
!
Maximum Ratings and Electrical Characteristics
@TA=25C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SD 1020CS SD 1030CS SD 1040CS SD 1050CS SD 1060CS SD SD Unit 1080CS 10100CS
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TL = 100C
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM Cj RJA Tj TSTG
20 14
30 21
40 28
50 35 10 100
60 42
80 56
100 70
V V A A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage (Note 1) Peak Reverse Current At Rated DC Blocking Voltage @IF = 5.0A @TA = 25C @TA = 100C
0.55 0.2 50 600 60
0.75
0.85
V mA pF K/W C C
Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating Temperature Range Storage Temperature Range
-50 to +125 -50 to +150
Note: 1. Mounted on P.C. Board with 14mm2 (0.13mm thick) copper pad. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SD1020CS - SD10100CS
1 of 3
(c) 2002 Won-Top Electronics
10
40
8
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
1020CS - 1040CS
20
6
1050CS - 1060CS 1080CS - 10100CS
4
10
2
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TL, LEAD TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
125
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
100
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
75
1000
50
25
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SD1020CS - SD10100CS
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.!
SD1020CS-T3 SD1030CS-T3 SD1040CS-T3 SD1050CS-T3 SD1060CS-T3 SD1080CS-T3 SD10100CS-T3
!
Package Type
DPAK DPAK DPAK DPAK DPAK DPAK DPAK
Shipping Quantity
2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel 2500/Tape & Reel
T3 suffix refers to a 13" reel. Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
RECOMMENDED FOOTPRINT
0.165 (4.191)
0.100 (2.54)
0.118 (3.0) 0.063 (1.6)
0.190 (4.826)
0.243 (6.172)
inches(mm)
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
SD1020CS - SD10100CS
3 of 3
(c) 2002 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of SD1080CS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X