Part Number Hot Search : 
C245M Y34NB50F CM431290 DA470M 1N6154 F9602 1N5524 SDA5255
Product Description
Full Text Search
 

To Download PM4381 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM4381 Analog Front End for ADSL2+
www..com
Preliminary Product Brief PRODUCT OVERVIEW
The PM4381 Analog Front End (AFE) is a highly integrated solution for Customer Premises Equipment (CPE) ranging from standalone modems to Residential Gateways. The PM4381 AFE is suitable for ADSL2+ CPE, and is fully backwards compatible with ADSL2 and ADSL interface technologies. The PM4381 AFE achieves industry-leading performance giving DSL service providers the ability to offer faster broadband connections over farther distances. The high degree of integration allows DSL box vendors to build CPE products with lower BOM cost, and in more attractive, smaller form factors. The PM4381 integrates a high performance 5V line driver and offers extremely low distortion and noise in both transmit and receive paths. The low noise and distortion, combined with high-resolution data converters and integrated programmable receive equalizer and filters, reduce the need for complex and costly external filters to achieve optimum rate/reach performance. In addition, the device integrates a 16-bit digitally controlled crystal oscillator (DCXO), and an optional 1.8V regulator that allows the PM4381 to be used in a system that only provides 3.3V and 5V. The PM4381 AFE implements PMC-Sierra's AVIS (ADSL2+/VDSL2 Interface Specification) digital interface, which allows flexible connection to a variety of Discrete Multitone (DMT) processors, including PMC-Sierra's MSP7120 ADSL2+ Residential Gateway (RG) SoC.
BENEFITS
* Enables industry-leading rate versus reach performance * Full backwards compatibility to ADSL2 and ADSL * High integration, eliminating the need for a discrete line driver and
external power supply and clock components, thereby reducing BOM costs and real estate.
* AVIS flexible digital interface reduces pin-count and provides
compatibility with a wide range of ADSL DMT processors, including PMC-Sierra's MSP7120 ADSL2+ RG SoC.
PRODUCT HIGHLIGHTS
INTEGRATED FUNCTIONS
* 5V Line Driver delivers +14.5 dBm to the line * Ultra Low-Noise Amplifier (LNA) and receive chain realize input-
referred noise of -150 dBm/Hz
* 16-bit DAC and 16-bit ADC * Receive bandpass, equalization, and anti-alias filters * Transmit path gain control (24 dB range) * Receive path gain control (54 dB range) * DCXO and PLL clock synthesizer * Reference frequency and voltage generation * Linear regulator (1.8V) for digital circuitry (optional)
ANALOG/DIGITAL BANDWIDTH
* AVIS 16-bit interface supports 16-bit transfers over nibble-wide bus
at speeds of 8.832 MSamples/s
* Transmit path signal bandwidth of 26 kHz to 276 kHz * Receive signal bandwidth of 138 kHz to 2.208 MHz
BLOCK DIAGRAM
PM4381 AFE
Digital Interface Digital Core Analog Core LINE DRIVER BYPASS Interpolator AVIS Interface DAC TX Filters LD LINE DRIVER OUTPUT
PACKAGE
* 56-pin MLF/QFN EPAD (8 x 8 mm)
DIGITAL TRANSMIT
APPLICATIONS
* ADSL2+ CPE Residential Gateway * ADSL2+ Integrated Access Devices * ADSL2+ modem equipment (internal or external)
DIGITAL RECEIVE
Decimator
ADC
RX Filters
LNA
LNA INPUT
CONTROL Clock Synthesis REG XTALI DCXO XTALO
1.8V REG OUTPUT
PMC-2061394, Issue 1 (c) Copyright PMC-Sierra, Inc. 2006 All rights reserved. Proprietary and Confidential to PMC-Sierra, Inc. and for its customers' internal use.
PM4381 Analog Front End for ADSL2+
www..com
ADSL2+ RESIDENTIAL GATEWAY
AVIS Interface
MSP7120 ADSL2+ Multi-Service Procesor
PM4381 ADSL2+ AFE
ADSL2+ Hybrid
Splitter
Line
FURTHER RESOURCES
DIGITAL HOME AND BUSINESS SOLUTIONS
www.pmc-sierra.com/digital-home
RESIDENTIAL GATEWAY FAMILY SOLUTIONS
www.pmc-sierra.com/residential-gateway
TECHNICAL DOCUMENTATION
www.pmc-sierra.com/products/DocFind.html
Corporate Head Office: PMC-Sierra, Inc. Mission Towers One 3975 Freedom Circle Santa Clara, CA, 95054, U.S.A. Tel: 1.408.239.8000 Fax: 1.408. 492.1157
Operations Head Office: PMC-Sierra, Inc. 100-2700 Production Way Burnaby, BC V5A 4X1 Canada Tel: 1.604.415.6000 Fax: 1.604.415.6200
PMC-2061394 [p1] (c) Copyright PMC-Sierra, Inc. 2006. All rights reserved. For a complete list of PMC-Sierra's trademarks , visit www.pmc-sierra.com/legal/. Other product and company names mentioned herein may be the trademarks of their respective owners. For corporate information, send email to: info@pmc-sierra.com. All product documentation is available on our web site at: www.pmc-sierra.com.


▲Up To Search▲   

 
Price & Availability of PM4381

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X