Part Number Hot Search : 
CY7C21 EL7114CN SX123110 2SAR553P DR204 T6336A DG411DJ TPAM05S
Product Description
Full Text Search
 

To Download OM6021SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
OM6021SC OM6023SC OM6022SC OM6024SC
POWER MOSFETS IN HERMETIC PACKAGE
100V Thru 500V, Up To 35 Amp, N-Channel Power MOSFETs In JEDEC TO-259AA Package
FEATURES
* * * *
Isolated Side-Tab Hermetic Metal Package Fast Switching, Low Drive Current Ease of Paralleling For Added Power Low RDS(on) * Available Screened To MIL-S-19500, TX, TXV And S Levels
DESCRIPTION
This series of hermetically packaged products feature the latest advanced MOSFET and packaging technology. They are ideally suited for Military requirements where small size, high performance and high reliability are required, and in applications such as switching power supplies, motor controls, inverters, choppers, audio amplifiers and high energy pulse circuits.
MAXIMUM RATINGS
PART NUMBER OM6021SC OM6022SC OM6023SC OM6024SC VDS 100V 200V 400V 500V RDS(ON) .065W .095W .3W .4W ID 35A 30A 15A 13A
3.1
SCHEMATIC
PIN CONNECTION
1 Drain 2 Source 3 Gate 1 2 3
4 11 R2 Supersedes 1 08 R1
3.1 - 89


▲Up To Search▲   

 
Price & Availability of OM6021SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X