Part Number Hot Search : 
A1193 P6KE350A 476M0 S3503 S541A A51BD P6KE350A BL758L
Product Description
Full Text Search
 

To Download OCO-M36AS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 OCO-M36AS
Through hole OCXO Sine wave
Features
Applications: CDMA, 3G, networking, instrumentation High frequency stability vs. temperature (up to 1 x 10-10) Wide operating temperature range: -40 up to +85 C Low aging
Parameter
Frequency range Standard frequencies Frequency stability vs. operating temperature range vs. supply voltage change vs. load change vs. aging after 30 days of operation Short term stability Output waveform Output load Supply voltage Steady state current consumption @ +25 C Warm-up time Frequency pulling range Vcontrol (Vc) via external voltage Reference voltage output (Vref) Phase noise @ 10 MHz carrier frequency & Vdc = 12 V
Specification OCO-M36AS5 OCO-M36AS12
8.1920 ~ 20.0000 MHz 10.00, 12.80, 13.00, 16.384 & 20.00 MHz 1.0 x 10-9 over -40 ~ +85 C 7.5 x 10-10 over -20 ~ +70 C -10 5.0 x 10 over -10 ~ +60 C 5 x 10-10 5 % -10 5 x 10 5 % -8 3 x 10 1st year < 5 x 10-12 Allan deviation per 1 s sine wave > 300 mV (rms) sine wave > 9 dBm 50 5 % +5.0 V 5 % +12 V 5 % < 400 mA < 150 mA < 3 min < 2 x 10-8 @ +25 C > 4 x 10-7 positive slope 0 ~ +4.5 V 0 ~ +5.0 V +4.5 V +5.0 V < -125 dBc/Hz @ 10 Hz < -145 dBc/Hz @ 100 Hz < -150 dBc/Hz @ 1 kHz < -155 dBc/Hz @ 10 kHz
Harmonics suppression
Operating temperature range Storage temperature range -10 ~ +60 C,
> -30 dBc
-20 ~ +70 C, -40 ~ +70 C -55 ~ +85 C or -40 ~ +85 C
Case height (H) Environmental test
vibration shock
10.0, 12.7 or 16.0 mm
acceleration: 5 g; 10 Hz up to 200 Hz and down to 10 Hz; all 3 axes, 4.5 h/axis 75 g, half-sine, 3 ms (3 shocks each, 6 directions)
Pin function 1# 2# 3# 4# 5# Vc Vref Vdc RF output GND
Circuit diagram
CBP = 0.01 mF
www..com
Zout = 50
2002/95/EC RoHS compliant
QuartzCom AG sales@quartzcom.com www.quartzcom.com QuartzCom Asia sales-asia@quartzcom.com QuartzCom USA sales-usa@quartzcom.com
12 May. 10


▲Up To Search▲   

 
Price & Availability of OCO-M36AS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X