Part Number Hot Search : 
8002A FQP2P40 MB200 XR2203 AC08DSMA F12C20 MPC17510 243BDR
Product Description
Full Text Search
 

To Download NF2000C-RQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NF2000C-RQ Series
Single Phase 500VAC
Up to 250A/Standard of single phase
Application
UPS/Inverter
Specifications Part No. NF2010C-RQ NF2020C-RQ NF2030C-RQ NF2040C-RQ NF2050C-RQ NF2060C-RQ NF2080C-RQ NF2100C-RQ NF2150C-RQ NF2200C-RQ NF2250C-RQ Rated Current 10A 20A 30A 40A 50A 60A 80A 100A 150A 200A 250A Weight Dimensions [mm] A B C D E F 70 70 70 G 16 16 16 22 22 22 H 50 50 50 70 70 70 J 20 20 20 25 25 25 20 20 63 63 103 M10 M10 R2.75 L7 R2.25 L6 K L dia.4.5 dia.4.5 dia.4.5 dia.5.5 dia.5.5 dia.5.5 R2.75 L7 R2.75 L7 R3.25 L8 M8 M8 M M4 M4 M4 M5 M6 M6 N M4 M4 M4 M4 M4 M4 P
0.5Kg 154 140 125 110 95 0.6Kg 154 140 125 110 95 0.6Kg 154 140 125 110 95
1.3Kg 180 160 145 130 110 80 1.5Kg 180 160 145 130 110 80 1.5Kg 180 160 145 130 110 80
4.5Kg 205 180 165 150 120 90 28.5 90 7.5Kg 205 180 165 150 120 90 28.5 90
dia.5.5 M8 M6 dia.5.5 M8 M6 dia.6.5 M8 M6
16Kg 255 230 215 200 170 140 28.5 130 20 18Kg 420 400 310 100 170 210 20Kg 420 400 310 100 170 210 7 7 155 115 155 115
Rated Voltage 500VAC Leakage Current fig1 (10-60A) 3.0mA
www.DataSheet.in
fig2 (80,100,150A)
fig3 (200,250A)
www.DataSheet.in
Frequency Data
Circuit Diagram
www.DataSheet.in
www.DataSheet.in


▲Up To Search▲   

 
Price & Availability of NF2000C-RQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X