Part Number Hot Search : 
LM148D 74LS86N ML5805 AN7415S HMC395 BTA08 221NA MBR150
Product Description
Full Text Search
 

To Download MURA105 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
MURA105, MURA110
PRV : 50 - 100 Volts Io : 1.0 Ampere
FEATURES :
* * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Super fast recovery time Pb / RoHS Free
SURFACE MOUNT ULTRAFAST RECTIFIERS
SMA (DO-214AC)
5.0 0.15
4.5 0.15
1.1 0.3
1.2 0.2 2.6 0.15 2.1 0.2
0.2 0.07
MECHANICAL DATA :
* * * * * * Case : SMA Molded plastic Epoxy : UL94V-O rate flame retardant Lead : Lead Formed for Surface Mount Polarity : Color band denotes cathode end Mounting position : Any Weight : 0.067 gram
2.0 0.2
Dimensions in millimeter
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Rating at 25 C ambient temperature unless otherwise specified. .com Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
DataShee
RATING Maximum Peak Repetitive Reverse Voltage Maximum Working Peak Reversr Voltage Maximum DC Blocking Voltage Maximum Average Rectified Forward Current
SYMBOL VRRM VRWM VDC IF(AV)
MURA105 50 50 50
MURA110 100 100 100
UNIT V V V V
1.0 ( TL = 155 C ) 2.0 ( TL = 135 C )
Maximum Non-Repetitive Peak Surge Current (Surge Applied at Rate Load Conditions Halfwave, Single Phase, 60 Hz) Maximum Instantaneous Forward Voltage at IF = 1.0 A (Note 1) Maximum Instantaneous Reverse Current (Note 1) (Rated dc Voltage) Thermal Resistance, Junction to Lead (Note 2) Thermal Resistance, Junction to Ambient (Note 2) Maximum Reverse Recovery Time (IF=1.0A, di/dt = 50A/s) Operating Junction Temperature Range TJ - 65 to + 175 C VF IR IR(H) RJL RJA
Trr
IFSM
50 0.875 (TJ = 25C) 0.66 (TJ = 150C) 2.0 (TJ = 25C) 50 (TJ = 150C) 24 216 30
A
V A C/W C/W ns
Notes :
(1) Pulse Test : Pulse Width = 300 s, Duty Cycle 2.0 %. (2) Rating Applies when surface mounted on the minimum pad size recommended, PC Board FR-4.
.com
Page 1 of 2 Rev. 01 : September 10, 2005
ataSheet 4 U .com
www..com
RATING AND CHARACTERISTIC CURVES ( MURA105, MURA110 )
FIG.1 - CURRENT DERATING, LEAD
FIG.2 - MAXIMUM CAPACITANCE
AVERAGE RECTIFIED FORWARD CURRENT, AMPERES
4.0 dc
60 NOTE : MAXIMUM CAPACITANCE AT 0 V = 48 pF
C , CAPACITANCE, pF
140 150 160 170 180 190
3.0
45
2.0 SQUARE WAVE 1.0
30
15
0 100 110 120 130
0 0 4 8 12 16 20 24 28 32 36 40
LEAD TEMPERATURE, ( C)
VR, REVERSE VOLTAGE, VOLTS
FIG.3 - MAXIMUM INSTANTANEOUS FORWARD VOLTAGE
10
FIG. 4 - MAXIMUM REVERSE CURRENT
100
1
10 .com TJ = 100 C TC = 175 C = 100 C = 25C
0.1
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
t4U.com
INSTANTANEOUS FORWARD CURRENT, AMPERES
TJ = 175 C
1.0
TJ = 25 C
0.01 0.3
0.1 0 25 50 75 100
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLT
AVERAGE POWER DISSIPATION, WATT
FIG. 5 - POWER DISSIPATION
3.2 2.8 2.4 2.0 1.6 1.2 0.8 0.4 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 SQUARE WAVE dc TJ = 175 C
.
AVERAGE FORWARD CURRENT, AMPERES
.com
Page 2 of 2 Rev. 01 : September 10, 2005
ataSheet4 U .com


▲Up To Search▲   

 
Price & Availability of MURA105

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X