Part Number Hot Search : 
BT827A U60D60A 3RF40 XC9536 AAMDB 74V1T86S 90121 M358D
Product Description
Full Text Search
 

To Download ML101J18 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI LASER DIODES
ML1XX18 SERIES
FOR OPTICAL INFORMATION SYSTEMS
TYPE NAME
ML101J18, ML120G18
FEATURES
a laser high-power, which high-efficient a AlGaInP single *High Output Power: 100mW (Pulse) * High Efficiency: 1.0W/A (typ.) * Visible Light: 658nm (typ.) * Low Astigmatic Distance: 1m (typ.) provides stable, is
DESCRIPTION
ML1XX18 semiconductor
transverse mode oscillation with emission wavelength of 658nm and standard pulse light output of 100mW. ML1XX18 has a real-index-waveguide which improves the slope efficiency (reduction of the operating current) and the astigmatic distance. Also, ML1XX18 has a window-mirror-facet which improves the maximum output power. That leads to highly reliable and high-power operation.
APPLICATION
Portable High-Density Optical Disc Drives Re-Writable DVD Drives
ABSOLUTE MAXIMUM RATINGS (Note 1)
Symbol
www..com
Parameter Light output power
Conditions CW
Ratings 60
Unit mW
Po VRL Tc Tstg
Pulse(Note 2) Reverse voltage Case temperature Storage temperature -
100 2 -10 ~ +70 -40 ~ +100 V C C
Note1: The maximum rating means the limitation over which the laser should not be operated even instant time. This does not mean the guarantee of its lifetime. As for the reliability, please refer to the reliability report issued by Quality Assurance Section, HF & Optical Semiconductor Division, Mitsubishi Electric Corporation. Note2: TARGET SPEC /Condition Duty Cycle: less than 50%, pulse width: less than 100ns
ELECTRICAL/OPTICAL CHARACTERISTICS (Tc=25C)
Symbol Ith Iop Vop Parameter Threshold current Operating current Operating voltage Slope efficiency Peak wavelength Beam divergence angle (parallel) Beam divergence angle (perpendicular) Test conditions CW CW, Po=50mW CW, Po=50mW CW, Po=50mW CW, Po=50mW CW, Po=50mW CW, Po=50mW Min. 654 7 17 Typ. 45 95 2.5 1.0 658 9 19 Max 3.0 662 12 22 Unit mA mA V mW/mA nm
p //
As of Jun. `02
MITSUBISHI ELECTRIC
(1/3)
MITSUBISHI LASER DIODES
ML1XX18 SERIES
FOR OPTICAL INFORMATION SYSTEMS
OUTLINE DRAWINGS
90 2
ML101J18 ML120G18
0.4 +0.1 -0
Dimentions in mm 2.0 (P. C. D. )
(1)
x 0.4+0.1 -0
(3) CASE LD
(Glass)
1.0 0.1 5.6+0 -0.03 4.4 3.55 1.6
(2)
ML101J18
0.25
0.03
(1)
Reference plane
2.3
0.3
1.2
0.1
1.27
(3) CASE
0.08
LD
3-0.45
7.0 1
(2)
(1) (3) (2)
ML120G18
There is no model with a monitor photo diode in ML1XX18 series.
As of Jun. `02
MITSUBISHI ELECTRIC
(2/3)
MITSUBISHI LASER DIODES
ML1XX18 SERIES
FOR OPTICAL INFORMATION SYSTEMS
TENTATIVE CHARACTERISTICS (Reference Data)
Tc=25 40 50 60 70 C
Light Output Power, Po (mW)
100
80
60
Pulse
(tp: 100ns, Duty: 50%)
40
20
0
0
50
100
150
200
250
300
Current (mA) Light Output Power vs. Current (Pulse)
1
Relative Intensity (a.u.)
Po=50mW Tc=25C, CW
0.8
0.6
//
0.4
0.2
0 -60 -40 -20 0 20 40 60
Angle ( ) Far Field Patterns
As of Jun. `02
MITSUBISHI ELECTRIC
(3/3)


▲Up To Search▲   

 
Price & Availability of ML101J18

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X