Part Number Hot Search : 
60116 STX6904 G510580 TS556C LV102 HER156 99018 W005M
Product Description
Full Text Search
 

To Download MJ1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
MJ1000/1001
www..com
DESCRIPTION *With TO-3 package *DARLINGTON *High DC current gain *Complement to type MJ900/901 APPLICATIONS *For use as output devices in complementary general purpose amplifier applications PINNING(see Fig.2)
PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL PARAMETER MJ1000 VCBO Collector-base voltage MJ1001 MJ1000 VCEO Collector-emitter voltage MJ1001 VEBO IC IB PD Tj Tstg Emitter-base voltage Collector current Base current Total power dissipation Junction temperature Storage temperature TC=25 Open collector Open base 80 5 10 0.1 90 200 -55~200 V A A W Open emitter 80 60 V CONDITIONS VALUE 60 V UNIT
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER MJ1000 IC=0.1A ;IB=0 MJ1001 IC=3A; IB=12mA IC=8A; IB=40mA IC=3A ; VCE=3V MJ1000 ICER Collector cut-off current MJ1001 MJ1000 ICEO Collector cut-off current MJ1001 IEBO hFE-1 hFE-2 Emitter cut-off current DC current gain DC current gain VCE=40V; IB=0 VEB=5V; IC=0 IC=3A ; VCE=3V IC=4A ; VCE=3V VCE=60V; RBE=1.0k@ TC=150 VCE=80V; RBE=1.0k@ TC=150 VCE=30V; IB=0 80 CONDITIONS
www..com
MJ1000/1001
SYMBOL
MIN 60
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
V
VCE(sat)-1 VCE(sat)-2 VBE
Collector-emitter saturation voltage Collector-emitter saturation voltage Base-emitter on voltage
2.0 4.0 2.5 1.0 5.0 1.0 5.0
V V V
mA
0.5
mA
2.0 1000 750
mA
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 1.94 UNIT /W
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
MJ1000/1001
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJ1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X