Part Number Hot Search : 
1212121 1212121 0D511K SHD12 46010 E1307 T5100150 P20N65
Product Description
Full Text Search
 

To Download MAX5060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3583; Rev 2; 7/05
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
General Description
The MAX5060/MAX5061 pulse-width modulation (PWM) DC-DC controllers provide high-output-current capability in a compact package with a minimum number of external components. These devices utilize an average-current-mode control that enables optimal use of low RDS(ON) MOSFETs, eliminating the need for external heatsinks even when delivering high output currents. Differential sensing (MAX5060) enables accurate control of the output voltage, while adaptive voltage positioning provides optimum transient response. An internal regulator enables operation with 4.75V to 5.5V or 7V to 28V input voltage ranges. The high switching frequency, up to 1.5MHz, allows the use of low-output inductor values and input capacitor values. This accommodates the use of PC-board-embedded planar magnetics. The MAX5060 features a clock output with 180 phase delay to control a second out-of-phase converter for lower capacitor ripple currents. The MAX5060 also limits the reverse current if the bus voltage becomes higher than the regulated output voltage. The MAX5060 is specifically designed to limit current sinking when multiple power-supply modules are paralleled. The www..com MAX5060/MAX5061 offer an adjustable 0.6V to 5.5V output voltage. The MAX5060 offers an overvoltage protection, power-good signal, and an output enable function. The MAX5060/MAX5061 operate over the automotive temperature range (-40C to +125C). The MAX5060 is available in a 28-pin thin QFN package while the MAX5061 is available in a 16-pin TSSOP package.
Features
4.75V to 5.5V or 7V to 28V Input Voltage Range Adjustable Output Voltage from 0.6V to 5.5V Up to 30A Output Current Can Parallel Outputs For Higher Output Current Programmable Adaptive Output Voltage Positioning True-Differential Remote Output Sensing (MAX5060) Average-Current-Mode Control * Superior Current Sharing Between Paralleled Modules * Accurate Current Limit Eliminates MOSFET and Inductor Derating Limits Reverse Current Sinking in Paralleled Modules (MAX5060) Programmable Switching Frequency from 125kHz to 1.5MHz Integrated 4A Gate Drivers Clock Output for 180 Out-of-Phase Operation (MAX5060) Voltage Signal Proportional to Output Current for Load Monitoring (MAX5060) Output Overvoltage Crowbar Protection (MAX5060) Programmable Hiccup Current-Limit Threshold and Response Time Overtemperature Thermal Shutdown
MAX5060/MAX5061
Applications
Servers and Workstations Point-of-Load Telecom DC-DC Regulators Networking Systems RAID Systems High-End Desktop Computers
Ordering Information
PART MAX5060ATI MAX5060ETI MAX5061EUE TEMP RANGE -40C to +125C -40C to +85C -40C to +85C PIN-PACKAGE 28 TQFN-EP* 28 TQFN-EP* 16 TSSOP-EP* 16 TSSOP-EP* PKG CODE T2855-3 T2855-3 U16E-3 U16E-3
Selector Guide
PART OUTPUT Average-Current-Mode DC-DC Controller for 5V/12V/24V Input Bus with CLKOUT, Load Monitoring, Overvoltage, EN Input, SYNC Input, and PGOOD Output Average-Current-Mode DC-DC Controller for 5V/12V/24V Input with SYNC/ENABLE Input
MAX5060
MAX5061AUE -40C to +125C
*EP = Exposed pad. Pin Configurations appear at end of data sheet.
MAX5061
________________________________________________________________ Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
ABSOLUTE MAXIMUM RATINGS
IN to SGND.............................................................-0.3V to +30V BST to SGND..........................................................-0.3V to +35V DH to LX .......................................-0.3V to [(VBST - VLX_) + 0.3V] DL to PGND (MAX5060).............................-0.3V to (VDD + 0.3V) DL to PGND (MAX5061).............................-0.3V to (VCC + 0.3V) BST to LX..................................................................-0.3V to +6V VCC to SGND............................................................-0.3V to +6V VCC, VDD to PGND ...................................................-0.3V to +6V SGND to PGND .....................................................-0.3V to +0.3V Current Sink in PGOOD ........................................................6mA *Per JEDEC 51 standard.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
All Other Pins to SGND...............................-0.3V to (VCC + 0.3V) Continuous Power Dissipation (TA = +70C) 16-Pin TSSOP (derate 21.3mW/C above +70C)* ......1702mW 28-Pin TQFN (derate 34.5mW/C above +70C)* ......2758mW Operating Temperature Range MAX5060A_ _ and MAX5061A_ _ .................-40C to +125C MAX5060E_ _ and MAX5061E_ _ ....................-40C to +85C Maximum Junction Temperature .....................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
ELECTRICAL CHARACTERISTICS
(VCC = 5V, VDD = VCC (MAX5060 only), TA = TJ = TMIN to TMAX, unless otherwise noted. Typical specifications are at TA = +25C.) (Note 1)
PARAMETER SYSTEM SPECIFICATIONS 7 Input Voltage Range Quiescent Supply Current Efficiency OUTPUT VOLTAGE SENSE+ to SENSE- Accuracy (MAX5060) (Note 2) Soft-Start Time EAN Reference Voltage (MAX5061) STARTUP/INTERNAL REGULATOR VCC Undervoltage Lockout VCC Undervoltage Lockout Hysteresis VCC Output Voltage MOSFET DRIVERS Output-Driver Impedance Output-Driver Source/Sink Current Nonoverlap Time RON IDH_, IDL_ tNO CDH/DL = 5nF Low or high output, ISOURCE/SINK = 20mA 1.1 4 35 3 A ns VIN = 7V to 28V, ISOURCE = 0 to 60mA 4.85 UVLO VCC rising 4.1 4.3 200 5.1 5.30 4.5 V mV V tSS No load, VCC = 4.75V to 5.5V, no switching No load, VIN = 7V to 28V, no switching 0.591 0.591 No load, VCC = 4.75V to 5.5V, fSW = 500kHz No load, VIN = 7V to 28V, fSW = 500kHz 0.594 0.594 0.6 0.6 1024 0.6 0.6 0.606 0.606 0.606 0.606 Clock Cycles V V VIN IQ Short IN and VCC together for 5V input operation EN = VCC or SGND, not switching ILOAD = 20A, VIN = 12V, VOUT = 3.3V 4.75 2.7 90 28 5.50 5.5 V mA % SYMBOL CONDITIONS MIN TYP MAX UNITS
VREF
2
_______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD = VCC (MAX5060 only), TA = TJ = TMIN to TMAX, unless otherwise noted. Typical specifications are at TA = +25C.) (Note 1)
PARAMETER OSCILLATOR Switching Frequency Range RT = 500k Switching Frequency fSW RT = 120k RT = 39.9k Switching Frequency Accuracy CLKOUT Phase Shift (MAX5060) CLKOUT Output Low Level (MAX5060) CLKOUT Output High Level (MAX5060) SYNC Input-High Pulse Width SYNC Input Clock High Threshold SYNC Input Clock Low Threshold SYNC Pullup Current SYNC Power-Off Level CURRENT LIMIT Average Current-Limit Threshold Reverse Current-Limit Threshold Cycle-by-Cycle Current Limit Cycle-by-Cycle Overload Response Time Hiccup Divider Ratio Hiccup Reset Delay LIM Input Impedance CURRENT-SENSE AMPLIFIER CSP to CSN Input Resistance Common-Mode Range Input Offset Voltage Amplifier Gain 3dB Bandwidth RCS VCMR(CS) VOS(CS) AV(CS) f3dB VIN = 7V to 28V 0 0.1 34.5 4 4 5.5 k V mV V/V MHz LIM to SGND VCL VCLR CSP to CSN CSP to CSN (MAX5060) CSP to CSN VCSP to VCSN = 75mV LIM to VCM, no switching 0.547 24.0 -3.2 26.9 -2.3 60 260 0.558 200 55.9 0.565 28.2 -0.1 mV mV mV ns V/V ms k CLKOUT VCLKOUTL VCLKOUTH tSYNC VSYNCH VSYNCL ISYNC_OUT VSYNC_OFF 120k RT 500k 40k RT 120k fSW = 125kHz ISINK = 2mA ISOURCE = 2mA RT/SYNC (MAX5060), RT/SYNC/EN (MAX5061) RT/SYNC (MAX5060), RT/SYNC/EN (MAX5061) RT/SYNC (MAX5060), RT/SYNC/EN (MAX5061) VRT/SYNC = 0V (MAX5060), VRT/SYNC/EN = 0V (MAX5061) 250 4.5 200 2.0 0.4 750 0.4 125 121 495 1515 -5 -8 180 0.4 125 521 1620 1500 129 547 1725 +5 +8 % degrees V V ns V V A V kHz kHz SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX5060/MAX5061
_______________________________________________________________________________________
3
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD = VCC (MAX5060 only), TA = TJ = TMIN to TMAX, unless otherwise noted. Typical specifications are at TA = +25C.) (Note 1)
PARAMETER Transconductance Open-Loop Gain Common-Mode Voltage Range DIFF Output Voltage Input Offset Voltage Amplifier Gain 3dB Bandwidth Minimum Output-Current Drive SENSE+ to SENSE- Input Resistance Gain-Bandwidth Product 3dB Bandwidth Output Sink Current Output Source Current Maximum Load Capacitance V_IOUT Output to IOUT Transfer Function Offset Voltage VOLTAGE-ERROR AMPLIFIER (EAOUT) Open-Loop Gain Unity-Gain Bandwidth EAN Input Bias Current Error-Amplifier Output-Clamping Voltage AVOLEA fGBW VEAN = 2.0V (MAX5060) IB(EA) VEAN = 0.4V, VEAOUT = GND (MAX5061) With respect to VCM (MAX5060), with respect to SGND (MAX5061) -0.2 0.03 +0.2 A 70 3 dB MHz RSENSE = 1m, 100mV V_IOUT 5.5V 132.3 SYMBOL gC AVOL(CE) VCMR(DIFF) VCM VOS(DIFF) AV(DIFF) f3dB IOUT(DIFF) RVS VSENSE- = 0V CDIFF = 20pF 4 50 100 VSENSE+ = VSENSE- = 0V -1 0.994 1 3 No load 0 0.6 +1 1.006 CONDITIONS MIN TYP 550 50 +1.0 MAX UNITS S dB V V mV V/V MHz mA k
CURRENT-ERROR AMPLIFIER (Transconductance Amplifier)
DIFFERENTIAL VOLTAGE AMPLIFIER (DIFF, MAX5060 only)
V_IOUT AMPLIFIER (V_IOUT, MAX5060 only) VV_IOUT = 2.0V VV_IOUT = 2.0V 30 90 50 135 1 137.7 4 1.0 MHz MHz A A pF mV/A mV
VCLAMP(EA)
883
930
976
mV
POWER-GOOD AND OVERVOLTAGE PROTECTION (MAX5060 only) PGOOD Trip Level PGOOD Output Low Level PGOOD Output Leakage Current OVI Trip Threshold OVI Input Bias Current VUV VPGLO IPG OVPTH IOVI PGOOD goes low when VOUT is below this threshold ISINK = 4mA PGOOD = VCC With respect to SGND 1.244 1.276 0.2 87.5 90 92.5 0.4 1 1.308 %VOUT V A V A
4
_______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VDD = VCC (MAX5060 only), TA = TJ = TMIN to TMAX, unless otherwise noted. Typical specifications are at TA = +25C.) (Note 1)
PARAMETER ENABLE INPUTS EN Input High Voltage (MAX5060) EN Input Hysteresis (MAX5060) EN Pullup Current (MAX5060) RT/SYNC/EN Input High Voltage Enable (MAX5061) RT/SYNC/EN Input Low Voltage Disable (MAX5061) THERMAL SHUTDOWN Thermal Shutdown Thermal-Shutdown Hysteresis Temperature rising +150 30 C C IEN VRT/SYNC/EN_H VRT/SYNC/EN_L 13.5 1.6 0.4 VEN EN rising 2.437 2.5 0.28 15 16.5 2.562 V V A V V SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX5060/MAX5061
Note 1: Specifications at TA = +25C are 100% tested. Specifications over the temperature range are guaranteed by design. Note 2: Does not include an error due to finite error amplifier gain (see the Voltage-Error Amplifier section).
_______________________________________________________________________________________
5
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Typical Operating Characteristics
(TA = +25C, Figures 1 and 2, unless otherwise noted.)
EFFICIENCY vs. OUTPUT CURRENT AND INPUT VOLTAGE
MAX5060 toc01
EFFICIENCY vs. OUTPUT CURRENT AND INPUT VOLTAGE
MAX5060 toc02
EFFICIENCY vs. OUTPUT CURRENT
90 80 70 (%) 60 50 40 30 20
MAX5060 toc03
100 90 80 70 (%) VIN = 5V VIN = 12V
100 90 80 70 (%) 60 50 40 30 20 VIN = 12V VIN = 5V
100
60 50 40 30 20 10 0 0 2 4 6 8 10 12 14 16 18 20 OUTPUT CURRENT (A) VOUT = 3.3V fSW = 250kHz
10 0 0 2 4 6 8
VOUT = 0.6V fSW = 250kHz 10 12 14 16 18 20
10 0 0 2 4 6 8
VIN = 24V VOUT = 3.3V fSW = 125kHz 10 12 14 16 18 20
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
EFFICIENCY vs. OUTPUT CURRENT AND OUTPUT VOLTAGE
MAX5060 toc04
EFFICIENCY vs. OUTPUT CURRENT AND OUTPUT VOLTAGE
MAX5060 toc05
SUPPLY CURRENT (IQ) vs. FREQUENCY
EXTERNAL CLOCK NO DRIVER LOAD VIN = 24V 40 30 20 VIN = 5V 10 0 VIN = 12V
MAX5060 toc06
100 90 80 70 (%) VOUT = 0.6V
100 90 80 70 (%) 60 50 40 30 VOUT = 0.6V VOUT = 1V VOUT = 1.8V VOUT = 3.3V
60 50 SUPPLY CURRENT (mA)
60 50 40 30 20 10 0 0 2
VOUT = 1V VOUT = 1.8V VOUT = 3.3V VIN = 12V fSW = 250kHz 4 6 8 10 12 14 16 18 20 VOUT = 5V
20 10 0 0 2 4 6 8 10 12 14 16 18 20 VIN = 5V fSW = 500kHz
100
300
500
700
900
1100 1300 1500
OUTPUT CURRENT (A)
OUTPUT CURRENT (A)
FREQUENCY (kHz)
SUPPLY CURRENT vs. TEMPERATURE
MAX5060 toc07
CURRENT-SENSE THRESHOLD vs. OUTPUT VOLTAGE
MAX5060 toc08
HICCUP CURRENT LIMIT vs. REXT
MAX5060 toc09
70
29.0 28.5 (VCSP - VCSN) (mV) 28.0 27.5 27.0 26.5 26.0
26.0 25.5 CURRENT LIMIT (A) 25.0 24.5 24.0 23.5 23.0 VIN = 12V fSW = 250kHz R1 = 1m VOUT = 1.5V 0 4 8 12 16
68 SUPPLY CURRENT (mA)
66
64
62
VIN = 12V fSW = 250kHz CDL/CDH = 22nF -40 -15 10 35 60 85
60 TEMPERATURE (C)
VIN = 12V fSW = 250kHz 0 1 2 VOUT (V) 3 4 5
20
REXT (M)
6
_______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Typical Operating Characteristics (continued)
(TA = +25C, Figures 1 and 2, unless otherwise noted.)
OUTPUT VOLTAGE vs. OUTPUT CURRENT AND ERROR AMPLIFIER GAIN (RF/RIN)
1.600 1.575 1.550 1.525 1.500 1.475 1.450 1.425 1.400 1.375 1.350 1.325 1.300 0 RF/RIN = 10 VIN = 12V fSW = 250kHz VOUT = 1.5V 2 4 6 8 10 12 14 16 18 20
MAX5060 toc10
MAX5060/MAX5061
V_IOUT VOLTAGE vs. LOAD CURRENT
MAX5060 toc11
VCC LOAD REGULATION vs. INPUT VOLTAGE
MAX5060 toc12
3.0 2.5 2.0 VV_IOUT (V) 1.5 1.0 0.5 0 0
RF/RIN = 40 RF/RIN = 20
VOUT = 3.3V R1 = 1m MAX5060 VIN = 12V
5.25
5.15 VIN = 24V VCC (V) 5.05 VIN = 12V
OUTPUT VOLTAGE (V)
VIN = 7V
4.95 VIN = 24V 4.85 VIN = 5V
5
10 LOAD CURRENT (A)
15
20
4.75 0 25 50 75 100 125 150 VCC LOAD CURRENT (mA)
OUTPUT CURRENT (A)
DRIVER RISE TIME vs. DRIVER LOAD CAPACITANCE
MAX5060 toc13
DRIVER FALL TIME vs. DRIVER LOAD CAPACITANCE
VIN = 12V fSW = 250kHz
MAX5060 toc14
HIGH-SIDE DRIVER (DH) SINK AND SOURCE CURRENT
MAX5060 toc15
100
VIN = 12V fSW = 250kHz
100
CLOAD = 22nF VIN = 12V
80
80
tR (ns)
tF (ns)
60 DL 40 DH
60 DL 40 DH 20 2A/div
20
0 1 6 11 16 21 CAPACITANCE (nF)
0 1 6 11 16 21 100ns/div CAPACITANCE (nF)
LOW-SIDE DRIVER (DL) SINK AND SOURCE CURRENT
MAX5060 toc16
HIGH-SIDE DRIVER (DH) RISE TIME
MAX5060 toc17
HIGH-SIDE DRIVER (DH) FALL TIME
MAX5060 toc18
CLOAD = 22nF VIN = 12V
CLOAD = 22nF VIN = 12V
CLOAD = 22nF VIN = 12V
3A/div
2V/div
2V/div
100ns/div
40ns/div
40ns/div
_______________________________________________________________________________________
7
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Typical Operating Characteristics (continued)
(TA = +25C, Figures 1 and 2, unless otherwise noted.)
LOW-SIDE DRIVER (DL) RISE TIME
MAX5060 toc19
LOW-SIDE DRIVER (DL) FALL TIME
MAX5060 toc20
OUTPUT RIPPLE
MAX5060 toc21
CLOAD = 22nF VIN = 12V
CLOAD = 22nF VIN = 12V
VIN = 12V VOUT = 1.5V IOUT = 20A
2V/div
2V/div
50mV/div
40ns/div
40ns/div
1s/div
INPUT STARTUP RESPONSE
MAX5060 toc22
ENABLE STARTUP RESPONSE
MAX5060 toc23
LOAD-TRANSIENT RESPONSE
MAX5060 toc24
VIN = 12V VOUT = 1.5V IOUT = 20A
VPGOOD 5V/div
VPGOOD 5V/div VOUT 2V/div
VOUT 200mV/div
VOUT 2V/div
VIN 5V/div 2ms/div 2ms/div
VIN = 12V VOUT = 1.5V IOUT = 20A
VEN 2V/div 0
VIN = 12V VOUT = 3.3V ISTEP = 5A TO 20A SLEW = 2A/s 100s/div
IOUT 10A/div
REVERSE CURRENT SINK vs. TEMPERATURE
VIN = 12V V0UT = 1.5V R1 = 1m VEXTERNAL = 3.3V 2.0
MAX5060 toc25
REVERSE CURRENT SINK AT INPUT TURN-ON (VIN = 12V, VOUT = 1.5V, VEXTERNAL = 2.0V)
MAX5060 toc26
REVERSE CURRENT SINK AT INPUT TURN-ON (VIN = 12V, VOUT = 1.5V, VEXTERNAL = 3.3V)
MAX5060 toc27
2.4
2.2 SINK CURRENT (A)
2A/div 1.8 VEXTERNAL = 2V
5A/div
1.6
1.4 -40 -15 10 35 60 85 200s/div 200s/div TEMPERATURE (C)
8
_______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Typical Operating Characteristics (continued)
(TA = +25C, Figures 1 and 2, unless otherwise noted.)
REVERSE CURRENT SINK AT ENABLE TURN-ON (VIN = 12V, VOUT = 1.5V, VEXTERNAL = 2.0V)
MAX5060 toc28
MAX5060/MAX5061
REVERSE CURRENT SINK AT ENABLE TURN-ON (VIN = 12V, VOUT = 1.5V, VEXTERNAL = 3.3V)
MAX5060 toc29
FREQUENCY vs. RT
VIN = 12V
MAX5060 toc30
10,000
2A/div
fSW (kHz)
5A/div
1000
100 200s/div 200s/div 30 70 110 150 190 230 270 310 RT (k) 350 390 430 470 510
FREQUENCY vs. TEMPERATURE
258 256 254 fSW (kHz) 252 250 248 246 244 242 240 -40 -15 10 35 60 85 VIN = 12V
MAX5060 toc31
OUTPUT SHORT-CIRCUIT WAVEFORM
MAX5060 toc32
260
VIN = 12V VOUT = 3.3V
CEN = 0.47F RLIM = OPEN IOUT 10A/div
VOUT 2V/div EN 2V/div 40ms/div
TEMPERATURE (C)
SYNC, CLKOUT, AND LX WAVEFORM
MAX5060 toc33
SYNC 5V/div
CLKOUT 5V/div VIN = 12V fSW = 250kHz LX 10V/div
1s/div
_______________________________________________________________________________________
9
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Pin Description
PIN MAX5060 1 2, 7 3 4 MAX5061 3 8 4 5 NAME PGND N.C. DL BST FUNCTION Power Ground. Connect PGND, low-side synchronous MOSFET's source, and VDD (MAX5060)/VCC (MAX5061) bypass capacitor returns together. No Connection. Not internally connected. Low-Side Gate-Driver Output. Synchronous MOSFET gate driver. Boost Flying-Capacitor Connection. Reservoir capacitor connection for the highside MOSFET driver supply. Connect a 0.47F ceramic capacitor between BST and LX. Inductor Connection. Source connection for the high-side MOSFETs. Also serves as the return terminal for the high-side driver. High-Side Gate-Driver Output. Drives the gate of the high-side MOSFET. Signal Ground. Ground connection for the internal control circuitry. Connect SGND and PGND together at one point near the input bypass capacitor return. Oscillator Output. Rising edge of CLKOUT is phase-shifted from rising edge of DH by 180. Power-Good Output. PGOOD is an open-drain output that goes low when the programmed output voltage falls out of regulation. The power-good comparator threshold is 90% of the programmed output voltage. Output Enable. Drive EN high or leave unconnected for normal operation. Drive EN low to shut down the power drivers. EN has an internal 15A pullup current. Connect a capacitor from EN to SGND to program the hiccup mode duty cycle. Switching Frequency Programming and Chip-Enable Input. Connect a resistor from RT/SYNC to SGND to set the internal oscillator frequency. Drive RT/SYNC externally to synchronize the switching frequency with system clock. Voltage-Source Output Proportional to the Output Load Current. The voltage at V_IOUT is 135 x ILOAD x RS. Current-Limit Setting Input. Connect a resistor from LIM to SGND to set the hiccup current-limit threshold. Connect a capacitor from LIM to SGND to ignore short output overcurrent pulses. Overvoltage Protection Circuit Input. Connect OVI to DIFF. When OVI exceeds +12.7% above the programmed output voltage, DH is latched low and DL is latched high. Toggle EN low to high or recycle the power to reset the latch. Current-Error-Amplifier Output. Compensate the current loop by connecting an RC network to ground.
5 6 8, 22, 25 9
6 7 16 --
LX DH SGND CLKOUT
10
--
PGOOD
11
--
EN
12
--
RT/SYNC
13
--
V_IOUT
14
10
LIM
15
--
OVI
16
11
CLP
10
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Pin Description (continued)
PIN MAX5060 17 MAX5061 12 NAME FUNCTION Voltage-Error-Amplifier Output. Connect to the external gain-setting feedback resistor. The error-amplifier gain-setting resistors determine the amount of adaptive voltage positioning. Voltage-Error-Amplifier Inverting Input. Receives a signal from the output of the differential remote-sense amplifier (MAX5060). Connect the center tap of the resistor-divider from the output to SGND (MAX5061). Differential Remote-Sense Amplifier Output. DIFF is the output of a precision unity-gain amplifier whose inputs are SENSE+ and SENSE-. Current-Sense Differential Amplifier Negative Input. The differential voltage between CSN and CSP is amplified internally by the current-sense amplifier (gain = 34.5) to measure the inductor current. Current-Sense Differential Amplifier Positive Input. The differential voltage between CSP and CSN is amplified internally by the current-sense amplifier (gain = 34.5) to measure the inductor current. Differential Output-Voltage-Sensing Negative Input. SENSE- is used to sense a remote load. Connect SENSE- to VOUT- or PGND at the load. Differential Output-Voltage-Sensing Positive Input. SENSE+ is used to sense a remote load. Connect SENSE+ to VOUT+ at the load. The device regulates the difference between SENSE+ and SENSE- according to the preset reference voltage of 0.6V. Supply Voltage Connection. Connect IN to VCC for a +5V system. Internal +5V Regulator Output. VCC is derived from the IN voltage. Bypass VCC to SGND with 4.7F and 0.1F ceramic capacitors. For MAX5061, connect an additional 0.1F bypass capacitor from VCC to PGND. Supply Voltage for Low-Side and High-Side Drivers. Connect a parallel combination of 0.1F and 1F ceramic capacitors to PGND and a 1 resistor to VCC to filter out the high peak currents of the driver from the internal circuitry. Switching Frequency Programming and Chip-Enable Input. Connect a resistor from RT/SYNC/EN to SGND to set the internal oscillator frequency. Drive RT/SYNC/EN externally to synchronize the switching frequency with system clock. If RT/SYNC/EN is held low for 50s, the device turns off the output drivers. Exposed Paddle. Connect the exposed paddle to a copper pad (SGND) to improve power dissipation.
MAX5060/MAX5061
EAOUT
18
13
EAN
19
--
DIFF
20
14
CSN
21
15
CSP
23
--
SENSE-
24
--
SENSE+
26 27
1 2
IN VCC
28
--
VDD
--
9
RT/SYNC/EN
--
--
EP
______________________________________________________________________________________
11
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Typical Application Circuit
VIN = 12V C1, C2 R13 IN C3 VIN REXT C4 LX EN ON OFF V_IOUT (VOLTAGE IOUT) C5 V_IOUT RIN OVI DIFF EAN EAOUT RF CLP VDD RT/ PGND SGND PGOOD SYNC C8 R3 DL Q2 D1 LOAD BST VCC C10 C11 D3 C12 C12 C13 VOUT = 0.6V TO 5.5V AT 20A IN LIM SENSE- SENSE+ CSN CSP DH Q1 C3-C7 L1 R1 RL RH
MAX5060
SYNC R5 C6 C7 R11
PGOOD
Figure 1. Typical Application Circuit, VIN = 12V (MAX5060)
12
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Typical Application Circuit (continued)
VIN = 12V
MAX5060/MAX5061
C1, C2 R13 IN C3 IN SYNC RT RT/SYNC/EN CSN CSP RC2 DH LX Q1 C13-C16 L1 C12 D1 LOAD C4 LIM BST C5 VCC R5 CLP C6 PGND SGND EAN EAOUT RF RH C7* C8 C9 D3 VCC R1 C10 VOUT = 0.6V TO 5.5V AT 20A C11 VIN VCC RC1 C13*
OFF ON
MAX5061
REXT
DL
Q2
RL * USE C13 = 47pf AND C7 = 4.7F/6.3V (CERAMIC).
Figure 2. Typical Application Circuit, VIN = +12V (MAX5061)
______________________________________________________________________________________
13
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Block Diagram
VCC
IS EN 0.5V x VCC IN VCC LIM 5V LDO REGULATOR TO INTERNAL CIRCUITS UVLO POR TEMP SENSOR HICCUP MODE CURRENT LIMIT 126.7k 100k S Q RT
VCM
MAX5060
CLP CSP CSN AV = 4 V_IOUT SGND VCLAMP LOW VCLAMP HIGH AV = 34.5 CA gm = 500S CEA
0.5 x VCLAMP Ct VCM
R
Q
VDD PWM COMPARATOR CPWM
BST S Q DH LX R Q DL
RAMP
2 x fS (V/s) RT/SYNC CLK OSCILLATOR
CLKOUT DIFF SENSESENSE+ EAOUT EAN ERROR AMP VEA LATCH SOFTSTART OVP COMP VREF = 0.6V CLEAR ON UVLO RESET OR ENABLE LOW DIFF AMP +0.6V N 0.1 x VREF RAMP GENERATOR PGND
PGOOD
0.12 x VREF
OVP LATCH
VCM (0.6V)
OVI
Figure 3. Functional Diagram (MAX5060) 14 ______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Block Diagram (continued)
VCC
MAX5060/MAX5061
IS
0.5V x VCC IN VCC LIM 5V LDO REGULATOR TO INTERNAL CIRCUITS UVLO POR TEMP SENSOR HICCUP MODE CURRENT LIMIT 126.7k 100k S Q RT
VCM
MAX5061
CLP CSP CSN AV = 34.5 CA gm = 500S CEA VCLAMP HIGH SGND
0.5 x VCLAMP Ct VCM
R
Q
PWM COMPARATOR CPWM S Q
VCC
BST DH LX
RAMP
RT/SYNC/EN
OSCILLATOR
CLK
2 x fS (V/s) R Q
DL
RAMP GENERATOR
PGND
EAOUT EAN ERROR AMP VEA
SOFTSTART
VREF = 0.6V
Figure 4. Functional Diagram (MAX5061) ______________________________________________________________________________________ 15
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Detailed Description
The MAX5060/MAX5061 are high-performance averagecurrent-mode PWM controllers. The average-currentmode control technique offers inherently stable operation, reduces component derating and size by accurately controlling the inductor current. This also improves the current-sharing accuracy when paralleling multiple converters. The devices achieve high efficiency, at high current (up to 30A) with a minimum number of external components. The high- and low-side drivers source and sink up to 4A for lower switching frequencies while driving high-gate-charge MOSFETs. The MAX5060's CLKOUT output is 180 out-of-phase with respect to the high-side driver. The CLKOUT drives a second MAX5060 or a MAX5061 regulator out-ofphase, reducing the input capacitor ripple current and increasing the load current capacity. The paralleling capability of the MAX5060/MAX5061 improves design flexibility in applications requiring upgrades (higher load). The MAX5060/MAX5061 consist of an inner averagecurrent-loop controlled by an outer-voltage-loop voltageerror amplifier (VEA). The combined action of the inner current loop and outer voltage loop corrects the output voltage errors by adjusting the inductor current. The inductor current is sensed across a current-sense resistor. The differential amplifier (MAX5060) senses the output right at the load for true-differential output voltage sensing. The sensed voltage is compared against internal 0.6V reference at the error-amplifier input. The output voltage can be set from 0.6V to 5.5V (IN 7V) using a resistor-divider at SENSE+ and SENSE-. one or more 0.1F low-ESR ceramic capacitors between VCC and PGND to reject the noise spikes due to high-current driver switching. The TQFN-28 and TSSOP-16 are thermally enhanced packages and can dissipate up to 2.7W and 1.7W, respectively. The high-power packages allow the high-frequency, high-current buck converter to operate from a 12V or 24V bus. Calculate power dissipation in the MAX5060/MAX5061 as a product of the input voltage and the total VCC regulator output current (I CC). I CC includes quiescent current (I Q) and gate-drive current (IDD): PD = VIN x ICC ICC = IQ + [fSW x (QG1 + QG2)] where QG1 and QG2 are the total gate charge of the low-side and high-side external MOSFETs at VGATE = 5V, IQ is 3.5mA (typ), and fSW is the switching frequency of the converter.
Undervoltage Lockout (UVLO)
The MAX5060/MAX5061 include an undervoltage lockout with hysteresis and a power-on-reset circuit for converter turn-on and monotonic rise of the output voltage. The UVLO rising threshold is internally set at 4.35V with a 200mV hysteresis. Hysteresis at UVLO eliminates chattering during startup. Most of the internal circuitry, including the oscillator, turns on when the input voltage reaches 4V. The MAX5060/MAX5061 draw up to 3.5mA of current before the input voltage reaches the UVLO threshold.
IN, VCC, and VDD
The MAX5060/MAX5061 accept a 4.75V to 5.5V or 7V to 28V input voltage range. All internal control circuitry operates from an internally regulated nominal voltage of 5V (VCC). For input voltages of 7V or greater, the internal VCC regulator steps the voltage down to 5V. The VCC output voltage is a regulated 5V output capable of sourcing up to 60mA. Bypass the VCC to SGND with 4.7F and 0.1F low-ESR ceramic capacitors for high-frequency noise rejection and stable operation. The MAX5060 uses VDD to power the low-side and high-side drivers, while the MAX5061 uses the VCC to power internal circuitry as well as the low- and highside driver supply. In the case of the MAX5061, use
Soft-Start
The MAX5060/MAX5061 has an internal digital soft-start for a monotonic, glitch-free rise of output voltage. Softstart is achieved by the controlled rise of error amplifier dominant input in steps using a 5-bit counter and a 5-bit DAC. The soft-start DAC generates a linear ramp from 0 to 0.7V. This voltage is applied to the error amplifier at a third (noninverting) input. As long as the soft-start voltage is lower than the reference voltage, the system will converge to that lower reference value. Once the softstart DAC output reaches 0.6V, the reference takes over and the DAC output continues to climb to 0.7V assuring that it is out of the way of the reference voltage.
16
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Internal Oscillator
The internal oscillator generates a clock with the frequency proportional to the inverse of RT. The oscillator frequency is adjustable from 125kHz to 1.5MHz with better than 8% accuracy using a single resistor connected from RT/SYNC to SGND (MAX5060) and from RT/SYNC/EN to SGND (MAX5061). The frequency accuracy avoids the over-design, size, and cost of passive filter components like inductors and capacitors. Use the following equation to calculate the oscillator frequency: for 120k RT 500k: RT = for 40k RT 120k: RT = 6.40 x 10 fSW
10
The oscillator also generates a 2VP-P voltage-ramp signal for the PWM comparator and a 180 out-of-phase clock signal for CLKOUT (MAX5060) to drive a second DC-DC converter out-of-phase.
MAX5060/MAX5061
Synchronization
The MAX5060/MAX5061 can be easily synchronized by connecting an external clock to RT/SYNC (MAX5060) or RT/SYNC/EN (MAX5061). If an external clock is present, then the internal oscillator is disabled and the external clock is used to run the MAX5060/MAX5061. If the external clock is removed, the absence of clock for 32s is detected and the circuit starts switching from the internal oscillator. Pulling RT/SYNC on the MAX5060 or RT/SYNC/EN on the MAX5061 to ground for at least 50s disables the converter. Use an open-collector transistor to synchronize the MAX5060/MAX5061 with the external system clock (see Figures 1 and 2).
6.25 x 1010 fSW
RCF
CCF
CSN
CSP
CLP
CCFF
CA RF* SENSE+ SENSERIN* DIFF AMP VEA CEA CPWM DRIVE IL RS VOUT VIN
VREF + VCM COUT LOAD
MAX5060
*RF AND RIN ARE EXTERNAL.
Figure 5. MAX5060 Control Loop
______________________________________________________________________________________
17
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Control Loop
The MAX5060/MAX5061 use an average-current-mode control scheme to regulate the output voltage (Figure 5). The main control loop consists of an inner current loop and an outer voltage loop. The inner loop controls the output current (IPHASE), while the outer loop controls the output voltage. The inner current loop absorbs the inductor pole reducing the order of the outer voltage loop to that of a single-pole system. The current loop consists of a current-sense resistor (RSENSE), a current-sense amplifier (CA), a currenterror amplifier (CEA), an oscillator providing the carrier ramp, and a PWM comparator (CPWM) (Figure 6). The precision CA amplifies the sense voltage across RS by a factor of 34.5. The inverting input to the CEA senses the CA output. The CEA output is the difference between the voltage-error-amplifier output (EAOUT) and the amplified voltage from the CA. The RC compensation networks connected to CLP provide external frequency compensation for the CEA. The start of every clock cycle enables the high-side drivers and initiates a PWM ON cycle. Comparator CPWM compares the output voltage from the CEA with a 0 to 2V ramp from the oscillator. The PWM ON cycle terminates when the ramp voltage exceeds the error voltage. The MAX5060 outer voltage control loop consists of the differential amplifier (DIFF AMP), reference voltage, and VEA. The unity-gain differential amplifier provides truedifferential remote sensing of the output voltage. The differential amplifier output connects to the inverting input (EAN) of the VEA. For MAX5061, the DIFF AMP is bypassed and the inverting input is available to the pin for direct feedback. The noninverting input of the VEA is internally connected to an internal precision reference voltage. The MAX5060/MAX5061 reference voltage is set to 0.6V. The VEA controls the inner current loop (Figure 4). Use a resistive feedback network to set the VEA gain as required by the adaptive voltage-positioning circuit (see the Adaptive Voltage Positioning section).
VDD
PEAK-CURRENT COMPARATOR 60mV CLP CSP CSN GMIN RAMP 2 x fS (V/s) CLK R Q AV = 34.5 CA gm = 550S CEA PWM COMPARATOR S CPWM LX DL Q BST DH
MAX5060
SHDN
PGND
Figure 6. Phase Circuit
18
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Current-Sense Amplifier
The differential current-sense amplifier (CA) provides a DC gain of 34.5. The maximum input offset voltage of the current-sense amplifier is 1mV and the commonmode voltage range is 0 to 5.5V (IN = 7V to 28V). The current-sense amplifier senses the voltage across a current-sense resistor. The maximum common-mode voltage is 3.6V when VIN = 5V. The common-mode voltage range determines the maximum output voltage of the buck converter. directly at the load provides accurate load voltage sensing in high-current environments. The VEA provides the difference between the differential amplifier output (DIFF) and the desired output voltage. The differential amplifier has a bandwidth of 3MHz. The difference between SENSE+ and SENSE- is regulated to 0.6V for the MAX5060. Connect SENSE+ to the center of the resistive divider from the output to SENSE-. Connect SENSE- to PGND near the load.
MAX5060/MAX5061
Voltage-Error Amplifier
The VEA sets the gain of the voltage control loop. The VEA determines the error between the differential amplifier output and the internal reference voltage. The VEA output clamps to 930mV relative to the internally generated common-mode voltage (VCM, 0.6V), thus limiting the maximum output current. The maximum average current-limit threshold is equal to the maximum clamp voltage of the VEA divided by the gain (34.5) of the current-sense amplifier. This results in accurate settings for the average maximum current for each phase. Set the VEA gain using RF and RIN (see Figures 1 and 2) for the amount of output voltage positioning required within the rated current range as discussed in the Adaptive Voltage Positioning section. The finite gain of the VEA introduces an error in the output voltage setting. Use the following equation to calculate the output voltage at no load condition. MAX5060: R R + RL VOUT(NL) = 1 + IN x H x VREF RF RL where RH and RL are the feedback resistor network (see the Typical Application Circuits) and VREF = 0.6V. MAX5061: The error amplifier output (EAOUT), which is compared against the output of the current amplifier (CA), may not reduce down to zero due to the saturation voltage of its output stage. This requires the converter to be loaded with a minimum load to prevent it from slipping out of regulation. The minimum load requirement can be eliminated by adding some DC bias voltage between CSP and CSN. See the Typical Application Circuit (Figure 2). Use RC1 and RC2 to generate approximately 3mV DC bias at CSP with respect to CSN. Use the following equation to calculate the values of RC1 and RC2. RC1 = (VCC - VOUT ) x RC2 (0.002) + (0.25 x IL x RSENSE )
Peak-Current Comparator
The peak-current comparator provides a path for fast cycle-by-cycle current limit during extreme fault conditions such as an output inductor malfunction (Figure 5). Note the average current-limit threshold of 26.9mV still limits the output current during short-circuit conditions. To prevent inductor saturation, select an output inductor with a saturation current specification greater than the average current limit. Proper inductor selection ensures that only the extreme conditions trip peak-current comparator, such as a broken output inductor. The 60mV threshold for triggering the peak-current limit is twice the full-scale average current-limit voltage threshold. The peak-current comparator has only a 260ns delay.
Current-Error Amplifier
The MAX5060/MAX5061 has a transconductance current-error amplifier (CEA) with a typical gm of 550S and 320A output sink- and source-current capability. The current-error amplifier output CLP, serves as the inverting input to the PWM comparator. CLP is externally accessible to provide frequency compensation for the inner current loops (Figure 5). Compensate (CEA) so the inductor current down slope, which becomes the up slope to the inverting input of the PWM comparator, is less than the slope of the internally generated voltage ramp (see the Compensation section).
PWM Comparator and R-S Flip-Flop
The PWM comparator (CPWM) sets the duty cycle for each cycle by comparing the output of the current-error amplifier to a 2VP-P ramp. At the start of each clock cycle, an R-S flip-flop resets and the high-side driver (DH) turns on. The comparator sets the flip-flop as soon as the ramp voltage exceeds the CLP voltage, thus terminating the ON cycle (Figure 5).
Differential Amplifier (MAX5060)
The differential amplifier (DIFF AMP) facilitates outputvoltage remote sensing at the load (Figure 5). It provides true-differential output voltage sensing while rejecting the common-mode voltage errors due to highcurrent ground paths. Sensing the output voltage
______________________________________________________________________________________
19
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
where IL = peak-to-peak inductor current. Choose RC2 = 10, V CC = 5.1V, and R SENSE is a currentsense resistor. Note that the current limit of MAX5061 is reduced by 3mV / RSENSE. The no-load output voltage depends on the RH, RF, VREF (0.6V) and the fixed DC bias voltage at CSP CSN. The following equation assumes a 3mV bias voltage at CSP - CSN. V V - 0.1 VOUT(NL) = [( REF + REF ) x RH ] + VREF RL RF
VOLTAGE-POSITIONING WINDOW
VCNTR + VOUT/2 VCNTR
VCNTR VOUT/2
Adaptive Voltage Positioning
Powering new-generation processors requires new techniques to reduce cost, size, and power dissipation. Voltage positioning reduces the total number of output capacitors to meet a given transient response requirement. Setting the no-load output voltage slightly higher than the output voltage during nominally loaded conditions allows a larger downward-voltage excursion when the output current suddenly increases. Regulating at a lower output voltage under a heavy load allows a larger upward-voltage excursion when the output current suddenly decreases. Allowing a larger voltage-step excursion reduces the required number of output capacitors or allows for the use of higher ESR capacitors. Voltage positioning may require the output to regulate away from a center value. Define the center value as the voltage where the output drops (VOUT/2) at one half the maximum output current (Figure 7). Set the voltage-positioning window (VOUT) using the resistive feedback of the voltage-error amplifier (VEA). Use the following equations to calculate the voltagepositioning window (Figure 5): MAX5060: VOUT = IOUT x RIN RH + RL x GC x RF RL 0.0289 GC = RS
NO LOAD 1/2 LOAD LOAD (A) FULL LOAD
Figure 7. Defining the Voltage-Positioning Window
MOSFET Gate Drivers (DH_, DL_)
The high-side (DH) and low-side (DL) drivers drive the gates of external n-channel MOSFETs (Figures 1 and 2). The drivers' 4A peak sink- and source-current capability provides ample drive for the fast rise and fall times of the switching MOSFETs. Faster rise and fall times result in reduced cross-conduction losses. For modern CPU voltage-regulating module applications, where the duty cycle is less than 50%, choose high-side MOSFETs (Q1) with a moderate RDS(ON) and a very low gate charge. Choose low-side MOSFETs (Q2) with very low RDS(ON) and moderate gate charge. Size the high-side and lowside MOSFETs to handle the peak and RMS currents during overload conditions. The driver block also includes a logic circuit that provides an adaptive nonoverlap time to prevent shoot-through currents during transition. The typical nonoverlap time is 35ns between the high-side and low-side MOSFETs.
BST
The MAX5060 uses VDD to power the low- and high-side MOSFET drivers. The low- and high-side drivers in the MAX5061 are powered from VCC. The high-side driver derives its power through a bootstrap capacitor and VDD supplies power internally to the low-side driver. Connect a 0.47F low-ESR ceramic capacitor between BST and LX. Connect a Schottky rectifier from BST to VDD on the MAX5060, or to VCC on the MAX5061. Reduce the PC board area formed by the boost capacitor and rectifier.
MAX5061: I x RH VOUT = OUT Gc x RF RIN and RF are the input and feedback resistors of VEA. GC is the current-loop transconductance and RS is the current-sense resistor.
20
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Protection
The MAX5060 includes a power-good generator (PGOOD) for undervoltage protection (UVP), and a reverse current-limit protection; the MAX5060/MAX5061 include a hiccup current-limit protection to prevent damage to the powered electronic circuits. Additionally, the MAX5060 includes output overvoltage protection (OVP). PGOOD Generator (MAX5060) A PGOOD comparator compares the differential amplifier output (DIFF) against 0.90 times the set output voltage for undervoltage monitoring (see Figure 8). Use a 10k pullup resistor from PGOOD to a voltage source less than or equal to VCC. Current Limit The VEA output is clamped to 930mV with respect to the common-mode voltage (VCM). Average current-mode control has the ability to limit the average current sourced by the converter during a fault condition. When a fault condition occurs, the VEA output clamps to 930mV with respect to the common-mode voltage (0.6V) to limit the maximum current sourced by the converter to ILIMIT = 26.9mV/RS. The hiccup current limit overrides the average current limit. The MAX5060/MAX5061 include hiccup currentlimit protection to reduce the power dissipation during a fault condition. The hiccup current-limit circuit derives inductor current information from the output of the current amplifier. This signal is compared against one half of VCLAMP(EA). With no resistor connected from the LIM pin to ground, the hiccup current limit is set at 90% of the full-load average current limit. Use REXT to increase the hiccup current limit from 90% to 100% of the fullload average limit (see Figures 1 and 2). The hiccup current limit can be disabled by connecting LIM to SGND. In this case, the circuit will follow the average current-limit action during overload conditions. An internal clamp (MAX5060) limits the continuous reverse current the buck converter sinks when a higher voltage is applied at the output. The reverse current limit translated at the current-amplifier input is -2.3mV (typ). The maximum reverse current the converter sinks depends on the current-sense resistor. Normally it is about 10% of the full load current. Overvoltage Protection (OVP) (MAX5060) The OVP comparator compares the OVI input to the overvoltage threshold. The overvoltage threshold is typically +12.7% above the internal 0.6V reference voltage. A detected overvoltage event latches the comparator output forcing the power stage into the OVP state. In the OVP state, the high-side MOSFET turns off and the low-side MOSFET latches on. Connect DIFF to OVI for differential output sensing and overvoltage protection. Alternately, use a separate sensing network from VOUT to SGND. Connect OVI to the center tap of a resistor-divider from VOUT to SGND. In this case, the center tap is compared against 1.276V. Add an RC delay to reduce the sensitivity of the overvoltage circuit and avoid nuisance tripping of the converter (Figure 9). Disable the overvoltage function by connecting OVI to SGND.
MAX5060/MAX5061
DIFF
PGOOD
0.9 x VREF
VCM
MAX5060
Figure 8. PGOOD Generator
RA OVI
MAX5060
DIFF RIN
EAN RF EAOUT
Figure 9. Overvoltage Protection Input Delay
______________________________________________________________________________________
21
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Parallel Operation
For applications requiring large output current, parallel two or more MAX5060s (multiphase operation) to increase the available output current. The paralleled converters operate at the same switching frequency but different phases keep the input capacitor ripple RMS currents to a minimum. The MAX5060 provides the clock output (CLKOUT), which is 180 out-of-phase with respect to DH. For the MAX5061, the out-of-phase clock can be easily generated using a simple inverter and driving it from the LX node. Use CLKOUT to drive the second DC-DC converter to double the effective switching frequency and reduce the input capacitor ripple current (see Figure 10). To drive multiple converters out-of-phase, use a delay circuit to set 90 of phase shift (4 paralleled converters), or 60 of phase shift (6 converters in parallel). Designate one converter as master and the remaining converters as slaves. Connect the master and slave controllers in a daisy-chain configuration as shown in Figure 11. Choose the appropriate phase shift for minimum ripple currents at the input and output capacitors. The master controller senses the output differential voltage through SENSE+ and SENSE- and generates the DIFF voltage. Disable the voltage sensing of the slaved controllers by leaving DIFF unconnected (floating). Figure 11 shows a typical application circuit using four MAX5060s. This circuit provides two phases at a 12V input voltage and a 0.6V to 5V output voltage range.
SENSE-
SENSE+ CSN CSP VIN
VIN
IN DIFF EAN EAOUT
MAX5060
DH LX DL
RT/SYNC PGND SGND CLKOUT
RT/SYNC
CSN CSP VIN
IN DIFF EAN EAOUT
MAX5060
DH VOUT LX DL LOAD
PGND
SGND
Figure 10. Parallel Configuration of MAX5060 22 ______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
SENSE-
SENSE+ CSN CSP VIN 90 PHASE DELAY CIRCUIT RT/SYNC CSN CSP VIN
VIN
IN DIFF EAN EAOUT
MAX5060
DH LX DL
IN DIFF EAN EAOUT
MAX5060
DH LX DL
RT/SYNC PGND SGND CLKOUT PGND SGND
RT/SYNC
CSN CSP VIN
IN DIFF EAN EAOUT
MAX5060
DH LX DL VOUT
PGND
SGND CLKOUT
LOAD
90 PHASE DELAY CIRCUIT
RT/SYNC
CSN CSP VIN
IN DIFF EAN EAOUT PGND
MAX5060
DH LX DL
SGND
Figure 11. Parallel Configuration of Multiple MAX5060s ______________________________________________________________________________________ 23
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Applications Information
Inductor Selection
The switching frequency, peak inductor current, and allowable ripple at the output determine the value and size of the inductor. Selecting higher switching frequencies reduces the inductance requirement, but at the cost of lower efficiency. The charge/discharge cycle of the gate and drain capacitances in the switching MOSFETs create switching losses. The situation worsens at higher input voltages, since switching losses are proportional to the square of the input voltage. The MAX5060 can operate up to 1.5MHz, however for VIN > +12V, use lower switching frequencies to limit the switching losses. Use the following equation to determine the minimum inductance value: LMIN = The average-current-mode control feature of the MAX5060/MAX5061 limits the maximum peak inductor current and prevents the inductor from saturating. Choose an inductor with a saturating current greater than the worst-case peak inductor current. The hiccup current-limit circuit is masked during startup to avoid unintentional hiccup when large output capacitors are used. Use the following equation to determine the worst-case inductor current: LLPEAK = VCL IL + RS 2
where RS is the sense resistor and VCL = 0.0282V.
Switching MOSFETs
When choosing a MOSFET for voltage regulators, consider the total gate charge, RDS(ON), power dissipation, and package thermal impedance. The product of the MOSFET gate charge and on-resistance is a figure of merit, with a lower number signifying better performance. Choose MOSFETs optimized for high-frequency switching applications. The average current from the MAX5060/MAX5061 gatedrive output is proportional to the total capacitance it drives at DH and DL. The power dissipated in the MAX5060/MAX5061 is proportional to the input voltage and the average drive current. See the IN, VCC, and V DD section to determine the maximum total gate charge allowed from the combined driver outputs. The gate charge and drain capacitance (CV2) loss, the cross-conduction loss in the upper MOSFET due to finite rise/fall time, and the I2R loss due to RMS current in the MOSFET RDS(ON) account for the total losses in the MOSFET. Estimate the power loss (PDMOS_) caused by the high-side and low-side MOSFETs using the following equations:
PDMOS -HI = (QG x VDD x fSW ) +
(VINMAX - VOUT ) x VOUT
VINMAX x fSW x IL
Choose IL equal to approximately 40% of the output current. Since IL affects the output-ripple voltage, the inductance value may need minor adjustment after choosing the output capacitors. Higher values reduce the output ripple, but at the cost of degraded transient response. Lower values have higher output ripple but better transient response. Also, lower inductor values correspond to smaller magnetics. Choose inductors from the standard high-current, surfacemount inductor series available from various manufacturers. Particular applications may require custommade inductors. Use high-frequency core material for custom inductors. High IL causes large peak-to-peak flux excursion, which increases the core losses at higher frequencies. The high-frequency operation coupled with high IL reduces the required minimum inductance and even makes the use of planar inductors possible. The advantages of using planar magnetics include low-profile design, excellent current-sharing between modules due to the tight control of parasitics, and low cost. For example, calculate the minimum inductance at VIN(MAX) = 13.2V, VOUT = 1.8V, IL = 8A, and fSW = 330kHz: LMIN =
VIN x IOUT x (tR + tF ) x fSW 2 + 1.4RDS(ON) x I RMS -HI 4
(
)
13.2 x 330k x 8
(13.2 - 1.8) x 1.8
= 0.6H
where QG, RDS(ON), tR, and tF are the upper-switching MOSFET's total gate charge, on-resistance at +25C, rise time, and fall time, respectively.
24
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
IRMS-HI =
(I DC + I PK + I
2 2
DC x IPK x
)
D 3
ESRIN =
where D = VOUT/VIN, IDC = (IOUT - IL/2) and IPK = (IOUT + IL/2).
PDMOS -LO = (QG x VDD x fSW ) +
2 2 x C 2 OSS x VIN x fSW + 1.4R DS(ON) x I RMS -LO 3
CIN =
IOUT x D(1- D) VQ x fSW
IL IOUT + 2
(VESR )
(
)
IRMS -LO =
(I DC + I PK + I
2 2
DC x IPK x
)
(1 - D)
3
where IOUT is the output current of the converter. For example, at VOUT = 1.8V, the ESR and input capacitance are calculated for the input peak-to-peak ripple of 100mV or less yielding an ESR and capacitance value of 1.25m and 110F.
Output Capacitors
The worst-case peak-to-peak and capacitor RMS ripple current, the allowable peak-to-peak output ripple voltage, and the maximum deviation of the output voltage during step loads determine the capacitance and the ESR requirements for the output capacitors. In buck converter design, the output-current waveform is continuous and this reduces peak-to-peak ripple current in the output capacitor equal to the inductor ripple current. Calculate the capacitance, the ESR of the output capacitor, and the RMS ripple current rating of the output capacitor based on the following equations. ESROUT = VOESR IL IL COUT = 8 x VOQ x fSW
where COSS is the MOSFET drain-to-source capacitance. For example, from the typical specifications in the Applications Information section with VOUT = 1.8V, the high-side and low-side MOSFET RMS currents are 7.8A and 18.5A, respectively for 20A. Ensure that the thermal impedance of the MOSFET package keeps the junction temperature at least +25C below the absolute maximum rating. Use the following equation to calculate maximum junction temperature: TJ = (PDMOS x JA) + TA where JA and TA are the junction-to-ambient thermal impedance and ambient temperature, respectively.
Input Capacitors
The discontinuous input-current waveform of the buck converter causes large ripple currents in the input capacitor. The switching frequency, peak inductor current, and the allowable peak-to-peak voltage ripple reflected back to the source dictate the capacitance requirement. Increasing switching frequency or paralleling multiple outof-phase converters lowers the peak-to-average current ratio, yielding a lower input capacitance requirement for the same load current. The input ripple is comprised of VQ (caused by the capacitor discharge) and VESR (caused by the ESR of the capacitor). Use low-ESR ceramic capacitors with high-ripple-current capability at the input. Assume the contributions from the ESR and capacitor discharge are equal to 30% and 70%, respectively. Calculate the input capacitance and ESR required for a specified ripple using the following equation:
where VOESR and VOQ are the output-ripple contributions due to ESR and the discharge of output capacitor, respectively. In the dynamic load environment, the allowable deviation of output voltage during the fast transient load dictates the output capacitance and ESR. The output capacitors supply the load step until the controller responds with a greater duty cycle. The response time (tRESPONSE) depends on the closed-loop bandwidth of the converter. The resistive drop across the capacitor ESR and capacitor discharge causes a voltage drop during a step load. Use a combination of SP polymer and ceramic capacitors for better transient load and ripple/noise performance.
______________________________________________________________________________________
25
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Keep the maximum output voltage deviation less than or equal to the adaptive voltage-positioning window (VOUT). Assume 50% contribution each from the output capacitance discharge and the ESR drop. Use the following equations to calculate the required ESR and capacitance value: ESROUT = VESR ISTEP ISTEP x tRESPONSE COUT = VQ 100% of the average current-limit value. The average current-limit architecture accurately limits the average output current to its current-limit threshold. If the hiccup current limit is programmed to be equal or above the average current-limit value, the output current will not reach the point where the hiccup current limit can trigger. Program the hiccup current limit at least 5% below the average current limit to ensure that the hiccup current-limit circuit triggers during overload. See the Hiccup Current Limit vs. R EXT graph in the Typical Operating Characteristics.
Reverse Current Limit (MAX5060)
where I STEP is the load step and t RESPONSE is the response time of the controller. Controller response time depends on the control-loop bandwidth. The MAX5060 limits the reverse current in case VBUS is higher than the preset output voltage. Calculate the maximum reverse current based on VCLR, the reversecurrent-limit threshold and the current-sense resistor. IREVERSE = VCLR RS
Current Limit
In addition to the average current limit, the MAX5060/MAX5061 also have hiccup current limit. The hiccup current limit is set to 10% below the average current limit to ensure that the circuit goes in hiccup mode during continuous output short circuit. Connecting a resistor from LIM to ground increases the hiccup current limit, while shorting LIM to ground disables the hiccup current-limit circuit. Average Current Limit The average-current-mode control technique of the MAX5060/MAX5061 accurately limits the maximum output current. The MAX5060/MAX5061 sense the voltage across the sense resistor and limit the peak inductor current (IL-PK) accordingly. The ON cycle terminates when the current-sense voltage reaches 25.5mV (min). Use the following equation to calculate the maximum current-sense resistor value: RS = 0.0255 IOUT 0.75 x 10 -3 RS
where IREVERSE is the total reverse current sink into the converter and VCLR = 2.3mV (typ).
Compensation
The main control loop consists of an inner current loop and an outer voltage loop. The MAX5060/MAX5061 use an average current-mode control scheme to regulate the output voltage (Figure 5). IPHASE is the inner average current loop. The VEA output provides the controlling voltage for this current source. The inner current loop absorbs the inductor pole reducing the order of the outer voltage loop to that of a single-pole system. A resistive feedback network around the VEA provides the best possible response, since there are no capacitors to charge and discharge during large-signal excursions. RF and RIN determine the VEA gain. Use the following equation to calculate the value of RF: IOUT x RIN GC x VOUT 0.0289 GC = RS RF = where GC is the current-loop transconductance and RS is the value of the sense resistor. When designing the current-control loop ensure that the inductor downslope (when it becomes an upslope at the CEA output) does not exceed the ramp slope. This is a necessary condition to avoid sub-harmonic oscillations similar to those in peak current-mode control with insufficient slope compensation.
PDR =
where PDR is the power dissipation in the sense resistors. Select a 5% lower value of RS to compensate for any parasitics associated with the PC board. Also, select a non-inductive resistor with the appropriate power rating. Hiccup Current Limit The hiccup current-limit value is always 10% lower than the average current-limit threshold, when LIM is left unconnected. Connect a resistor from LIM to SGND to increase the hiccup current-limit value from 90% to
26
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Use the following equation to calculate the resistor RCF: RCF fSW x L x 102 VOUT x RS
PC Board Layout
Use the following guidelines to layout the switching voltage regulator. 1) Place the IN, V CC , and V DD bypass capacitors close to the MAX5060/MAX5061. 2) Minimize the area and length of the high-current loops from the input capacitor, upper switching MOSFET, inductor, and output capacitor back to the input capacitor negative terminal. 3) Keep short the current loop formed by the lower switching MOSFET, inductor, and output capacitor. 4) Place the Schottky diodes close to the lower MOSFETs and on the same side of the PC board. 5) Keep the SGND and PGND isolated and connect them at one single point close to the negative terminal of the input filter capacitor. 6) Run the current-sense lines CSP and CSN very close to each other to minimize the loop area. Similarly, run the remote voltage sense lines SENSE+ and SENSE- close to each other. Do not cross these critical signal lines through power circuitry. Sense the current right at the pads of the current-sense resistors. 7) Avoid long traces between the VDD (MAX5060)/VCC (MAX5061) bypass capacitors, driver output of the MAX5060/MAX5061, MOSFET gates, and PGND. Minimize the loop formed by the V CC bypass capacitors, bootstrap diode, bootstrap capacitor, MAX5060/MAX5061, and upper MOSFET gate. 8) Place the bank of output capacitors close to the load. 9) Distribute the power components evenly across the board for proper heat dissipation. 10) Provide enough copper area at and around the switching MOSFETs, inductor, and sense resistors to aid in thermal dissipation. 11) Use 4oz copper to keep the trace inductance and resistance to a minimum. Thin copper PC boards can compromise efficiency since high currents are involved in the application. Also, thicker copper conducts heat more effectively, thereby reducing thermal impedance.
MAX5060/MAX5061
CCF provides a low-frequency pole while RCF provides a midband zero. Place a zero (fZ) to obtain a phase bump at the crossover frequency. Place a high-frequency pole (f P ) at least a decade away from the crossover frequency to reduce the influence of the switching noise and achieve maximum phase margin. Use the following equations to calculate CCF and CCFF: 1 2 x x fZ x RCF 1 CCFF = 2 x x fP x RCF CCF =
Power Dissipation
The TQFN-28 and TSSOP-16 are thermally enhanced packages and can dissipate about 2.7W and 1.7W, respectively. The high-power packages make the highfrequency, high-current buck converter possible to operate from a 12V or 24V bus. Calculate power dissipation in the MAX5060/MAX5061 as a product of the input voltage and the total VCC regulator output current (ICC). ICC includes quiescent current (IQ) and gatedrive current (IDD): PD = VIN x ICC ICC = IQ + [fSW x (QG1 + QG2)] where QG1 and QG2 are the total gate charge of the low-side and high-side external MOSFETs at VGATE = 5V, I Q is estimated from the Supply Current (I Q ) vs. Frequency graph in the Typical Operating Characteristics, and fSW is the switching frequency of the converter. Use the following equation to calculate the maximum power dissipation (PDMAX) in the chip at a given ambient temperature (TA) : MAX5060: PDMAX = 34.5 x (150 - TA)..............mW MAX5061: PDMAX = 21.3 x (150 - TA)..............mW
______________________________________________________________________________________
27
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Pin Configurations
TOP VIEW
EAOUT DIFF CSN CSP EAN CLP OVI
21
SGND SENSESENSE+ SGND IN VCC VDD
20
19
18
17
16
15 14 13 12
LIM V_IOUT RT/SYNC EN PGOOD CLKOUT SGND
IN 1 VCC 2 PGND 3 16 SGND 15 CSP 14 CSN
22 23 24 25 26 27
EXPOSED PAD
DL 4 BST 5 LX 6 DH 7 N.C. 8
MAX5061
13 EAN 12 EAOUT 11 CLP 10 LIM
MAX5060
11 10 9 8
EXPOSED PAD
28 1
PGND
9
RT/SYNC/EN
2
N.C.
3
DL
4
BST
5
LX
6
DH
7
N.C.
TSSOP
THIN QFN
Chip Information
TRANSISTOR COUNT: 5654 PROCESS: BiCMOS
28
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
QFN THIN.EPS
MAX5060/MAX5061
D2 D D/2 MARKING k L E/2 E2/2 E (NE-1) X e
C L C L
b D2/2
0.10 M C A B
AAAAA
E2
PIN # 1 I.D.
DETAIL A
e (ND-1) X e
e/2
PIN # 1 I.D. 0.35x45 DETAIL B
e
L1
L
C L
C L
L
L
e 0.10 C A 0.08 C
e
C
A1 A3
PACKAGE OUTLINE, 16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm
-DRAWING NOT TO SCALE-
21-0140
I
1
2
______________________________________________________________________________________
29
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers MAX5060/MAX5061
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
COMMON DIMENSIONS
PKG. 16L 5x5 20L 5x5 28L 5x5 32L 5x5 40L 5x5 SYMBOL MIN. NOM. MAX. MIN. NOM. MAX. MIN. NOM. MAX. MIN. NOM. MAX. MIN. NOM. MAX.
EXPOSED PAD VARIATIONS PKG. CODES
D2
MIN. NOM. MAX.
E2
MIN. NOM. MAX.
exceptions
L
0.15
A A1 A3 b D E e k L L1 N ND NE JEDEC
0.70 0.75 0.80 0.70 0.75 0.80 0.70 0.75 0.80 0.70 0.75 0.80 0.70 0.75 0.80 0 0.02 0.05 0 0.02 0.05 0 0.02 0.05 0 0.02 0.05 0 0.02 0.05 0.20 REF. 0.20 REF. 0.20 REF. 0.20 REF. 0.20 REF. 0.25 0.30 0.35 0.25 0.30 0.35 0.20 0.25 0.30 0.20 0.25 0.30 0.15 0.20 0.25 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 4.90 5.00 5.10 0.65 BSC. 0.50 BSC. 0.50 BSC. 0.40 BSC. 0.80 BSC. 0.25 - 0.25 - 0.25 - 0.25 - 0.25 0.35 0.45 0.30 0.40 0.50 0.45 0.55 0.65 0.45 0.55 0.65 0.30 0.40 0.50 0.40 0.50 0.60 16 4 4 WHHB 20 5 5 WHHC 28 7 7 WHHD-1 32 8 8 WHHD-2 0.30 0.40 0.50 40 10 10 -----
DOWN BONDS ALLOWED
NOTES: 1. DIMENSIONING & TOLERANCING CONFORM TO ASME Y14.5M-1994. 2. ALL DIMENSIONS ARE IN MILLIMETERS. ANGLES ARE IN DEGREES. 3. N IS THE TOTAL NUMBER OF TERMINALS. 4. THE TERMINAL #1 IDENTIFIER AND TERMINAL NUMBERING CONVENTION SHALL CONFORM TO JESD 95-1 SPP-012. DETAILS OF TERMINAL #1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE ZONE INDICATED. THE TERMINAL #1 IDENTIFIER MAY BE EITHER A MOLD OR MARKED FEATURE. 5. DIMENSION b APPLIES TO METALLIZED TERMINAL AND IS MEASURED BETWEEN 0.25 mm AND 0.30 mm FROM TERMINAL TIP.
T1655-2 3.00 T1655-3 3.00 T1655N-1 3.00 T2055-3 3.00 3.00 T2055-4 T2055-5 3.15 T2855-3 3.15 T2855-4 2.60 T2855-5 2.60 3.15 T2855-6 T2855-7 2.60 T2855-8 3.15 T2855N-1 3.15 T3255-3 3.00 T3255-4 3.00 T3255-5 3.00 T3255N-1 3.00 T4055-1 3.20
3.10 3.10 3.10 3.10 3.10 3.25 3.25 2.70 2.70 3.25 2.70 3.25 3.25 3.10 3.10 3.10 3.10 3.30
3.20 3.20 3.20 3.20 3.20 3.35 3.35 2.80 2.80 3.35 2.80 3.35 3.35 3.20 3.20 3.20 3.20 3.40
3.00 3.00 3.00 3.00 3.00 3.15 3.15 2.60 2.60 3.15 2.60 3.15 3.15 3 3.00 3 3.00 3.00 3.00 3.20
3.10 3.10 3.10 3.10 3.10 3.25 3.25 2.70 2.70 3.25 2.70 3.25 3.25 3.10 3.10 3.10 3.10 3.30
3.20 3.20 3.20 3.20 3.20 3.35 3.35 2.80 2.80 3.35 2.80 3.35 3.35 .20 .20 3.20 3.20 3.40
** ** ** ** ** 0.40 ** ** ** ** ** 0.40 ** ** ** ** ** **
YES NO NO YES NO YES YES YES NO NO YES YES NO YES NO YES NO YES
** SEE COMMON DIMENSIONS TABLE
6. ND AND NE REFER TO THE NUMBER OF TERMINALS ON EACH D AND E SIDE RESPECTIVELY. 7. DEPOPULATION IS POSSIBLE IN A SYMMETRICAL FASHION. 8. COPLANARITY APPLIES TO THE EXPOSED HEAT SINK SLUG AS WELL AS THE TERMINALS. 9. DRAWING CONFORMS TO JEDEC MO220, EXCEPT EXPOSED PAD DIMENSION FOR T2855-3 AND T2855-6. 10. WARPAGE SHALL NOT EXCEED 0.10 mm. 11. MARKING IS FOR PACKAGE ORIENTATION REFERENCE ONLY. 12. NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY. 13. LEAD CENTERLINES TO BE AT TRUE POSITION AS DEFINED BY BASIC DIMENSION "e", 0.05.
PACKAGE OUTLINE, 16, 20, 28, 32, 40L THIN QFN, 5x5x0.8mm
-DRAWING NOT TO SCALE-
21-0140
I
2
2
30
______________________________________________________________________________________
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Package Information (continued)
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
MAX5060/MAX5061
XX XX
PACKAGE OUTLINE, TSSOP, 4.40 MM BODY, EXPOSED PAD
21-0108
E
1
1
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 31 (c) 2005 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products, Inc.
TSSOP 4.4mm BODY.EPS


▲Up To Search▲   

 
Price & Availability of MAX5060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X