Part Number Hot Search : 
170M7065 SP6661EB 62512 TPCF8105 VQ100 CP2110EK MIC94001 03060
Product Description
Full Text Search
 

To Download LTE-3276 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
FEATURES
* HIGH SPEED * HIGH POWER * AVAILABLE FOR PULSE OPERATING * CLEAR TRANSPARENT COLOR PACKAGE
PACKAGE DIMENSIONS
NOTES: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25mm(.010") unless otherwise noted. 3. Protruded resin under flange is 1.5mm(.059") max. 4. Lead spacing is measured where the leads emerge from the package. www..com 5. Specifications are subject to change without notice.
Part No. : LTE-3276 DATA SHEET BNS-OD-C131/A4
Page :
1
of
3
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
ABSOLUTE MAXIMUM RATINGS AT TA=25
PARAMETER Power Dissipation Peak Forward Current (300pps, 10s pulse) Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6mm(.063") From Body] MAXIMUM RATING 120 1 100 5 -40 to + 85 -40 to + 85 260 for 6 Seconds UNIT mW A mA V
ELECTRICAL / OPTICAL CHARACTERISTICS AT TA=25
PARAMETER Aperture Radiant Incidence Radiant Intensity Radiant Intensity Peak Emission Wavelength Spectral Line Half-Width Forward Voltage Forward Voltage Reverse Voltage
www..com Viewing Angle
SYMBOL Ee IE IE P VF VF VR 21/2
MIN. 1.3 9.75 24 5 -
TYP. MAX. 1.7 12.75 32 850 40 1.49 1.83 50 1.80 2.3 -
UNIT mW/cm2 mW/sr mW/sr nm nm V V V deg.
TEST CONDITION IF = 20mA IF = 20mA IF = 50mA IF = 50mA IF = 50mA IF = 50mA IF = 200mA IR = 10A IF = 20mA
(See FIG.6)
Part No. : LTE-3276 DATA SHEET BNS-OD-C131/A4
Page :
2
of
3
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS CURVES
(25 Ambient Temperature Unless Otherwise Noted)
1.0 Relative Radiant Intensity Forward Current IF (mA)
140 120 100 80 60 40 20 0 -40 -20 0 20 40 60 80 100
0.5
0 750
850 Wavelength (nm)
950
Ambient Temperature Ta ( o C)
FIG.1 SPECTRAL DISTRIBUTION
FIG.2 FORWARD CURRENT VS. AMBIENT TEMPERATURE
1.2 Output Power Relative To Value at IF=20mA 1.0 0.8 0.6 0.4 0.2 0 -20 0 20 40 60 80
100 Forward Current (mA) 80 60 40 20 0 0 1.2 1.6 2.0 2.4 2.8 Forward Voltage (V)
Ambient Temperature Ta ( o C)
FIG.3 FORWARD CURRENT VS. FORWARD VOLTAGE
FIG.4 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0
o
10
o
20
o o
5.0 Output Power Relative To Value at IF=20mA 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 0.5 0.3 0.1 0.2 0.4 0.6 Foward Current (mA) Relative Radiant Intensity
30
40 1.0 0.9 0.8 0.7 50 60 70 80 90
o
o
o
o o o
FIG.5 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.6 RADIATION DIAGRAM
www..com
Part No. : LTE-3276 DATA SHEET BNS-OD-C131/A4
Page :
3
of
3


▲Up To Search▲   

 
Price & Availability of LTE-3276

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X