Part Number Hot Search : 
GP210 RN740 27M21 7805LS T5000780 5ETTTS SMAJ220A GBU410C
Product Description
Full Text Search
 

To Download LTE-322-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LITE-ON TECHNOLOGY CORPORATION.
Property of Lite-On Only
FEATURES
* SELECTED TO SPECIFIC ON-LINE INTENSITY AND RADIANT INTENSITY RANGES * LOW COST MINIATURE PLASTIC SIDE LOOKING PACKAGE * MECHANICALLY AND SPECTRALLY MATCHED TO THE LTR-301 SERIES OF PHOTOTRANSISTOR
PACKAGE DIMENSIONS
NOTES: 1. All dimensions are in millimeters (inches). 2. Tolerance is O 0.25mm(.010") unless otherwise noted. 3. Lead spacing is measured where the leads emerge from the package. www..com 4. Specifications are subject to change without notice.
Part No. : LTE-322-M DATA SHEET BNS-OD-C131/A4
Page :
1
of
4
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite-On Only
ABSOLUTE MAXIMUM RATINGS AT TA=25J
PARAMETER Power Dissipation Peak Forward Current (300pps, 10g s pulse) Continuous Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature [1.6mm(.063") From Body]
MAXIMUM RATING 75 1 50 5 -40J -55J 260J to + 85J to + 100J
UNIT mW A mA V
for 5 Seconds
www..com
Part No. : LTE-322-M DATA SHEET BNS-OD-C131/A4
Page :
2
of
4
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite-On Only
ELECTRICAL / OPTICAL CHARACTERISTICS AT TA=25J
PARAMETER Peak Emission Wavelength Spectral Line Half-Width Forward Voltage Reverse Current
SYMBOL MIN.
TYP. MAX. UNIT TEST COND. 940 50 1.2 1.6 100 0.65 0.75 0.85 0.95 1.05 1.15 1.25 1.35 0.78 0.90 1.02 1.14 1.26 1.38 1.50 1.62 40 nm nm V g A IF = 20mA IF = 20mA IF = 20mA VR = 5V
BIN NO.
Color Marking
f Gf
P
VF IR 0.55 0.65 0.75 0.85 0.95 1.05 1.15 1.25 0.44 0.52 0.60 0.68 0.76 0.84 0.92 1.00
Average Axis Intensity (Light Current) Setting of LITE-ON Production (IL1+IL2)/2)
IL
mA
IF = 4mA Vcc=3.5V
BIN F BIN G BIN H BIN I BIN J BIN K BIN L BIN M BIN F BIN G BIN H BIN I BIN J BIN K BIN L BIN M
Red Gold Silver Yellow Purple Orange Pink Brown Red Gold Silver Yellow Purple Orange Pink Brown
Average Axis Intensity (Light Current) Q.C Limits
IL
mA
(IL1+IL2)/2)
IF = 4mA Vcc=3.5V
Viewing Angle (See FIG.6)
2c
1/2
deg.
INFRARED AXIS INTENSITY TEST METHOD
www..com
Part No. : LTE-322-M DATA SHEET BNS-OD-C131/A4
Page :
3
of
4
LITE-ON TECHNOLOGY CORPORATION.
Property of Lite-On Only
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTICS CURVES
(25J Ambient Temperature Unless Otherwise Noted)
1.0
Relative Radiant Intensity Forward Current IF (mA)
60 50 40 30 20 10 0 940 Wavelength (nm) 1040 -40 -20 0 20 40 60 80 100 Ambient Temperature Ta ( C)
0.5
0 840
FIG.1 SPECTRAL DISTRIBUTION
FIG.2 FORWARD CURRENT VS. AMBIENT TEMPERATURE
1.2
Output Power Relative To Value at IF=20mA
50
Forward Current (mA)
40 30 20 10 0 0 1.2 1.6 2.0 2.4 2.8 Forward Voltage (V)
1.0 0.8 0.6 0.4 0.2 0 -20 0 20 40 60 80 Ambient Temperature Ta ( C)
FIG.3 FORWARD CURRENT VS. FORWARD VOLTAGE
FIG.4 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0
o
10
o
20
o o
5.0
Output Power Relative To Value at IF=20mA
30
Relative Radiant Intensity
4.0 3.0 2.0 1.0 0 0 20 40 60 80 100
40 1.0 0.9 0.8 0.7 50 60 70 80 90 0.5 0.3 0.1 0.2 0.4 0.6
o
o
o
o o o
Foward Current (mA)
www..com
FIG.5 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.6 RADIATION DIAGRAM
Part No. : LTE-322-M DATA SHEET BNS-OD-C131/A4
Page :
4
of
4


▲Up To Search▲   

 
Price & Availability of LTE-322-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X