Part Number Hot Search : 
MSD318C MBRB2 6KE200A CC101 KBPC2510 74HC174 SK122 A6810EA
Product Description
Full Text Search
 

To Download JANTX1N645-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 * AVAILABLE IN JAN, JANTX, AND JANTXV PER MIL-PRF-19500/240 * SILICON RECTIFIER * METALLURGICALLY BONDED
1N645-1
www..com
MAXIMUM RATINGS
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Operating Current: 400 mA @ 25C 150 mA @ 150C Derating: 2.0 mA/C From 25C to 150C 6.0 mA/C From 150C to 175C
ELECTRICAL CHARACTERISTICS @ 25C, unless otherwise specified
TYPE VRSM V RWM I FSM TP = 1/120 s TA = 25C A 5 VF @400mA CAP @ V R = 4V
V (pk) 1N645-1 270
V (pk) 225
V DC 0.8 - 1.0
pF 20
FIGURE 1
TYPE I R1 at V RWM I R2 at V RWM I R3 at V RSM TA = 25C TA = 150C TA = 25C A 1N645-1 0.05 A 25 A 50
DESIGN DATA
CASE: Hermetically sealed glass case. DO - 35 outline. LEAD MATERIAL: Copper clad steel. LEAD FINISH: Tin / Lead THERMAL RESISTANCE: (ROJEC): 250 C/W maximum THERMAL IMPEDANCE: (ZOJX): 35 C/W maximum POLARITY: Cathode end is banded. MOUNTING POSITION: ANY.
6 LAKE STREET, LAWRENCE, MASSACHUSETTS 01841 PHONE (978) 620-2600 FAX (781) 689-0803 WEBSITE: http://www.microsemi.com
11
IN645-1
1000
www..com
100 IF - Forward Current - (mA)
10
0C 15
100 C
25
C
1
0.1 .3 .4 .5 .6 .7 .8 .9 1.0 VF - Forward Voltage (V) FIGURE 2 Typical Forward Current vs Forward Voltage 1.1 1.2 1.3
1000
100
IR - Reverse Current - (A)
10
1
150C
0.1
100
C
25C
.01
-65C
-65C
NOTE : .001 20 40 60 80 100 120 140 Percent of Reverse Working Voltage (%) FIGURE 3 Typical Reverse Current vs Reverse Voltage
All temperatures shown on graphs are junction temperatures
12


▲Up To Search▲   

 
Price & Availability of JANTX1N645-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X