Part Number Hot Search : 
SB1630C 1H330 CGL3K 1344A MCSO1V HA16103 180N75 CGL3K
Product Description
Full Text Search
 

To Download IS61LV51216 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IS61LV51216 IS64LV51216
512K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
www..com
ISSI
DECEMBER 2005
(R)
FEATURES
* High-speed access time: -- 8, 10, and 12 ns * CMOS low power operation * Low stand-by power: -- Less than 5 mA (typ.) CMOS stand-by * TTL compatible interface levels * Single 3.3V power supply * Fully static operation: no clock or refresh required * Three state outputs * Data control for upper and lower bytes * Industrial and Automotive temperatures available * Lead-free available
DESCRIPTION The ISSI IS61/64LV51216 is a high-speed, 8M-bit static
RAM organized as 525,288 words by 16 bits. It is fabricated using ISSI's high-performance CMOS technology. This highly reliable process coupled with innovative circuit design techniques, yields high-performance and low power consumption devices. When CE is HIGH (deselected), the device assumes a standby mode at which the power dissipation can be reduced down with CMOS input levels. Easy memory expansion is provided by using Chip Enable and Output Enable inputs, CE and OE. The active LOW Write Enable (WE) controls both writing and reading of the memory. A data byte allows Upper Byte (UB) and Lower Byte (LB) access. The IS61/64LV51216 is packaged in the JEDEC standard 44-pin TSOP Type II and 48-pin Mini BGA (9mm x 11mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A18
DECODER
512K x 16 MEMORY ARRAY
VDD GND I/O0-I/O7 Lower Byte I/O8-I/O15 Upper Byte I/O DATA CIRCUIT
COLUMN I/O
CE OE WE UB LB CONTROL CIRCUIT
Copyright (c) 2005 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
1
IS61LV51216 IS64LV51216
TRUTH TABLE
WE X H X H H H L L L CE H L L L L L L L L OE X H X L L L X X X LB X X H L H L L H L UB X X H H L L H L L I/O PIN I/O0-I/O7 I/O8-I/O15 High-Z High-Z High-Z DOUT High-Z DOUT DIN High-Z DIN High-Z High-Z High-Z High-Z DOUT DOUT High-Z DIN DIN
ISSI
VDD Current ISB1, ISB2 ICC ICC
(R)
Mode
www..com Not Selected
Output Disabled Read
Write
ICC
PIN CONFIGURATIONS 44-Pin TSOP (Type II) PIN DESCRIPTIONS
A0-A18 I/O0-I/O15
A0 A1 A2 A3 A4 CE I/O0 I/O1 I/O2 I/O3 VDD GND I/O4 I/O5 I/O6 I/O7 WE A5 A6 A7 A8 A9 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A17 A16 A15 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VDD I/O11 I/O10 I/O9 I/O8 A18 A14 A13 A12 A11 A10
Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground
CE OE WE LB UB NC VDD GND
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
IS61LV51216 IS64LV51216
PIN CONFIGURATIONS 48-Pin mini BGA (9mmx11mm)
www..com
ISSI
PIN DESCRIPTIONS
A0-A18 Address Inputs Data Inputs/Outputs Chip Enable Input Output Enable Input Write Enable Input Lower-byte Control (I/O0-I/O7) Upper-byte Control (I/O8-I/O15) No Connection Power Ground
6
(R)
1 2 3 4 5 6 7
1
2
3
4
5
I/O0-I/O15 CE OE WE
A B C D E F G H
LB I/O8 I/O9 GND VDD I/O14 I/O15 A18
OE UB I/O10 I/O11 I/O12 I/O13 NC A8
A0 A3 A5 A17 GND A14 A12 A9
A1 A4 A6 A7 A16 A15 A13 A10
A2 CE I/O1 I/O3 I/O4 I/O5 WE A11
N/C I/O0 I/O2
LB UB NC VDD GND
VDD GND I/O6 I/O7 NC
ABSOLUTE MAXIMUM RATINGS(1)
Symbol Parameter VTERM VDD TSTG PT Terminal Voltage with Respect to GND VDD Related to GND Storage Temperature Power Dissipation Value -0.5 to VDD+0.5 -0.3 to +4.0 -65 to +150 1.0 Unit V V C W
8 9 10 11 12
Note: 1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
3
IS61LV51216 IS64LV51216
OPERATING RANGE
Range Commercial
www..com
ISSI
Ambient Temperature 0C to +70C -40C to +85C -40C to +125C VDD 3.3V +10%, -5% 3.3V +10%, -5% 3.3V +10%, -5%
(R)
Industrial
Automotive
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol VOH VOL VIH VIL ILI Parameter Output HIGH Voltage Output LOW Voltage Input HIGH Voltage Input LOW Voltage(1) Input Leakage GND VIN VDD Com. Ind. Auto. Com. Ind. Auto. Test Conditions VDD = Min., IOH = -4.0 mA VDD = Min., IOL = 8.0 mA Min. 2.4 -- 2.2 -0.3 -1 -5 -10 -1 -5 -10 Max. -- 0.4 VDD + 0.3 0.8 1 5 -10 1 5 -10 Unit V V V V A
ILO
Output Leakage
GND VOUT VDD Outputs Disabled
A
Notes: 1. VIL (min.) = -2.0V for pulse width less than 10 ns.
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter ICC VDD Dynamic Operating Supply Current TTL Standby Current (TTL Inputs) CMOS Standby Current (CMOS Inputs) Test Conditions VDD = Max., IOUT = 0 mA, f = fMAX VDD = Max., VIN = VIH or VIL CE VIH, f = 0 VDD = Max., CE VDD - 0.2V, VIN VDD - 0.2V, or VIN 0.2V, f = 0 Com. Ind. Auto. Com. Ind. Auto. Com. Ind. Auto. -8 Min. Max. -- -- -- -- -- -- 110 120 30 35 20 25 -10 Min. Max. -- -- -- -- -- -- 100 110 30 35 20 25 -12 Min. Max. -- -- -- -- -- -- -- -- -- 90 100 120 30 35 40 20 25 30 Unit mA
ISB1
mA
ISB2
mA
Note: 1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
4
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
IS61LV51216 IS64LV51216
CAPACITANCE(1)
Symbol CIN
www..com
ISSI
Conditions VIN = 0V VOUT = 0V Max. 6 8 Unit pF pF
(R)
Parameter Input Capacitance Input/Output Capacitance
1 2 3
COUT
Note: 1. Tested initially and after any design or process changes that may affect these parameters.
AC TEST CONDITIONS
Parameter Input Pulse Level Input Rise and Fall Times Input and Output Timing and Reference Level Output Load Unit 0V to 3.0V 3 ns 1.5V See Figures 1 and 2
4 5 6 7
319
50 1.5V 30 pF Including jig and scope
AC TEST LOADS
ZO = 50 OUTPUT
3.3V
8
353
OUTPUT
9 10 11 12
5 pF Including jig and scope
Figure 1
Figure 2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
5
IS61LV51216 IS64LV51216
READ CYCLE SWITCHING CHARACTERISTICS(1) (Over Operating Range)
Symbol Parameter Cycle Time Address Access Time Output Hold Time CE Access Time OE Access Time OE to High-Z Output OE to Low-Z Output CE to High-Z Output CE to Low-Z Output LB, UB Access Time LB, UB to High-Z Output LB, UB to Low-Z Output Power Up Time Power Down Time -8 Min. Max. 8 -- 3 -- -- -- 0 0 3 -- 0 0 0 -- -- 8 -- 8 3.5 3 -- 3 -- 3.5 3 -- -- 8 -10 Min. Max. 10 -- 3 -- -- -- 0 0 3 -- 0 0 0 -- -- 10 -- 10 4 4 -- 4 -- 4 3 -- -- 10 -12 Min. Max. 12 -- 3 -- -- 0 0 0 3 -- 0 0 0 -- -- 12 -- 12 5 5 -- 6 -- 5 4 -- -- 12 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns
ISSI
(R)
tRC Read www..com tAA tOHA tACE tDOE tHZOE(2) tLZOE(2) tHZCE(2 tLZCE(2) tBA tHZB(2) tLZB(2) tPU tPD
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage.
AC WAVEFORMS READ CYCLE NO. 1(1,2) (Address Controlled) (CE = OE = VIL, UB or LB = VIL)
t RC
ADDRESS
t AA t OHA
DOUT
PREVIOUS DATA VALID
t OHA
DATA VALID
READ1.eps
6
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
IS61LV51216 IS64LV51216
READ CYCLE NO. 2(1,3)
ISSI
tRC
(R)
1
tOHA
www..com
ADDRESS
tAA
OE
2 3 4
tDOE
CE
tHZOE
tLZOE tACE tLZCE tHZCE
LB, UB
DOUT
HIGH-Z
tLZB
tBA
tRC
DATA VALID
tHZB
5
ICC
50%
VDD
Supply Current
tPU
50%
tPD
6 7
ISB
UB_CEDR2.eps
Notes: 1. WE is HIGH for a Read Cycle. 2. The device is continuously selected. OE, CE, UB, or LB = VIL. 3. Address is valid prior to or coincident with CE LOW transition.
8 9 10 11 12
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
7
IS61LV51216 IS64LV51216
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
Symbol Parameter CE to Write End Address Setup Time to Write End Address Hold from Write End Address Setup Time LB, UB Valid to End of Write WE Pulse Width WE Pulse Width (OE = LOW) Data Setup to Write End Data Hold from Write End
(2)
ISSI
-8 Min. Max. 8 6.5 6.5 0 0 6.5 6.5 8.0 5 0 -- 2 -- -- -- -- -- -- -- -- -- -- 3.5 -- -10 Min. Max. 10 8 8 0 0 8 8 10 6 0 -- 2 -- -- -- -- -- -- -- -- -- -- 5 -- -12 Min. Max. 12 8 8 0 0 8 8 12 6 0 -- 2 -- -- -- -- -- -- -- -- -- -- 6 -- Unit ns ns ns ns ns ns ns ns ns ns ns ns
(R)
www..com Cycle Time tWC Write
tSCE tAW tHA tSA tPWB tPWE1 tPWE2 tSD tHD tHZWE tLZWE(2)
WE LOW to High-Z Output WE HIGH to Low-Z Output
Notes: 1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0V to 3.0V and output loading specified in Figure 1. 2. Tested with the load in Figure 2. Transition is measured 500 mV from steady-state voltage. Not 100% tested. 3. The internal write time is defined by the overlap of CE LOW and UB or LB, and WE LOW. All signals must be in valid states to initiate a Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or falling edge of the signal that terminates the write. Shaded area product in development
8
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
IS61LV51216 IS64LV51216
AC WAVEFORMS WRITE CYCLE NO. 1 (CE Controlled, OE is HIGH or LOW) (1 )
www..com
ISSI
(R)
1 2
t HA
t WC
VALID ADDRESS
ADDRESS
t SA
CE
t SCE
WE
t AW t PWE1 t PWE2 t PBW
3 4
t LZWE
HIGH-Z
UB, LB
t HZWE
DOUT
DATA UNDEFINED
5
t HD
DATAIN VALID
UB_CEWR1.eps
t SD
DIN
6 7 8 9 10 11 12
Notes: 1. WRITE is an internally generated signal asserted during an overlap of the LOW states on the CE and WE inputs and at least one of the LB and UB inputs being in the LOW state. 2. WRITE = (CE) [ (LB) = (UB) ] (WE).
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
9
IS61LV51216 IS64LV51216
AC WAVEFORMS WRITE CYCLE NO. 2 (WE Controlled. OE is HIGH During Write Cycle) (1,2)
www..com
ADDRESS
ISSI
t WC
VALID ADDRESS
(R)
t HA
OE
CE
LOW
t AW t PWE1
WE
t SA
UB, LB
t PBW
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR2.eps
WRITE CYCLE NO. 3 (WE Controlled. OE is LOW During Write Cycle) (1)
t WC
ADDRESS OE CE
VALID ADDRESS
LOW
t HA
LOW
t AW t PWE2
WE
t SA
UB, LB
t PBW
t HZWE
DOUT
DATA UNDEFINED
HIGH-Z
t LZWE
t SD
DIN
t HD
DATAIN VALID
UB_CEWR3.eps
10
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
IS61LV51216 IS64LV51216
AC WAVEFORMS WRITE CYCLE NO. 4 (LB, UB Controlled, Back-to-Back Write)
www..com
ADDRESS
(1,3)
ISSI
t WC
ADDRESS 1
(R)
1 2
t HA
t WC
ADDRESS 2
OE
t SA
CE
LOW
WE
t HA t SA t PBW t PBW
WORD 2
3 4 5
UB_CEWR4.eps
UB, LB
WORD 1
t HZWE
DOUT
HIGH-Z
t LZWE t HD
DATAIN VALID
DATA UNDEFINED
t SD
DIN
t SD
DATAIN VALID
t HD
Notes: 1. The internal Write time is defined by the overlap of CE = LOW, UB and/or LB = LOW, and WE = LOW. All signals must be in valid states to initiate a Write, but any can be deasserted to terminate the Write. The t SA, t HA, t SD, and t HD timing is referenced to the rising or falling edge of the signal that terminates the Write. 2. Tested with OE HIGH for a minimum of 4 ns before WE = LOW to place the I/O in a HIGH-Z state. 3. WE may be held LOW across many address cycles and the LB, UB pins can be used to control the Write function.
6 7 8 9 10 11 12
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
11
IS61LV51216 IS64LV51216
ISSI
Package TSOP (Type II) TSOP (Type II), Lead-free Mini BGA (9mm x 11mm) TSOP (Type II) Mini BGA (9mm x 11mm) TSOP (Type II)
(R)
ORDERING INFORMATION: Commercial Range: 0C to +70C
www..comOrder Part No. Speed
(ns) 8 IS61LV51216-8T IS61LV51216-8TL IS61LV51216-8M IS61LV51216-10T IS61LV51216-10M IS61LV51216-12T
10 12
Industrial Range: -40C to +85C
Speed (ns) 8 10 Order Part No. IS61LV51216-8TI IS61LV51216-8MI IS61LV51216-10TI IS61LV51216-10TLI IS61LV51216-10MI IS61LV51216-10MLI IS61LV51216-12TI Package TSOP (Type II) Mini BGA (9mm x 11mm) TSOP (Type II) TSOP (Type II), Lead-free Mini BGA (9mm x 11mm) Mini BGA (9mm x 11mm), Lead-free TSOP (Type II)
12
Automotive Range: -40C to +125C
Speed (ns) 12 Order Part No. IS64LV51216-12TA3 IS64LV51216-12TLA3 Package TSOP (Type II)(1) TSOP (Type II)(1), Lead-free
Note: 1. Copper Leadframe
12
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 12/06/05
PACKAGING INFORMATION
Mini Ball Grid Array Package Code: M (48-pin)
ISSI
Bottom View
b (48x)
(R)
www..com
Top View 1 2 3 4 56 6
5
4
3
2
1
A B C D D E F G H D1
e
A B C D E F G H
e E E1
A2 SEATING PLANE A1
A
Notes: 1. Controlling dimensions are in millimeters.
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 01/15/03
PACKAGING INFORMATION
Mini Ball Grid Array Package Code: M (48-pin)
ISSI
(R)
www..com
mBGA - 6mm x 8mm
MILLIMETERS Sym.
N0. Leads A A1 A2 D D1 E E1 e b -- 0.25 0.60
INCHES Min. Typ. Max.
Min. Typ. Max.
48 -- -- -- 5.60BSC 5.90 6.00 6.10 4.00BSC 0.80BSC 0.40 0.45 0.50 1.20 0.40 --
.-- 0.010 0.024
-- 0.047 -- 0.016 -- --
7.90 8.00 8.10
0.311 0.314 0.319 0.220BSC 0.232 0.236 0.240 0.157BSC 0.031BSC 0.016 0.018 0.020
mBGA - 7.2mm x 8.7mm
MILLIMETERS Sym.
N0. Leads A A1 A2 D D1 E E1 e b -- 0 .24 0.60
mBGA - 9mm x 11mm
INCHES Min. Typ. Max. Sym.
N0. Leads
MILLIMETERS Min. Typ. Max.
48 -- 0.24 0.60 -- -- -- 5.25BSC 8.90 9.00 9.10 3.75BSC 0.75BSC 0.30 0.35 0.40 1.20 0.30 -- --
INCHES Min. Typ. Max.
Min. Typ. Max.
48 -- -- -- 5.25BSC 7.10 7.20 7.30 3.75BSC 0.75BSC 0.30 0.35 0.40 1.20 0.30 --
-- 0.009 0.024
-- -- --
0.047 0.012 --
A A1 A2 D D1 E E1 e b
-- -- --
0.047 0.012 --
0.009 0.024
8.60 8.70 8.80
0.339 0.343 0.346 0.207BSC 0.280 0.283 0.287 0.148BSC 0.030BSC 0.012 0.014 0.016
10.90 11.00 11.10
0.429 0.433 0.437 0.207BSC 0.350 0.354 0.358 0.148BSC 0.030BSC 0.012 0.014 0.016
2
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. D 01/15/03
PACKAGING INFORMATION
Plastic TSOP Package Code: T (Type II)
ISSI
Notes: 1. Controlling dimension: millimieters, unless otherwise specified. 2. BSC = Basic lead spacing between centers. 3. Dimensions D and E1 do not include mold flash protrusions and should be measured from the bottom of the package. 4. Formed leads shall be planar with respect to one another within 0.004 inches at the seating plane.
(R)
N
www..com
N/2+1
E1
E
1 D
N/2
SEATING PLANE
ZD
A
.
e b L A1 C
Symbol Ref. Std. No. Leads A A1 b C D E1 E e L ZD
Millimeters Min Max
Inches Min Max
Plastic TSOP (T - Type II) Millimeters Inches Min Max Min Max 44 -- 1.20 -- 0.047 0.05 0.15 0.002 0.006 0.30 0.45 0.012 0.018 0.12 0.21 0.005 0.008 18.31 18.52 0.721 0.729 10.03 10.29 0.395 0.405 11.56 11.96 0.455 0.471 0.80 BSC 0.032 BSC 0.41 0.60 0.016 0.024 0.81 REF 0.032 REF 0 5 0 5
Millimeters Min Max 50 -- 1.20 0.05 0.15 0.30 0.45 0.12 0.21 20.82 21.08 10.03 10.29 11.56 11.96 0.80 BSC 0.40 0.60 0.88 REF 0 5
Inches Min Max
(N) 32 -- 1.20 -- 0.047 0.05 0.15 0.002 0.006 0.30 0.52 0.012 0.020 0.12 0.21 0.005 0.008 20.82 21.08 0.820 0.830 10.03 10.29 0.391 0.400 11.56 11.96 0.451 0.466 1.27 BSC 0.050 BSC 0.40 0.60 0.016 0.024 0.95 REF 0.037 REF 0 5 0 5
-- 0.047 0.002 0.006 0.012 0.018 0.005 0.008 0.820 0.830 0.395 0.405 0.455 0.471 0.031 BSC 0.016 0.024 0.035 REF 0 5
Copyright (c) 2003 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. -- www.issi.com -- 1-800-379-4774
Rev. F 06/18/03


▲Up To Search▲   

 
Price & Availability of IS61LV51216

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X