Part Number Hot Search : 
RC64475 MUR820 JC208N SWSS0 MC1741CG UTR3310 V910M FR801F
Product Description
Full Text Search
 

To Download HUR10100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HUR10100, HUR10120
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Dimensions TO-220AC A C(TAB) A C C
Dim. A B C D E F G H J K L M N Q
www..com
A=Anode, C=Cathode, TAB=Cathode VRSM V 1000 1200 VRRM V 1000 1200
HUR10100 HUR10120
Inches Min. Max. 0.500 0.580 0.560 0.650 0.380 0.420 0.139 0.161 2.300 0.420 0.100 0.135 0.045 0.070 0.250 0.025 0.035 0.190 0.210 0.140 0.190 0.015 0.022 0.080 0.115 0.025 0.055
Milimeter Min. Max. 12.70 14.73 14.23 16.51 9.66 10.66 3.54 4.08 5.85 6.85 2.54 3.42 1.15 1.77 6.35 0.64 0.89 4.83 5.33 3.56 4.82 0.38 0.56 2.04 2.49 0.64 1.39
Symbol IFRMS IFAVM IFSM EAS IAR TVJ TVJM Tstg Ptot Md Weight TC=25oC mounting torque typical
Test Conditions TC=115oC; rectangular, d=0.5 TVJ=45oC; tp=10ms (50Hz), sine TVJ=25 C; non-repetitive; IAS=8A; L=180uH VA=1.25.VR typ.; f=10kHz; repetitive
o
Maximum Ratings 35 10 40 6.9 0.8 -55...+175 175 -55...+150 60 0.4...0.6 2
Unit A A mJ A
o
C
W Nm g
HUR10100, HUR10120
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
Symbol TVJ=25oC; VR=VRRM TVJ=150oC; VR=VRRM IF=10A; TVJ=150oC TVJ=25oC
Test Conditions
Characteristic Values typ. max. 60 0.25 1.96 2.94 2.5 0.5
Unit uA mA V K/W ns A
IR VF
www..com
RthJC RthCH trr IRM IF=1A; -di/dt=50A/us; VR=30V; TVJ=25oC VR=100V; IF=12A; -diF/dt=100A/us; TVJ=100 C
o
40 4
FEATURES
* International standard package * Planar passivated chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* Avalanche voltage rated for reliable operation * Soft reverse recovery for low EMI/RFI * Low IRM reduces: - Power dissipation within the diode - Turn-on loss in the commutating switch
HUR10100, HUR10120
High-Performance Wide Temperature Range Ultra Fast Recovery Epitaxial Diode
30 A 25 IF 20
TVJ=150C
2000 nC 1500 Qr
TVJ= 100C VR = 600V
40
TVJ= 100C A VR = 600V
IF= 20A IF= 10A IF= 5A
IRM
30
15
TVJ=100C
1000
20
IF= 20A IF= 10A IF= 5A
10 www..com
TVJ= 25C
500
10
5 0 0 1 2 3 VF 4V 0 100 0 A/us 1000 -diF/dt 0 200 400 600 A/us 1000 800 -diF/dt
Fig. 1 Forward current IF versus VF
Fig. 2 Reverse recovery charge Qr versus -diF/dt
150 ns 140
TVJ= 100C VR = 600V
Fig. 3 Peak reverse current IRM versus -diF/dt
120 V VFR
tfr TVJ= 100C IF = 10A VFR
2.0
1.2 us tfr 0.8
1.5 Kf 1.0
trr 130 120 110
IF= 20A IF= 10A IF= 5A
80
IRM
40
0.4
0.5
Qr
100 90 0 0 200 400 600 -diF/dt 800 A/us 1000 0 200 400 0.0 600 A/us 1000 800 diF/dt
0.0 0 40 80 120 C 160 TVJ
Fig. 4 Dynamic parameters Qr, IRM versus TVJ
10 K/W 1 ZthJC 0.1
Fig. 5 Recovery time trr versus -diF/dt
Fig. 6 Peak forward voltage VFR and tfr versus diF/dt Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 1.449 0.558 0.493 ti (s) 0.0052 0.0003 0.017
0.01
0.001 0.00001
0.0001
0.001
0.01
0.1 t
s
1
Fig. 7 Transient thermal resistance junction to case


▲Up To Search▲   

 
Price & Availability of HUR10100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X