Part Number Hot Search : 
CO55C C18F67 1A2415 HD14174B HIR204 T1633 TRLPB EC000310
Product Description
Full Text Search
 

To Download HS-1254RH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS-1254RH
PRELIMINARY
April 1998
Radiation Hardened, High Speed, Low Power Dual Operational Amplifier with Disable
Description
The HS-1254RH is a 5V, Rad Hard, monolithic, dual, current feedback amplifier that provides highly reliable performance in harsh radiation environments. Dielectric isolation and bonded wafer processing make this device immune to latch-up (SEL). Excellent dynamic characteristics, coupled with the disable function, make this amplifier well-suited for a variety of satellite system applications. The outputs have individual disable control pins that make it easy to multiplex wideband signals, putting the outputs in a high impedance mode and reducing the supply current per op amp down to 3mA (typical). Post radiation limits are fully specified and guaranteed to 300kRAD(Si) total dose to ensure predictable performance in any space application. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). SMD numbers must be used when ordering. Detailed Electrical Specifications for the HS-1254RH are contained in SMD 5962-98581, which is easily downloadable from our website, via a DSCC "hot-link". http://www.semi.intersil.com/data/sm/index.htm
Features
* QML Qualified Per MIL-PRF-38535 Requirements * Radiation Environment - Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si) - SEL Immune . . . . . . . . . . . Bonded Wafer DI Process * Low Quiescent Current (per amp) . . . . . . 6.1mA (Max) * Disabled Supply Current (per amp) . . . . . 4.0mA (Max) * Low Offset Voltage. . . . . . . . . . . . . . . . . . . 5.0mV (Max) * Output Enable/Disable Time . . . . . . . 160ns/20ns (Typ) * High Slew Rate . . . . . . . . . . . . . . . . . . . 1050V/s (Typ) * Wide -3dB Bandwidth (AV = +2) . . . . . . . 530MHz (Typ)
Applications
* High Speed A/D Drivers * Cable Drivers * Wideband Signal Switching and Routing * Redundant Circuit Multiplexing * Pulse Amplifiers
Ordering Information
SMD PART NUMBER 5962R9858101VXC N/A INTERSIL PART NUMBER HS9-1254RH-Q HS9-1254RH/Sample TEMP. RANGE (oC) -55 to 125 25 PACKAGE 14 Ld Flatpack 14 Ld Flatpack CASE OUTLINE CDFP3-F14 CDFP3-F14
Pinout
HS-1254RH (FLATPACK) TOP VIEW
-IN1 +IN1 DISABLE 1 VDISABLE 2 +IN2 -IN2 1 2 3 4 5 6 7 14 13 12 11 10 9 8 OUT1 NC GND V+ NC NC OUT2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. http://www.intersil.com or 407-727-9207 | Copyright (c) Intersil Corporation 1999
File Number
4507
1
HS-1254RH Die Characteristics
DIE DIMENSIONS Size: 1750m x 2330m (69 mils x 92 mils) Thickness: 483m (19 mils) GLASSIVATION Type: Nitride Thickness: 4kA 0.5kA METALLIZATION Metal 1 Type: AlCu(2%)/TiW Thickness: 8kA 0.4kA Metal 2 Type: AlCu(2%) Thickness: 16kA 0.8kA SUBSTRATE DI, Bonded Wafer BACKSIDE FINISH Silicon SUBSTRATE POTENTIAL Floating (Recommend connection to V-) TRANSISTOR COUNT: 180
Metallization Mask Layout
HS-1254RH
-IN1 OUT1 GND (SEE NOTE 1)
V+ +IN1
NC DISABLE1 V-
DISABLE2
NC
+IN2
OUT2
-IN2
V-
NOTE: 1. This is an optional GND pad. Users may set a GND reference, via this pad, to ensure the TTL compatibility of the DISABLE inputs when using asymmetrical supplies (e.g., V+ = 10V, V- = 0V).
2
HS-1254RH
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA Intersil Corporation P. O. Box 883, Mail Stop 53-204 Melbourne, FL 32902 TEL: (407) 724-7000 FAX: (407) 724-7240 EUROPE Intersil SA Mercure Center 100, Rue de la Fusee 1130 Brussels, Belgium TEL: (32) 2.724.2111 FAX: (32) 2.724.22.05 ASIA Intersil (Taiwan) Ltd. Taiwan Limited 7F-6, No. 101 Fu Hsing North Road Taipei, Taiwan Republic of China TEL: (886) 2 2716 9310 FAX: (886) 2 2715 3029
3


▲Up To Search▲   

 
Price & Availability of HS-1254RH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X