Part Number Hot Search : 
LT3513 A1102 S24023SB MAZ2300 UPRA2C9P MKW3023 LLST33 M37643F8
Product Description
Full Text Search
 

To Download HS-1245RH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HS-1245RH
Data Sheet August 1999 File Number 4229.1
Radiation Hardened, Dual, High Speed, Low Power Video Operational Amplifier with Output Disable
The HS-1245RH is a radiation hardened dual high speed, low power current feedback amplifier built with Intersil's proprietary complementary bipolar UHF-1 (DI bonded wafer) process. These devices are QML approved and are processed and screened in full compliance with MIL-PRF-38535. This amplifier features individual TTL/CMOS compatible disable controls, which when pulled low, reduce the supply current and force the output into a high impedance state. This allows easy implementation of simple, low power video switching and routing systems. Component and composite video systems also benefit from this op amp's excellent gain flatness, and good differential gain and phase specifications. Multiplexed A/D applications will also find the HS-1245RH useful as the A/D driver/multiplexer. Specifications for Rad Hard QML devices are controlled by the Defense Supply Center in Columbus (DSCC). The SMD numbers listed here must be used when ordering. Detailed Electrical Specifications for these devices are contained in SMD 5962-96832. A "hot-link" is provided on our homepage for downloading. www.intersil.com/spacedefense/space.asp
Features
* Electrically Screened to SMD # 5962-96832 * QML Qualified per MIL-PRF-38535 Requirements * MIL-PRF-38535 Class V Compliant * Low Supply Current . . . . . . . . . . . . . . . . . . . . 5.9mA (Typ) * Wide -3dB Bandwidth. . . . . . . . . . . . . . . . . .530MHz (Typ) * High Slew Rate. . . . . . . . . . . . . . . . . . . . . .1050V/s (Typ) * Excellent Gain Flatness (to 50MHz). . . . . . 0.11dB (Typ) * Excellent Differential Gain . . . . . . . . . . . . . . . 0.02% (Typ) * Excellent Differential Phase . . . . . . . . . 0.03 Degree (Typ) * High Output Current . . . . . . . . . . . . . . . . . . . .60mA (Typ) * Individual Output Enable/Disable * Output Enable / Disable Time. . . . . . . . . 160ns/20ns (Typ) * Total Gamma Dose. . . . . . . . . . . . . . . . . . . . 300kRAD(Si) * Latch Up . . . . . . . . . . . . . . . . . . . . . None (DI Technology)
Applications
* Multiplexed Flash A/D Driver * RGB Multiplexers and Preamps * Video Switching and Routing * Pulse and Video Amplifiers
Ordering Information
ORDERING NUMBER 5962F9683201VCA 5962F9683201VCC INTERNAL MKT. NUMBER HS1-1245RH-Q HS1B-1245RH-Q TEMP. RANGE (oC) -55 to 125 -55 to 125
* Wideband Amplifiers * Hand Held and Miniaturized RF Equipment * Battery Powered Communications
Pinout
HS-1245RH (CERDIP) GDIP1-T14 OR HS-1245RH (SBDIP) CDIP2-T14 TOP VIEW
-IN1 1 +IN1 2 DISABLE 1 3 V- 4 DISABLE 2 5 +IN2 6 -IN2 7
+
14 OUT1 13 NC 12 GND 11 V+ 10 NC
+ -
9 8
NC OUT2
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 321-724-7143 | Copyright (c) Intersil Corporation 1999
HS-1245RH Application Information
Optimum Feedback Resistor
Although a current feedback amplifier's bandwidth dependency on closed loop gain isn't as severe as that of a voltage feedback amplifier, there can be an appreciable decrease in bandwidth at higher gains. This decrease may be minimized by taking advantage of the current feedback amplifier's unique relationship between bandwidth and RF. All current feedback amplifiers require a feedback resistor, even for unity gain applications, and RF, in conjunction with the internal compensation capacitor, sets the dominant pole of the frequency response. Thus, the amplifier's bandwidth is inversely proportional to RF. The HS-1245RH design is optimized for a 560 RF at a gain of +2. Decreasing RF decreases stability, resulting in excessive peaking and overshoot (Note: Capacitive feedback will cause the same problems due to the feedback impedance decrease at higher frequencies). At higher gains the amplifier is more stable, so RF can be decreased in a trade-off of stability for bandwidth. The table below lists recommended RF values for various gains, and the expected bandwidth. For good channel-tochannel gain matching, it is recommended that all resistors (termination as well as gain setting) be 1% tolerance or better. Note that a series input resistor, on +IN, is required for a gain of +1, to reduce gain peaking and increase stability.
GAIN (ACL) -1 +1 +2 RF () 510 560 (+RS = 560) 560 BANDWIDTH (MHz) 230 290 530
Attention should be given to decoupling the power supplies. A large value (10F) tantalum in parallel with a small value (0.1F) chip capacitor works well in most cases. Terminated microstrip signal lines are recommended at the input and output of the device. Capacitance directly on the output must be minimized, or isolated as discussed in the next section. Care must also be taken to minimize the capacitance to ground seen by the amplifier's inverting input (-IN). The larger this capacitance, the worse the gain peaking, resulting in pulse overshoot and possible instability. To this end, it is recommended that the ground plane be removed under traces connected to -IN, and connections to -IN should be kept as short as possible.
Driving Capacitive Loads
Capacitive loads, such as an A/D input, or an improperly terminated transmission line will degrade the amplifier's phase margin resulting in frequency response peaking and possible oscillations. In most cases, the oscillation can be avoided by placing a resistor (RS) in series with the output prior to the capacitance. Figure 1 details starting points for the selection of this resistor. The points on the curve indicate the RS and CL combinations for the optimum bandwidth, stability, and settling time, but experimental fine tuning is recommended. Picking a point above or to the right of the curve yields an overdamped response, while points below or left of the curve indicate areas of underdamped performance. RS and CL form a low pass network at the output, thus limiting system bandwidth well below the amplifier bandwidth of 290MHz (for AV = +1). By decreasing RS as CLincreases (as illustrated in the curves), the maximum bandwidth is obtained without sacrificing stability. Even so, bandwidth does decrease as you move to the right along the curve. For example, at AV = +1, RS = 62, CL = 40pF, the overall bandwidth is limited to 180MHz, and bandwidth drops to 70MHz at AV = +1, RS = 8, CL = 400pF.
50 SERIES OUTPUT RESISTANCE ()
Non-Inverting Input Source Impedance
For best operation, the D.C. source impedance looking out of the non-inverting input should be 50. This is especially important in inverting gain configurations where the noninverting input would normally be connected directly to GND.
Optional GND Pin for TTL Compatibility
The HS-1245RH derives an internal GND reference for the digital circuitry as long as the power supplies are symmetrical about GND. The GND reference is used to ensure the TTL compatibility of the DISABLE inputs. With symmetrical supplies the GND pin (Pin 12) may be floated, or connected directly to GND. If asymmetrical supplies (e.g. +10V, 0V) are utilized, and TTL compatibility is desired, the GND pin must be connected to GND.
40
30
20 AV = +2 10
AV = +1
PC Board Layout
The frequency response of this amplifier depends greatly on the amount of care taken in designing the PC board. The use of low inductance components such as chip resistors and chip capacitors is strongly recommended, while a solid ground plane is a must!
0
0
50
100
150 200 250 300 LOAD CAPACITANCE (pF)
350
400
FIGURE 1. RECOMMENDED SERIES OUTPUT RESISTOR vs LOAD CAPACITANCE
2
HS-1245RH Burn-In Circuit
HS-1245RH CERDIP
R2
R1 1 2 R1 D4 VD2 C2 R1 6 7 R1 + 9 8 3 4 5 12 11 10 C1 D1 D3 V+ + 14 13
R2
NOTES: 1. R1 2. R2 3. C1 4. D1, D2 5. D3, D4 = 1k, 5%, 1/4W min (Per Socket) = 10k, 5%, 1/4W min (Per Socket) = 0.01F (Per Socket) or 0.1F (Per Row) Minimum = 1N4002 or Equivalent (Per Board) = 1N4002 or Equivalent (Per Socket)
6. (-V) + (+V) = 11V 1.0V 7. 10mA < (ICC, IEE) < 16mA 8. -750mV < VOUT < +750mV
Irradiation Circuit
HS-1245RH CERDIP
R2
R1 1 2 R1 3 VC1 R1 6 7 R1 + 9 8 4 5 12 11 10 C1 V+ + 14 13
R2
NOTES: 9. R1 = 1k, 5% 10. R2 = 10k, 5% 11. C1 = 0.01F 12. V+ = +5.0V 0.5V 13. V- = -5.0V 0.5V
3
HS-1245RH Die Characteristics
DIE DIMENSIONS: 69 mils x 92 mils x 19 mils 1 mil 1750 x 2330 x 355m 25.4m INTERFACE MATERIALS: Glassivation: Type: Nitride Thickness: 4kA 0.5kA Top Metallization: Type: Metal 1: AICu(2%)/TiW Type: Metal 2: AICu(2%) Thickness: Metal 1: 8kA 0.4kA Thickness: Metal 2: 16kA 0.8kA Substrate: UHF-1X, Bonded Wafer, DI Backside Finish: Silicon ASSEMBLY RELATED INFORMATION: Substrate Potential (Powered Up): Floating ADDITIONAL INFORMATION: Worst Case Current Density: < 2 x 105 A/cm2 Transistor Count: 150
Metallization Mask Layout
HS-1245RH
-IN1 OUT1 GND (NOTE)
V+ +IN1
DISABLE1
NC
VDISABLE2
NC
+IN2 V-IN2 VVL
OUT2
NOTE: This is an optional GND pad. Users may set a GND reference, via this pad, to ensure the TTL compatibility of the DISABLE inputs when using asymmetrical supplies (e.g., V+ = 10V, V- = 0V). See the "Application Information" section for details.
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil semiconductor products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries. For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
4


▲Up To Search▲   

 
Price & Availability of HS-1245RH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X