Part Number Hot Search : 
7C133 3510F SMCJ43A SI5908DC TCH20A20 06400 DTA114Y 2SD18
Product Description
Full Text Search
 

To Download GJ45N03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
ISSUED DATE :2006/08/16 REVISED DATE :
GJ45N03
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
25V 9m 45A
The GJ45N03 provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. *Low Gate Charge *Simple Drive Requirement *Fast Switching Speed *RoHS Compliant
Description
Features
Package Dimensions TO-252
REF. A B C D E F S
Millimeter Min. Max. 6.40 6.80 5.20 5.50 6.80 7.20 2.40 3.00 2.30 REF. 0.70 0.90 0.60 0.90
REF. G H J K L M R
Millimeter Min. Max. 0.50 0.70 2.20 2.40 0.45 0.55 0 0.15 0.90 1.50 5.40 5.80 0.80 1.20
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS@10V Continuous Drain Current, VGS@10V Pulsed Drain Current
1
Symbol VDS VGS ID @TC=25 : ID @TC=100 : IDM PD @TC=25 :
2
Ratings 25 20 45 32 150 50 0.4 150 25 -55 ~ +150
Unit V V A A A W W/ : mJ A :
Total Power Dissipation Linear Derating Factor Single Pulse Avalanche Energy
EAS IAS Tj, Tstg
Single Pulse Avalanche Current
Operating Junction and Storage Temperature Range
Thermal Data
Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient GJ45N03 Max. Max. Symbol Rthj-c Rthj-a Value 2.5 110 Unit : /W : /W Page: 1/4
ISSUED DATE :2006/08/16 REVISED DATE :
Electrical Characteristics (Tj = 25 : unless otherwise specified)
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Symbol BVDSS
BVDSS / Tj
Min. 25 1.0 -
Typ. 0.026 25 6 10 15 4 6 8.8 57.5 18.5 6.4 1135 200 135
Max. 3.0 100 1 25 9 13 -
Unit V V/ : V S nA uA uA m
Test Conditions VGS=0, ID=250uA Reference to 25 : , ID=1mA VDS=VGS, ID=250uA VDS=10V, ID=10A VGS= 20V VDS=25V, VGS=0 VDS=20V, VGS=0 VGS=10V, ID=30A VGS=4.5V, ID=30A ID=20A VDS=20V VGS=4.5V VDS=15V ID=20A VGS=10V RG=3.3 RD=0.75 VGS=0V VDS=25V f=1.0MHz
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25 : ) Drain-Source Leakage Current(Tj=150 : )
VGS(th) gfs IGSS IDSS
Static Drain-Source On-Resistance3 Total Gate Charge3 Gate-Source Charge Gate-Drain ("Miller") Change Turn-on Delay Time3 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
RDS(ON) Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
nC
ns
pF
Source-Drain Diode
Parameter Forward On Voltage
3
Symbol VSD IS
Min. -
Typ. -
Max. 1.5 50
Unit V A
Test Conditions IS=20A, VGS=0V VD= VG=0V, VS=1.5V
Continuous Source Current (Body Diode)
Notes: 1. Pulse width limited by safe operating area. 2. Staring Tj=25 : , VDD=20V, L=0.1mH, RG=25 , IAS=10A. 3. Pulse width 300us, duty cycle 2%.
GJ45N03
Page: 2/4
ISSUED DATE :2006/08/16 REVISED DATE :
Characteristics Curve
Fig 1. Typical Output Characteristics
13
Fig 2. Typical Output Characteristics
12
2
11
10
9
8
7
6
5
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
Fig 5. Forward Characteristics of Reverse Diode
GJ45N03
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
Page: 3/4
ISSUED DATE :2006/08/16 REVISED DATE :
20
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GJ45N03
Page: 4/4


▲Up To Search▲   

 
Price & Availability of GJ45N03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X