Part Number Hot Search : 
74F158 ISL6719 TM3057 HR6013 SWF13N50 CLS0402 74HC4 2SA699
Product Description
Full Text Search
 

To Download GJ3055S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Pb Free Plating Product
ISSUED DATE :2006/05/19 REVISED DATE :2006/11/09B
GJ3055S
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
BVDSS RDS(ON) ID
20V 25m 18A
Description
The GJ3055S provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness. The TO-252 package is universally preferred for all commercial-industrial surface mount applications and suited for low voltage applications such as DC/DC converters. *Low Gate Charge *Simple Drive Requirement *Fast Switching
Features
Package Dimensions TO-252
REF. A B C D E F S
Millimeter Min. Max. 6.40 6.80 5.20 5.50 6.80 7.20 2.40 3.00 2.30 REF. 0.70 0.90 0.60 0.90
REF. G H J K L M R
Millimeter Min. Max. 0.50 0.70 2.20 2.40 0.45 0.55 0 0.15 0.90 1.50 5.40 5.80 0.80 1.20
Absolute Maximum Ratings
Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current, VGS@10V Continuous Drain Current, VGS@10V Pulsed Drain Current
1
Symbol VGS VGS ID @TC=25 : ID @TC=100 : IDM PD @TC=25 : Tj, Tstg
Ratings 20 8 18 10 30 28 0.22 -55 ~ +150
Unit V V A A A W W/ : :
Total Power Dissipation Linear Derating Factor
Operating Junction and Storage Temperature Range
Thermal Data
Parameter Thermal Resistance Junction-case Thermal Resistance Junction-ambient Max. Max. Symbol Rthj-c Rthj-a Value 4.5 110 Unit : /W : /W
GJ3055S
Page: 1/5
ISSUED DATE :2006/05/19 REVISED DATE :2006/11/09B
Electrical Characteristics (Tj = 25 : unless otherwise specified)
Parameter Drain-Source Breakdown Voltage
Breakdown Voltage Temperature Coefficient
Symbol BVDSS
BVDSS / Tj
Min. 20 0.5 -
Typ. 0.037 7 18.9 2.1 2.4 14.3 11.9 22.1 16.7 614 151 116
Max. 1.2 100 1 25 25 30 40 -
Unit V V/ : V S nA uA uA
Test Conditions VGS=0, ID=250uA Reference to 25 : , ID=1mA VDS=VGS, ID=250uA VDS=10V, ID=6A VGS= 8V VDS=20V, VGS=0 VDS=16V, VGS=0 VGS=10V, ID=8A
Gate Threshold Voltage Forward Transconductance Gate-Source Leakage Current
Drain-Source Leakage Current(Tj=25 : ) Drain-Source Leakage Current(Tj=150 : )
VGS(th) gfs IGSS IDSS
Static Drain-Source On-Resistance
RDS(ON)
-
m
VGS=4.5V, ID=6A VGS=2.5V, ID=5.2A ID=6A VDS=10V VGS=10V VDS=10V ID=1A VGS=4.5V RG=6 RL=10 VGS=0V VDS=8V f=1.0MHz
Total Gate Charge2 Gate-Source Charge Gate-Drain ("Miller") Change Turn-on Delay Time2 Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
Qg Qgs Qgd Td(on) Tr Td(off) Tf Ciss Coss Crss
-
nC
ns
pF
Source-Drain Diode
Parameter Forward On Voltage
2
Symbol VSD IS ISM
1
Min. -
Typ. -
Max. 1.3 18 30
Unit V A A
Test Conditions IS=18A, VGS=0V, Tj=25 : VD= VG=0V, VS=1.3V
Continuous Source Current(Body Diode) Pulsed Source Current(Body Diode)
Notes: 1. Pulse width limited by safe operating area. 2. Pulse width 300us, duty cycle 2%.
GJ3055S
Page: 2/5
ISSUED DATE :2006/05/19 REVISED DATE :2006/11/09B
Characteristics Curve
Fig 1. Typical Output Characteristics
Fig 2. Transfer Characteristics
Fig 3. Transconductance v.s. Drain Current
Fig 4. On-Resistance v.s. Junction Temperature
Fig 5. Breakdown Voltage v.s. Junction Temperature
GJ3055S
Fig 6. Body Diode Forward Voltage v.s. Source Current
Page: 3/5
ISSUED DATE :2006/05/19 REVISED DATE :2006/11/09B
Fig 7. Maximum Safe Operating Area
Fig 8. Gate Threshold Voltage v.s. Junction Temperature
Fig 9. Gate Charge Characteristics
Fig 10. Typical Capacitance Characteristics
Fig 11. Switching Time Circuit
GJ3055S
Fig 12. Switching Time Waveform
Page: 4/5
ISSUED DATE :2006/05/19 REVISED DATE :2006/11/09B
Fig 13. Normalized Thermal Transient Impedance Curve
Important Notice: All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM. GTM reserves the right to make changes to its products without notice. GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems. GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance. Head Office And Factory: Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C. TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785 China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165
GJ3055S
Page: 5/5


▲Up To Search▲   

 
Price & Availability of GJ3055S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X