Part Number Hot Search : 
MRF284 LBT09031 0S223K 0R12K NTE5554 SEL5755C BZ5239 ATF16
Product Description
Full Text Search
 

To Download FI-A20C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Connectors
Printed circuit boards
Board to cable
1.0mm Contact Spacing * For LCD interface for high speed differential transmission SMT Type * P. C. Board to Cable Application * Single row
FI-X/FI-A Series Connectors
FEATURES
* Board-to-cable application for high density packaging. low-profile SMT type receptacle 1.0 * Small,(FI-X/slotted mount type) and 0.6mmmm high on board (FI-A/slotted mount type). * For differential transmission. (100 10 ohms). * Precision impedance matching for preventing float up * Pin headers come with hold-down retention on board. when soldering and offering additional * * * * *
The hold-down is incorporated with shell, enabling connection to the ground on board. Receptacle with a ground plate on both ends of wire terminal of contact, enabling connection to the ground on board. Design ensuring correct grounding. Come in three types. Crimp type cable plug for discrete wire, ZIF type for FPC, and fine-wire coaxial type. (We can supply various cable harnessed connectors such as twinax. For further information, consult JAE's sales department) ZIF (zero insertion force) configuration for FPC application. No force is directly applied when inserting FPC. Easy to operate. The shell is connected to the ground on one side of FPC when inserting it. Receptacles can be supplied in embossed tape allowing automatic mounting.
GENERAL SPECIFICATIONS
No. of Contacts
14 (specifically designed for differential transmission/7 pairs) 14, 20, 30 (for fine-wire coaxial:20,30) 20 positions for FI-A 1 Amps 500 VACr.m.s. (for one minute) 100 megohms min. 40 milliohms max. #30 to #36 AWG (discrete wire) #40 AWG (fine-wire coaxial) 1.0 mm pitch FPC/0.14 mm thick -40C to +80C
APPLICATIONS
LCD interfaces, LCD inverter, PC, PDA, DVC, mobile phones, digital still cameras, various state-of-the-art miniature devices
Current Rating
D.W.Voltage
TYPES & COMBINATIONS
* *
FI-X: Click the button.
Insulation Resistance Contact Resistance
FI-A: Click the button.
Applicable Wire Operating Temperature
* The products and specifications contained in this catalog are subject to change without notice. When considering use of or placing an order for products included in this catalog, please check first with our sales department.
www..com
TYPES & COMBINATIONS
Receptacle
FI-X Series
Plug
*
mm(inch)
1.65 (.065) 7.9(.311) 1.5 1.65 (.059) (.065)
For discrete wire Crimp type With metallic shell P/N : FI-XH
*
Original type Right-angle With metallic shell P/N : FI-XS-HF
1.65 (.065)
*
mm(inch) mm(inch)
7.9(.311) Signal side
Socket contact Crimp type P/N : FI-XC3-1-15000
Ground side FPC
1.55 1.65 (.061) (.065)
mm(inch)
1.65 (.065)
9(.354)
1.55 1.65 (.061) (.065)
*
ZIF design for FPC With metallic shell P/N : FI-XM
mm(inch)
1.55 1 (.061) (.039) 7.9(.311) 1.5 (.059)
*
Slotted mount type Right-angle With metallic shell P/N : FI-XBS-HF10
1.55 1 (.061) (.039)
*
mm(inch)
7.9(.311) Signal side
For fine-wire coaxial With metallic shell P/N : FI-XC
Ground side FPC 1.55 (.061)
*
mm(inch)
1.55 1 (.061) (.039)
9(.354)
For fine-wire coaxial Slider shell P/N : FI-XCH-700
1.55 (.061)
www..com
TYPES & COMBINATIONS
Receptacle
FI-A Series
Plug
*
For discrete wire Crimp type Without metallic shell P/N : FI-A20H
mm(inch)
1 0.6 (.039) (.024) 7.9(.311) 1 (.039)
*
Socket contact Crimp type P/N : FI-AC3-1-15000
*
Slotted mount type Right-angle With metallic shell P/N : FI-AB20S-HF06
1 0.6 (.039) (.024)
*
mm(inch)
7.9(.311) Signal side
ZIF design for FPC With metallic shell P/N : FI-A20M
Ground side
FPC
1 (.039)
*
For fine-wire coaxial With metallic shell P/N : FI-A20C
mm(inch)
1 0.6 (.039) (.024)
9(.354)
1 (.039)
*
For fine-wire coaxial Slider shell P/N : FI-A20CH-10000


▲Up To Search▲   

 
Price & Availability of FI-A20C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X