Part Number Hot Search : 
E4570 1599HGY F06T4 BYG20 TIL197A 16FF4 BU4538B LT551
Product Description
Full Text Search
 

To Download DB-55015-490 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DB-55015-490
www..com
RF power amplifier using 1 x PD55015-E N-channel enhancement-mode lateral MOSFETs
Preliminary Data
Features

Excellent thermal stability Frequency: 420 - 490 MHz Supply voltage: 13.2 V Output power: 15 W Power gain: 13.5 0.7 dB Efficiency: 51 % - 62 % Load mismatch: 20:1 Beo free amplifier
Description
The DB-55015-490 is a common source N-channel enhancement-mode lateral field effect RF power amplifier designed for UHF mobile radio applications. Table 1.
Mechanical specification: L = 60 mm, W = 30 mm
Device summary
Order codes DB-55015-490
March 2009
Rev 1
1/14
www.st.com 14
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
Contents
DB-55015-490
Contents
1 www..com Electrical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
1.1 Maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2 3 4 5 6 7 8
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Impedance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Typical performance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Test circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Mounting indications . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/14
DB-55015-490
Electrical data
1
www..com
Electrical data
Maximum ratings
Table 2.
Symbol VDD ID PDISS TCASE TA Supply voltage Drain current Power dissipation Operating case temperature Max. ambient temperature
1.1
Absolute maximum ratings
Parameter Value 24 3 25 -20 to +85 55 Unit V A W C C
2
Electrical characteristics
TA = +25 C, VDD = 13.2 V, IDQ = 150 mA Table 3.
Symbol Freq POUT Gain ND H2 H3 VSWR @ PIN = 29 dBm @ PIN = 29 dBm 2 3
ND
Electrical specification
Test conditions Frequency range Min. 420 14 18 13.5 0.7 51 - 62 -40 -60 -35 -55 20:1 Typ. Max. 490 Unit MHz W dB % dBc dBc
Harmonic @ PIN = 27 dBm Harmonic @ PIN = 27 dBm
RD
Load mismatch all phases @ PIN = 27 dBm
3/14
Impedance
DB-55015-490
3
www..com
Impedance
Figure 1. Impedance graphic
D
ZDL
ZGS IN
G
S
Table 4.
Impedance data
f(MHz) 400 410 420 430 440 450 460 470 480 490 500 ZGS () 1.8 + j0,31 1.9 + j0,52 1.8 + j0,80 1.8 + j1,06 1.8 + j1,28 1.8 + j1,50 1.7+ j1,70 1.7 + j1.90 1.6 + j2,05 1.6 + j2,20 1.4 + j2,40 ZDL () 1.9 + j0,11 1.9 + j0,4 1.8 + j0,67 1.8 + j0,92 1.8 + j1.17 1.8 + j1.37 1.6 + j1.59 1.5 + j1.78 1.4 + j1,96 1.3 + j2,18 1.1 + j2,42
4/14
DB-55015-490
Typical performance
4
www..com
Typical performance
Gain vs output power Vdd = 13.2 V, Idq = 150 mA Figure 3. Efficiency vs output power_Vdd = 13.2 V, Idq = 150 mA
Figure 2.
Figure 4.
Output power and efficiency vs frequency_Vdd = 13.2 V, Idq = 150 mA, Pin = 29 dBm
Figure 5.
Gain vs frequency_Vdd = 13.2 V, Idq = 150mA, Pin = 29 dBm
5/14
Typical performance Figure 6. Input return loss vs frequency_Vdd Figure 7. = 13.2 V, Idq = 150 mA, Pin = 29dBm
DB-55015-490 Harmonics vs frequency_Vdd = 13.2 V, Idq = 150 mA, Pin = 27 dBm
www..com
6/14
DB-55015-490
Test circuit
5
www..com
Test circuit
Test circuit schematic
Vcc
1+
Table 5.
R3
2-
MSub
FR4 H=60 mil
D1
B1
B2 C3 C4 C5
R2
C1 L1 C2
R4
R1 TL4 C9 L3 TL5 C10 C11 RFout
RFin
C6
TL1 C7 L2
TL2
TL3 C8 LDMOS PD55015
Table 6.
Components part list
Description Ferrite Bead Zener Diode Inductor Inductor Inductor Resistor Potentiometer Resistor Resistor Capacitor Capacitor Capacitor Electrolytic Capacitor Capacitor Capacitor Capacitor Capacitor Transmission line 5.1 V 39 nH 2.55 nH 5 nH 560 10 k 1 k 15 120 pF 1 nF 10 nF 220 F-35 V 470 pF 15 pF 47 pF 11 pF 1206 100B 100B 100B W = 2.83 mm, L = 10.23 mm 0603 1206 1206 1206 SOD110 Midi Micro Mini 0603 Value Case size Manufacturer PANASONIC PHILIPS COILCRAFT COILCRAFT COILCRAFT Tyco electronics Bourns electronics Tyco electronics Tyco electronics Murata Murata Murata Rubycon Murata ATC ATC ATC GRM42-6C0G121 GRM188R71H102K GRM188R71H103K N0037 MA69471JBB 150 470 110 3214W-1-103E Part code EXCELDRC35C BZX284C5V1 1812SMS-39N 0906-3 A02T
Component ID B1, B2 D1 L1 L2 L3 R1 R2 R3 R4 C1, C2 C3 C4 C5 C6, C11 C7 C8, C9 C10 TL1
7/14
Test circuit Table 6. Components part list (continued)
Description Value Case size W = 4.9 mm, L = 1 mm W = 4.9 mm, L = 2.48 mm W = 4.9 mm, L = 2.6 mm W = 2.83 mm, L = 9.6 mm SMA-CONN LDMOS 60 mils JOHNSON STMicroelectronics FR-4 THk=0.060" 2OZ Cu both sides Manufacturer
DB-55015-490
Component ID TL2 TL3 TL4 TL5 RF in, RF out PD55015-E Board
Part code
www..com
142-0701-801 PD55015-E
8/14
DB-55015-490
Mounting indications
6
www..com
Mounting indications
Figure 8. PowerSO-10 mounting indications
9/14
Package mechanical data
DB-55015-490
7
www..com
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK(R) packages, depending on their level of environmental compliance. ECOPACK(R) specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark.
10/14
DB-55015-490
Package mechanical data
Table 7.
Dim.
www..com
PowerSO-10RF formed lead (gull wing) mechanical data
mm. Min. Typ. 0.05 3.5 1.3 0.2 0.2 5.4 0.23 9.4 7.4 13.85 9.3 7.3 5.9 5.53 0.27 9.5 7.5 14.1 9.4 7.4 6.1 0.5 1.2 0.8 1 0.8 2 deg 5 deg 6 deg 10 deg 8 deg 2 deg 1.1 0.25 0.031 5 deg 6 deg 10 deg 8 deg 0.030 5.65 0.32 9.6 7.6 14.35 9.5 7.5 6.3 0.212 0.008 0.370 0.290 0.544 0.365 0.286 0.231 Max. 0.1 3.6 1.4 0.25 Min. 0. 0.134 0.046 0.005 Inch Typ. 0.0019 0.137 0.05 0.007 0.007 0.217 0.01 0.374 0.295 0.555 0.37 0.292 0.24 0.019 0.047 0.039 0.042 0.01 0.221 0.012 0.377 0.298 0.565 0.375 0.294 0.247 Max. 0.0038 0.142 0.054 0.009
A1 A2 A3 A4 a b c D D1 E E1 E2 E3 F G L R1 R2 T T1 T2
0 3.4 1.2 0.15
Note:
Resin protrusions not included (max value: 0.15 mm per side) Figure 9. Package dimensions
Critical dimensions: - Stand-off (A1) - Overall width (L)
11/14
Package mechanical data
DB-55015-490
Figure 10. PowerSO-10RF tape and reel
www..com
12/14
DB-55015-490
Revision history
8
www..com
Revision history
Table 8.
Date 18-Mar-2009
Document revision history
Revision 1 Initial release. Changes
13/14
DB-55015-490
www..com
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2009 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of DB-55015-490

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X