Part Number Hot Search : 
N391MA15 TDA74 C9S08 AN3303 MAX1478 TZA3019 HS649A VQ100
Product Description
Full Text Search
 

To Download CO605 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Clipped-Sine & HCMOS OCXO
www..com
Oven Controlled Crystal Oscillator
* * * *
Frequency range 2.0MHz ~ 40.0MHz High reliability, excellent temperature stabilities Fast warm-up, low power consumption SC-cut high precision internal thermal crystal
CO605
Specifications:
Frequency Range: Operating Temperature: 2.0 MHz or 40.0 MHz 0C ~ +50C -10C ~ +45C -10C ~ +55C -20C ~ +60C -30C ~ +70C Storage Temperature: Frequency Stability: Accuracy: Vs. Temperature: -40C ~ +85C 5 x 10-9 5 x 10-7 1 x 10-7 5 x 10-8 1 x 10-8 5 x 10-9 1 x 10-11 1 x 10-10 5 x 10-9 -A -B -C -D -E
CO-E
Short-Term Stability: Aging Rate: Output Waveform: Output Level: Phase Noise:
- 57 - 17 - 58 - 18 - 59 per second per day per year max
Clipped-Sine Wave, HCMOS 1.0 Vp-p min clipped-sine @ 1K TTL, HCMOS compatible -100dBc/Hz -130sBc/Hz -140dBc/Hz -145dBc/Hz -30 dB +5.0 VDC ( 5%) +12.0 VDC ( 5%) -P
All dimensions are in mm
@ 10 Hz @ 100 Hz @ 1 KHz @ 10 KHz
Pin 1 2 3 4 5 6
Configurations Vcc Vref Vc/Nc Ground Output Vcc Ground
Harmonics Distortion: Supply Voltage: Supply Current:
400mA max at warm-up 100mA max after warm-up at 25C 3.0 ppm tuning via ext potentiometer
Frequency Adjust:
Note: 1. 2.
Ordering Information
Product name + Temperature + Stability + Frequency + Other Specification Code. i.e. CO604C18-10.0MHz or CO604D58P-10.0MHz
Other frequencies, stabilities, and operating temperature ranges available. Consult VTC Support for specific requirements. Not all combinations of the above, stabilities, and temperature ranges are available. Consult VTC Support if your requirement is not standard. All specifications subject to change without notice.
3.
Phone: +86 10 6301 4184 June 2001
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com Vanlong Technology Co., Ltd.


▲Up To Search▲   

 
Price & Availability of CO605

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X