Part Number Hot Search : 
HIP6301 HMC98012 DTC124E 104M1 CFR10XSA CDBF0340 XHXXX YB18T5
Product Description
Full Text Search
 

To Download CO601 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Clipped-Sine & HCMOS OCXO
www..com
Oven Controlled Crystal Oscillator
* * * *
Low power consumption Excellent temperature stabilities High stability AT-cut crystal Fast warm-up
CO601
Specifications:
Frequency Range: Operating Temperature: 2.0 MHz or 150.0 MHz 0C ~ +50C -10C ~ +45C -10C ~ +55C -20C ~ +60C -30C ~ +70C Storage Temperature: Frequency Stability: Accuracy: Vs. Temperature: -40C ~ +85C 5 x 10-9 5 x 10-7 1 x 10-7 5 x 10-8 1 x 10-8 5 x 10-9 2 x 10-10 1 x 10-9 5 x 10-7 -A -B -C -D -E
CO-B
Short-Term Stability: Aging Rate: Output Waveform: Output Level: Phase Noise:
- 57 - 17 - 58 - 18 - 59 per second per day per year max
Clipped-Sine Wave, HCMOS 1.0 Vp-p min clipped-sine @ 1K TTL, HCMOS compatible -100dBc/Hz -130sBc/Hz -140dBc/Hz -145dBc/Hz -30 dB +5.0 VDC ( 5%) +12.0 VDC ( 5%) -P
All dimensions are in mm
@ 10 Hz @ 100 Hz @ 1 KHz @ 10 KHz
Pin 1 2 3 4 5
Configurations Vcc Vref Vc/Nc Ground Output
Harmonics Distortion: Supply Voltage: Supply Current:
400mA max at warm-up 100mA max after warm-up at 25C 4.0 Watts max 3.0 ppm tuning via ext potentiometer
Warm-up: Frequency Adjust:
Note: 1. 2.
Ordering Information
Product name + Temperature + Stability + Frequency + Other Specification Code. i.e. CO601C18-10.0MHz or CO601D58P-10.0MHz
Other frequencies, stabilities, and operating temperature ranges available. Consult VTC Support for specific requirements. Not all combinations of the above, stabilities, and temperature ranges are available. Consult VTC Support if your requirement is not standard. All specifications subject to change without notice.
3.
Phone: +86 10 6301 4184 June 2001
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com Vanlong Technology Co., Ltd.


▲Up To Search▲   

 
Price & Availability of CO601

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X