Part Number Hot Search : 
SA265 C10P05Q ICS85 2N4240 29LV1 BX3024 SEMTECH L4957A
Product Description
Full Text Search
 

To Download CM2009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
CM2009 VGA Port Companion Circuit
Features
* * Includes ESD protection, level-shifting, buffering and sync impedance matching 7 channels of ESD protection for all VGA port connector pins meeting IEC-61000-4-2 Level 4 ESD requirements (8kV contact discharge) Very low loading capacitance from ESD protection diodes on VIDEO lines, 4pF maximum 5V drivers for HSYNC and VSYNC lines Integrated impedance matching resistors on sync lines Bi-directional level shifting N-channel FETs provided for DDC_CLK & DDC_DATA channels Backdrive protection on DDC lines Compact 16-lead QSOP package
Product Description
The CM2009 connects between a video graphics controller embedded in a PC, graphics adapter card or set top box and the VGA or DVI-I port connector. The CM2009 incorporates ESD protection for all signals, level shifting for the DDC signals and buffering for the SYNC signals. ESD protection for the video, DDC and SYNC lines is implemented with low-capacitance current steering diodes. All ESD diodes are designed to safely handle the high current spikes specified by IEC-61000-4-2 Level 4 (8KV contact discharge if CBYP is present, 4KV if not). The ESD protection for the DDC signal pins are designed to prevent "back current" when the device is powered down while connected to a monitor that is powered up. Separate positive supply rails are provided for the VIDEO, DDC and SYNC channels to facilitate interfacing with low voltage video controller ICs to provide design flexibility in multi-supply-voltage environments. (cont'd next page)
* * * * * *
Applications
* VGA and DVI-I ports in: - Desktop and Notebook PCs - Graphics Cards - Set Top Boxes
Simplified Electrical Schematic
9
VCC_VIDEO
2
12
DDC_OUT1 DDC_OUT2
VCC_DDC
7
BYP
8
VCC_SYNC
1
VIDEO_1 VIDEO_2 VIDEO_3
3 4 5
RT RT
GND
6
16 14
DDC_IN1 DDC_IN2 SYNC_IN1 SYNC_IN2
10 11 13 15
GND
SYNC_OUT2 SYNC_OUT1
(c) 2004 California Micro Devices Corp. All rights reserved. 08/12/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com
1
CM2009
Product Description (cont'd)
Two non-inverting drivers provide buffering for the HSYNC and VSYNC signals from the video controller IC (SYNC1, SYNC2). These buffers accept TTL input levels and convert them to CMOS output levels that swing between Ground and VCC_SYNC, which is typically 5V. Additionally, each driver has a series termination resistor (RT) connected to the SYNC_OUT pin, eliminating the external termination resistors typically required for the HSYNC and VSYNC lines of the video cable. There are three versions with different values of RT to allow termination at typically 65 (CM2009-00) or 55 (CM2009-01) or 15 (CM2009-02). The 15 (CM2009-02) version will typically require two external resistors which can be chosen to exactly match the characteristic impedance of the SYNC lines of the video cable. Two N-channel MOSFETs provide the level shifting function required when the DDC controller is operated at a lower supply voltage than the monitor. The gate terminals for these MOSFETS (VCC_DDC) should be connected to the supply rail (typically 3.3V) that supplies power to the transceivers of the DDC controller.
PACKAGE / PINOUT DIAGRAM
Top View
VCC_SYNC VCC_VIDEO VIDEO_1 VIDEO_2 VIDEO_3 GND VCC_DDC BYP 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 SYNC_OUT2 SYNC_IN2 SYNC_OUT1 SYNC_IN1 DDC_OUT2 DDC_IN2 DDC_IN1 DDC_OUT1
16 Pin QSOP
Note: This drawing is not to scale.
Ordering Information
PART NUMBERING INFORMATION
Standard Finish ROUT 65 55 15 Pins 16 16 16 Package QSOP QSOP QSOP Ordering Part Number1 CM2009-00QS CM2009-01QS CM2009-02QS Part Marking CM2009-00QS CM2009-01QS CM2009-02QS Lead-free Finish Ordering Part Number1 CM2009-00QR CM2009-01QR CM2009-02QR Part Marking CM2009-00QR CM2009-01QR CM2009-02QR
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
(c) 2004 California Micro Devices Corp. All rights reserved.
2
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com
08/12/04
CM2009
Pin Description
PIN DESCRIPTIONS
LEAD(s) 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 NAME VCC_SYNC VCC_VIDEO VIDEO_1 VIDEO_2 VIDEO_3 GND VCC_DDC BYP DDC_OUT1 DDC_IN1 DDC_IN2 DDC_OUT2 SYNC_IN1 SYNC_OUT1 SYNC_IN2 SYNC_OUT2 DESCRIPTION This is an isolated supply input for the SYNC_1 and SYNC_2 level shifters and their associated ESD protection circuits. This is a supply pin specifically for the VIDEO_1, VIDEO_2 and VIDEO_3 ESD protection circuits. Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA controller device and the video connector. Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA controller device and the video connector. Video signal ESD protection channel. This pin is typically tied one of the video lines between the VGA controller device and the video connector. Ground reference supply pin. This is an isolated supply input for the DDC_1 and DDC_2 level-shifting N-FET gates. This input is used to connect an external 0.2uF bypass capacitor to the DDC circuits, resulting in an increased ESD withstand voltage rating for these circuits (8kV with vs. 4kV without). DDC signal output. Connects to the video connector side of one of the sync lines. DDC signal input. Connects to the VGA controller side of one of the sync lines. DDC signal input. Connects to the VGA controller side of one of the sync lines. DDC signal output. Connects to the video connector side of one of the sync lines. Sync signal buffer input. Connects to the VGA controller side of one of the sync lines. Sync signal buffer output. Connects to the video connector side of one of the sync lines. Sync signal buffer input. Connects to the VGA controller side of one of the sync lines. Sync signal buffer output. Connects to the video connector side of one of the sync lines.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER VCC_VIDEO,VCC_DDC and VCC_SYNC Supply Voltage Inputs ESD Diode Forward Current (one diode conducting at a time) DC Voltage at Inputs VIDEO_1, VIDEO_2, VIDEO_3 DDC_IN1, DDC_IN2 DDC_OUT1, DDC_OUT2 SYNC_IN1, SYNC_IN2 Operating Temperature Range Storage Temperature Range Package Power Rating (TA=25C) RATING [GND - 0.5] to +6.0 10 [GND - 0.5] to [VCC_VIDEO + 0.5] [GND - 0.5] to 6.0 [GND - 0.5] to 6.0 [GND - 0.5] to [VCC_SYNC + 0.5] -40 to +85 -40 to +150 500 UNITS V mA V V V V C C mW
(c) 2004 California Micro Devices Corp. All rights reserved. 08/12/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com
3
CM2009
Specifications (cont'd)
ELECTRICAL OPERATING CHARACTERISTICS (SEE NOTE 1)
SYMBOL PARAMETER CONDITIONS VCC_VIDEO = 5.0V; VIDEO inputs at VCC_VIDEO or GND VCC_DDC = 5.0V VCC_SYNC = 5V; SYNC inputs at GND or VCC_SYNC; SYNC outputs unloaded VCC_SYNC = 5V; SYNC inputs at 3.0V; SYNC outputs unloaded VF VIH VIL VOH VOL ROUT ROUT ROUT VOH-02 VOL-02 IIN ESD Diode Forward Voltage Logic High Input Voltage Logic Low Input Voltage Logic High Output Voltage Logic Low Output Voltage SYNC Driver Output Resistance (CM2009-00 only) SYNC Driver Output Resistance (CM2009-01 only) SYNC Driver Output Resistance (CM2009-02 only) Logic High Output Voltage (CM2009-02 only) Input Current VIDEO Inputs SYNC_IN1, SYNC_IN2 Inputs IOFF VON CIN_VID tPLH tPHL tR, tF VESD Level Shifting N-MOSFET "OFF" State Leakage Current Voltage Drop Across Level-shifting N-MOSFET when "ON" VIDEO Input Capacitance SYNC Driver L => H Propagation Delay SYNC Driver H => L Propagation Delay SYNC Driver Output Rise & Fall Times ESD Withstand Voltage IF = 10mA VCC_SYNC = 5.0V; Note 2 VCC_SYNC = 5.0V; Note 2 IOH = 0mA, VCC_SYNC = 5.0V; Note 2 IOL = 0mA, VCC_SYNC = 5.0V; Note 2 VCC_SYNC = 5.0V; SYNC Inputs at GND or 3.0V VCC_SYNC = 5.0V; SYNC Inputs at GND or 3.0V VCC_SYNC = 5.0V; SYNC Inputs at GND or 3.0V; Note 5 IOH = 24mA; VCC_SYNC = 5.0V; Note 2 2.0 0.8 1 1 10 10 0.18 4 4.5 12 12 4 8 65 55 15 4.85 0.15 2.0 0.6 MIN TYP MAX UNITS 10 10 50 2.0 1.0 A A A mA V V V V V V V A A A A V pF pF ns ns ns kV ICC_VIDEO VCC_VIDEO Supply Current ICC_DDC ICC_SYNC VCC_DDC Supply Current VCC_SYNC Supply Current
Logic Low Output Voltage (CM2009-02 only) IOL = 24mA; VCC_SYNC = 5.0V; Note 2 VCC_VIDEO = 5.0V; VIN = VCC_VIDEO or GND VCC_SYNC = 5.0V; VIN = VCC_SYNC or GND (VCC_DDC - VDDC_IN) 0.4V; VDDC_OUT = VCC_DDC (VCC_DDC - VDDC_OUT) 0.4V; VDDC_IN = VCC_DDC VCC_DDC = 2.5V; VS = GND; IDS = 3mA; VCC_VIDEO = 5.0V; VIN = 2.5V; = 1MHz; Note 4 VCC_VIDEO = 2.5V; VIN = 1.25V; = 1MHz; Note 4 CL = 50pF; VCC = 5.0V; Input tR and tF 5ns CL = 50pF; VCC = 5.0V; Input tR and tF 5ns CL = 50pF; VCC = 5.0V; Input tR and tF 5ns VCC_VIDEO = VCC_SYNC = 5V; Notes 3, 4 & 5
Note 1: All parameters specified over standard operating conditions unless otherwise noted. Note 2: These parameters apply only to the SYNC drivers. Note that ROUT = RT + RBUFFER. Note 3: Per the IEC-61000-4-2 International ESD Standard, Level 4 contact discharge method. BYP, VCC_VIDEO and VCC_SYNC must be bypassed to GND via a low impedance ground plane with a 0.2F, low inductance, chip ceramic capacitor at each supply pin. ESD pulse is applied between the applicable pins and GND. ESD pulses can be positive or negative with respect to GND. Applicable pins are: VIDEO_1, VIDEO_2, VIDEO_3, SYNC_OUT1, SYNC_OUT2, DDC_OUT1 and DDC_OUT2. All other pins are ESD protected to the industry standard 2kV Human Body Model (MIL-STD-883, Method 3015). The bypass capacitor at the BYP pin may optionally be omitted, in which case the max. ESD withstand voltage for the DDC_OUT1 and DDC_OUT2 pins is reduced to 4kV. Note 4: This parameter is guaranteed by design and characterization. Note 5: The SYNC_OUT pins on the CM2009-02 are guaranteed for 2kV HBM ESD protection.
(c) 2004 California Micro Devices Corp. All rights reserved.
4
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com
08/12/04
CM2009
Application Information
HSYNC VSYNC
R1 100k R2 100k
VCC_5V VCCA_DAC
C2 0.2uF C1 0.2uF
VCC_SYNC VCC_VIDEO
SYNC_OUT2
C11
FB4
VSYNC_OUT
C12
SYNC_IN2 SYNC_OUT1
C9 FB3 C10
SYNC_GND HSYNC_OUT
SYNC_IN1 DDC_OUT2
RED GREEN BLUE
75 75 75 VF** VF** VF**
C7
FB2
C8
DDC_DATA DIG_GND DDC_CLK
DDC_IN2 DDC_IN1 DDC_OUT1
C5 FB1 C6
CM2009
Optional EMI Filters VIDEO_1 VIDEO_2 VIDEO_3
** VIDEO Filters. See Note 4
RED_VIDEO GREEN_VIDEO BLUE_VIDEO RED_GND GREEN_GND BLUE_GND
VCCGPIO
VCC_DDC
DDCA_CLK DDCA_DATA
Video Port Connector
Figure 1. Typical Application Connection Diagram
NOTES 1 The CM2009 should be placed as close to the VGA or DVI-I connector as possible. 2 The ESD protection channels VIDEO_1, VIDEO_2, VIDEO_3 may be used interchangeably between the R, G, B signals. 3 If differential video signal routing is used, the RED, BLUE, and GREEN signal lines should be terminated with external 37.5 resistors. 4 "VF" are external video filters for the RGB signals. 5 Supply bypass capacitors C1 and C2 must be placed immediately adjacent to the corresponding Vcc pins. Connections to the Vcc pins and ground plane must be made with minimal length copper traces (preferably less than 5mm) for best ESD protection. 6 The bypass capacitor for the BYP pin has been omitted in this diagram. This results in a reduction in the maximum ESD withstand voltage at the DDC_OUT pins from 8kV to 4kV. If 8kV ESD protection is required, a 0.2F ceramic bypass capacitor should be connected between BYP and ground. 7 The SYNC buffers may be used interchangeably between HSYNC and VSYNC. 8 The EMI filters at the SYNC_OUT and DDC_OUT pins (C5 to C12, and Ferrite Beads FB1 to FB4) are for reference only. The component values and filter configuration may be changed to suit the application. 9 The DDC level shifters DDC_IN, DDC_OUT, may be used interchangeably between DDCA_CLK and DDCA_DATA. 10 R1, R2 are optional. They may be used, if required, to pull the DDC_CLK and DDC_DATA lines to VCC_5V when no monitor is connected to the VGA connector. If used, it should be noted that "back current" may flow between the DDC pins and VCC_5V via these resistors when VCC_5V is powered down. 11 For optimal ESD performance with the CM2009-02, an additional clamp device (such as the CMD PACDN042) should be placed on HSYNC/VSYNC lines between the external matching resistor and the VGA connector.
(c) 2004 California Micro Devices Corp. All rights reserved. 08/12/04
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com
5
CM2009
Mechanical Details
QSOP Mechanical Specifications CM2009 devices are packaged in 16-pin QSOP packages. Dimensions are presented below. For complete information on the QSOP-16 package, see the California Micro Devices QSOP Package Information document. Mechanical Package Diagrams
TOP VIEW
D
16 15 14 13 12 11 10 9
PACKAGE DIMENSIONS
Package Pins Dimensions A A1 B C D E e H L # per tube # per tape and reel Millimeters Min 1.35 0.10 0.20 0.18 4.80 3.81 5.79 0.40 Max 1.75 0.25 0.30 0.25 5.00 3.98 6.19 1.27 Min 0.053 0.004 0.008 0.007 0.189 0.150 0.228 0.016 QSOP (JEDEC name is SSOP) 16 Inches Max 0.069 0.010 0.012 0.010 0.197 0.157 0.244 0.050
C
END VIEW SIDE VIEW 1 2 3 4 5 6 7 8
H
Pin 1 Marking
E
A
SEATING PLANE
A1 B e
0.64 BSC
0.025 BSC
100 pcs* 2500 pcs Controlling dimension: inches
L
* This is an approximate number which may vary.
Package Dimensions for QSOP-16
(c) 2004 California Micro Devices Corp. All rights reserved.
6
430 N. McCarthy Blvd., Milpitas, CA 95035-5112
Tel: 408.263.3214 Fax: 408.263.7846 www.calmicro.com
08/12/04


▲Up To Search▲   

 
Price & Availability of CM2009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X