Part Number Hot Search : 
SPF0021 UM944106 ZXCT1011 IQ724 PDLI27BD MAX87 PT4110 PC806
Product Description
Full Text Search
 

To Download BG12864F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
BO LYMIN
BG12864F
Feature 1. SMT with metal frame 2. Built-in controller T6963 3. +5V single power supply, with built-in negative voltage 4. 1/64 duty cycle 5. Option: LED array/edge B/L, EL B/L 6. Option: external negative voltage
Mechanical Data Item Standard Value Module Dimension 87.0 x 70.0 Viewing Area 72.0 x 40.0 Dot Size 0.48 x 0.48 Dot Pitch 0.52 x 0.52 Pin Assignment Pin Symbol
1 2 3 4 5 6 7~14 15 16 17 18 19 20 Vss Vdd Vo C/D /RD /WR DB0~7 /CE /RST Vee MD2 FS HLT
Unit mm mm mm mm Electronic Characteristics Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V 9.7 mA Supply Current Idd Vdd = +5V LCD Driving 8.5 Vdd-Vo V 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward If 330 mA 25 oC Current EL Power Vel Vel=110Vac/400Hz V Voltage Item
Function
GND Power supply(+5V) Contrast adjustment Command/data read/write Data read Data write Data bus line Chip enable Reset signal Negative voltage output -5V Column No. selection (H:32 column, L: 40 columns) Font selection (H:6x8,L:8x8) H: normal L: stop clock oscillation
87.0 0.5 77.2 72.0(VA) 66.52(AA) A
Dimension
7 10
9.2 (EL or No B/L) 13.1 (LED B/L) 9.0(LED B/L) (EL or No B/L)
0.52 0.48
70.0 0.5 50.2 40.0(VA) 33.24(AA) A
65.0
0.52 0.48 SCALE 10/1 2.5 82.0 1.5 2.54 15.4 22.86 (P2.54*9) 20-O1.0 PTH 20-O1.8 PAD
4-O3.2 PTH 4-O5.0 PAD
1.6


▲Up To Search▲   

 
Price & Availability of BG12864F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X