Part Number Hot Search : 
PUMD15 S8085 2SA1738 1812B 20153 FQI44N10 74ACT161 26000
Product Description
Full Text Search
 

To Download BG12864C1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
BO LYMIN
BG12864C1
Feature 1. COB with metal frame 2. Built-in controller KS0107/0108 3. +5V single power supply, with built-in negative voltage 4. 1/64 duty cvcle 5. Option: LED array/edge B/L, EL B/L
Mechanical Data Item Standard Value Module Dimension 78.0 x 70.0 Viewing Area 62.0 x 44.0 Dot Size 0.42 x 0.58 Dot Pitch 0.44 x 0.60 Pin Assignment Pin Symbol
1 2 3 4 5 6 7 8 9~16 17 18 19 20 /CS1 /CS2 Vss Vdd Vo D/I R/W E DB0~7 /RST Vee A K
Unit mm mm mm mm Electronic Characteristics Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 9.7 mA LCD Driving 9.1 Vdd-Vo V 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward If 480 mA 25 oC Current EL Power Vel Vel=110Vac/400Hz V Voltage Item
Function
Chip select for IC1 Chip select for IC2 GND Power supply (+5V) Contrast adjustment Data / instruction Data read/write H -->L Enable signal Data bus line Reset signal Negative voltage output Power supply for B/L (+) f Power supply for B/L (GND)
78.0 0.5 74.0 62.0(VA) 56.3(AA) A 2.54
Dimension
7.4
1 15.
28.0
2.54
P2.54*15=38.1
array led 14.3 edge led 12.1 el/ref 9.7
array led 9.7 edge led 7.5 el/ref 5.1
O1.0 A 70.0 0.5 55.2 44.0(VA) 38.38(AA) A 64.92
0.44 0.42
128X64 Dots 4
K
2.25
5.0
68.0
4-O2.5 PTH 4-O5.0 PAD
1.6
0.6 0.58


▲Up To Search▲   

 
Price & Availability of BG12864C1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X