Part Number Hot Search : 
C2000 BLU11SL TDA9332 TDA9332 30HB16 AS8202B 2N301 TDA9332
Product Description
Full Text Search
 

To Download BG12232A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
BO LYMIN
BG12232A
Feature 1. COB with metal frame 2. No built-in oscillation, requiring external clock 3. Built-in controller SED1520Daa 4. 1/32 duty cycle 5. + 5V single power supply 6. LED B/L Pins:19/20, or A/K, or 1/2 7. Option: LED, EL B/L 8. Option: +3V single power supply 9. Option: external negative voltage
Mechanical Data Item Standard Value Module Dimension 84.0 x 44.0 Viewing Area 60 x 18 Dot Size 0.4 x 0.45 Dot Pitch 0.44 x 0.49 Pin Assignment Pin Symbol Function
1 2 3 4 5 6 7 8 9 10~17 18 19 20 Vss Vdd Vo Ao /CS1 /CS2 CL /RD/E /WR,R/W DB0~7 /RES A/Vee K
Unit mm mm mm mm Electronic Characteristics Symbol Condition Typical Unit Value Input Voltage Vdd Vdd = +5V 5.0 V Supply Current Idd Vdd = +5V 1.0 mA LCD Driving 4.5 Vdd-Vo V 25 oC Voltage LED Forward 4.2 Vf V 25 oC Voltage LED Forward If 120 mA 25 oC Current EL Power Vel Vel=110Vac/400Hz V Voltage Item
GND +5V(+3V option) Contrast Adjustment H --> Data L --> Instruction L --> Chip1 enable L --> Chip 2 enable External clock 2KHZ RD for 80 serial; /E for 68 serial WR for 80 serial; R/W for 68 serial Data bus line L: 80 series, H: 68 series Power supply for B/L (+)/ Negative voltage output Power supply for B/L (GND)
Dime sion
7.9 84.0 0.5 68.2 60.0(VA) 53.64(AA) A 2.5 P2.54*19=48.26 20 O1 0 PTH 18 1.5 40 2-O2.5
9.9 14.5 15 68
9.2(EL or no B/L) 13.2(LED B/L) 9.1(LED B/L) 5.1(EL or no B/L)
0.44 0.4
16.0
A 44.0 27 18.0 15.64(AA) A 36.0
0.49 0.45 DOT SIZE SCALE 10 1.6
K
O1.0 PTH 2-R1.25
42.0 2.5 79.0
15.0


▲Up To Search▲   

 
Price & Availability of BG12232A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X