Part Number Hot Search : 
LM1011 ISL84514 74LV2 EER40D TW8835 MAX8796G B90F3 RF205
Product Description
Full Text Search
 

To Download BC846S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BC846S/ BC846U/ BC847S
NPN Silicon AF Transistor Arrays * For AF input stages and driver applications * High current gain * Low collector-emitter saturation voltage * Two (galvanic) internal isolated transistors with good matching in one package * BC846S / U, BC847S: For orientation in reel see package information below * Pb-free (RoHS compliant) package 1) * Qualified according AEC Q101
BC846S BC846U BC847S
C1 6 B2 5 E2 4
TR2 TR1
1 E1
2 B1
3 C2
EHA07178
Type BC846S BC846U BC847S
1Pb-containing
Marking 1Ds 1Ds 1Cs
Pin Configuration
Package
1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SC74 1=E1 2=B1 3=C2 4=E2 5=B2 6=C1 SOT363
package may be available upon special request
1
2008-05-06
BC846S/ BC846U/ BC847S
Maximum Ratings Parameter Collector-emitter voltage BC846S/U BC847S Collector-base voltage BC846S/U BC847S Emitter-base voltage Collector current Peak collector current, tp 10 ms Total power dissipationTS 115 C, BC846S, BC847S TS 118 C, BC846U Junction temperature Storage temperature Thermal Resistance Parameter Junction - soldering point 1) BC846S, BC847S BC847U
1For
Symbol VCEO
Value 65 45
Unit V
VCBO 80 50 VEBO IC ICM Ptot 250 250 Tj Tstg Symbol RthJS 150 -65 ... 150 Value 140 130 Unit K/W C 6 100 200 mW mA
calculation of RthJA please refer to Application Note Thermal Resistance
2
2008-05-06
BC846S/ BC846U/ BC847S
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter Symbol Values Unit min. typ. max. DC Characteristics Collector-emitter breakdown voltage V(BR)CEO V
IC = 10 mA, IB = 0 , BC846S/U IC = 10 mA, IB = 0 , BC847S
V(BR)CBO
65 45 80 50 6
A
Collector-base breakdown voltage
IC = 10 A, IE = 0 , BC846S/U IC = 10 A, IE = 0 , BC847S
V(BR)EBO I CBO
Emitter-base breakdown voltage
IE = 1 A, IC = 0
-
Collector-base cutoff current
VCB = 45 V, IE = 0 VCB = 30 V, IE = 0 , TA = 150 C
h FE
250 290 90 200 700 900 660 -
0.015 5 450 mV 250 600 700 770
DC current gainIC = 10 A, VCE = 5 V IC = 2 mA, VCE = 5 V
200
VCEsat
Collector-emitter saturation voltage1)
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
VBEsat
Base emitter saturation voltage 1)
IC = 10 mA, IB = 0.5 mA IC = 100 mA, IB = 5 mA
VBE(ON)
Base-emitter voltage1)
IC = 2 mA, VCE = 5 V IC = 10 mA, VCE = 5 V
1Pulse
580 -
test: t < 300s; D < 2%
3
2008-05-06
BC846S/ BC846U/ BC847S
Electrical Characteristics at TA = 25C, unless otherwise specified Parameter AC Characteristics Transition frequency IC = 20 mA, VCE = 5 V, f = 100 MHz Collector-base capacitance VCB = 10 V, f = 1 MHz Emitter-base capacitance VEB = 0.5 V, f = 1 MHz Short-circuit input impedance IC = 2 mA, VCE = 5 V, f = 1 kHz Open-circuit reverse voltage transf. ratio IC = 2 mA, VCE = 5 V, f = 1 kHz Short-circuit forward current transf. ratio IC = 2 mA, VCE = 5 V, f = 1 kHz Open-circuit output admittance IC = 2 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 200 A, VCE = 5 V, f = 1 kHz, f = 200 Hz, RS = 2 k F 10 dB h22e 30 S h21e 330 h12e 2 10-4 h11e 4.5 k Ceb 9 Ccb 0.95 pF fT 250 MHz Symbol min. Values typ. max. Unit
4
2008-05-06
BC846S/ BC846U/ BC847S
DC current gain hFE = (IC) VCE = 5 V
10 3
EHP00365
Collector-emitter saturation voltage IC = (VCEsat), hFE = 20
10 2
EHP00367
h FE 5
100 C 25 C
C
mA 100 C 25 C -50 C
10 2 5
-50 C
10 1 5
10 1 5
10 5
0
10 0 10 -2
5 10 -1
5 10 0
5 10 1
mA 10 2
10 -1
0
0.1
0.2
0.3
0.4
C
V 0.5 VCEsat
Base-emitter saturation voltage IC = (V BEsat), hFE = 20
10 2
EHP00364
Collector cutoff current ICBO = (TA) VCBO = 30 V
10 4 nA
EHP00381
C mA
100 C 25 C -50 C
CB0
10 3 5 10 2 5 10 1 5 10 5
0
10 5
1
max
typ
10 0 5
10 -1
0
0.2
0.4
0.6
0.8
V
1.2
10 -1
0
50
100
C TA
150
V BEsat
5
2008-05-06
BC846S/ BC846U/ BC847S
Transition frequency fT = (IC) VCE = 5 V
10 3 MHz
EHP00363
Collector-base capacitance Ccb = (V CB) Emitter-base capacitance Ceb = (VEB)
13 pF 11
fT
5
CCB/C EB
10 9 8 7 6 5
CEB
10 2
5
4 3 2 1
CCB
10 1 10 -1
5 10 0
5
10 1
mA
10 2
0 0
4
8
12
16
V
22
C
VCB/VEB
Total power dissipation Ptot = (TS) BC846S, BC847S
300
mW
Total power dissipation Ptot = (TS) BC846U
300
mW
250 225
250 225
Ptot
175 150 125 100 75 50 25 0 0 15 30 45 60 75 90 105 120 C 150
Ptot
200
200 175 150 125 100 75 50 25 0 0 15 30 45 60 75 90 105 120 C 150
TS
TS
6
2008-05-06
BC846S/ BC846U/ BC847S
Permissible Pulse Load RthJS = (tp ) BC846S, BC847S
10
K/W 3
Permissible Pulse Load Ptotmax/P totDC = (tp) BC846S, BC847S
10 3
10 2 10 2
10 1
10 0
0.5 0.2 0.1 0.05 0.02 0.01 0.005 D=0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
R thJS
RthJS
10 -1 -6 10
-5 -4 -3 -2 0
10 1
10
10
10
10
s
10
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
Permissible Puls Load RthJS = (tp) BC846U
10
K/W
3
Permissible Pulse Load Ptotmax/P totDC = (tp) BC846U
10 3
Ptotmax / PtotDC
10
2
10 2
10 1
10 0
D=0.5 0.2 0.1 0.05 0.02 0.01 0.005 0
D=0 0.005 0.01 0.02 0.05 0.1 0.2 0.5
RthJS
10 1
10 -1 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
10 0 -6 10
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
tp
7
2008-05-06
Package SC74
BC846S/ BC846U/ BC847S
Package Outline
2.9 0.2 (2.25) B (0.35)
2.5 0.1
6 5 4
1.1 MAX. 0.15 +0.1 -0.06
0.25 0.1 1.6 0.1
10 MAX.
1
2
3
Pin 1 marking 1.9
0.35 +0.1 -0.05 0.95
10 MAX.
0.2
M
B 6x 0.2
M
A
0.1 MAX. A
Foot Print
0.5
0.95
Marking Layout (Example)
Small variations in positioning of Date code, Type code and Manufacture are possible.
1.9
2.9
Manufacturer
2005, June Date code (Year/Month)
Pin 1 marking Laser marking
BCW66H Type code
Standard Packing
Reel o180 mm = 3.000 Pieces/Reel Reel o330 mm = 10.000 Pieces/Reel For symmetric types no defined Pin 1 orientation in reel.
4
0.2
Pin 1 marking
3.15
2.7 8
1.15
8
2008-05-06
Package SOT363
BC846S/ BC846U/ BC847S
Package Outline
2 0.2 0.2 -0.05
+0.1
0.9 0.1 6x 0.1 4
1.25 0.1 2.1 0.1
M
0.1 MAX. 0.1 A
6
5
Pin 1 marking
1
2
3
0.1 MIN.
0.65 0.65 0.2
M
0.15 +0.1 -0.05 A
Foot Print
0.3
0.9 0.7
0.65 0.65
Marking Layout (Example)
Small variations in positioning of Date code, Type code and Manufacture are possible.
1.6
Manufacturer
2005, June Date code (Year/Month)
Pin 1 marking Laser marking
BCR108S Type code
Standard Packing
Reel o180 mm = 3.000 Pieces/Reel Reel o330 mm = 10.000 Pieces/Reel For symmetric types no defined Pin 1 orientation in reel.
4
0.2
2.3 8
Pin 1 marking
2.15
1.1
9
2008-05-06
BC846S/ BC846U/ BC847S
Edition 2006-02-01 Published by Infineon Technologies AG 81726 Munchen, Germany (c) Infineon Technologies AG 2007. All Rights Reserved.
Attention please! The information given in this dokument shall in no event be regarded as a guarantee of conditions or characteristics ("Beschaffenheitsgarantie"). With respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, Infineon Technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation warranties of non-infringement of intellectual property rights of any third party. Information For further information on technology, delivery terms and conditions and prices please contact your nearest Infineon Technologies Office (www.infineon.com). Warnings Due to technical requirements components may contain dangerous substances. For information on the types in question please contact your nearest Infineon Technologies Office. Infineon Technologies Components may only be used in life-support devices or systems with the express written approval of Infineon Technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
10
2008-05-06


▲Up To Search▲   

 
Price & Availability of BC846S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X