Part Number Hot Search : 
L6004D TLRE16CP TC40H002 SDD60N16 HER207 ADT7220 AH9249 IR3084A
Product Description
Full Text Search
 

To Download B649A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
UNISONIC TECHNOLOGIES CO., LTD
PNP SILICON TRANSISTOR
1
2SB649/A
BIPOLAR POWER GENERAL PURPOSE TRANSISTOR
APPLICATIONS
* Low frequency power amplifier complementary pair with UTC 2SB669/A
SOT-89
1
TO-126
1
TO-126C
1
TO-92
*Pb-free plating product number: 2SB649L/2SB649AL
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SB649-x-AB3-R 2SB649L-x-AB3-R 2SB649-x-T6C-K 2SB649L-x-T6C-K 2SB649-x-T60-K 2SB649L-x-T60-K 2SB649-x-T92-B 2SB649L-x-T92-B 2SB649-x-T92-K 2SB649L-x-T92-K 2SB649A-x-AB3-R 2SB649AL-x-AB3-R 2SB649A-x-T6C-K 2SB649AL-x-T6C-K 2SB649A-x-T60-K 2SB649AL-x-T60-K 2SB649A-x-T92-B 2SB649AL-x-T92-B 2SB649A-x-T92-K 2SB649AL-x-T92-K Package SOT-89 TO-126C TO-126 TO-92 TO-92 SOT-89 TO-126C TO-126 TO-92 TO-92 Pin Assignment 1 2 3 B C E E C B E C B E C B E C B B C E E C B E C B E C B E C B Packing Tape Reel Bulk Bulk Tape Box Bulk Tape Reel Bulk Bulk Tape Box Bulk
2SB649L-x-AB3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating
(1) B: Tape Box, K: Bulk, R: Tape Reel (2) AB3: SOT-89, T6C: TO-126C, T60: TO-126, T 92: TO-92 (3) x: refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 4
QW-R204-006,D
www..com
2SB649/A
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Collector Peak Current Collector Power Dissipation Junction Temperature Storage Temperature TO-126/TO-126C TO-92 SOT-89 2SB649 2SB649A SYMBOL VCBO VCEO VEBO IC lC(PEAK) PD TJ TSTG
PNP SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATING (Ta=25 , unless otherwise specified)
RATING -180 -120 -160 -5 -1.5 -3 1.4 1 500 +150 -40 ~ +150 UNIT V V V A A W W mW C C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25 , unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS Collector to Base Breakdown Voltage BVCBO IC=-1mA, IE=0 Collector to Emitter Breakdown 2SB649 BVCEO IC=-10mA, RBE= Voltage 2SB649A Emitter to Base Breakdown Voltage BVEBO IE=-1mA, IC=0 Collector Cut-off Current ICBO VCB=-160V, IE=0 hFE1 VCE=-5V, IC=-150mA (note) 2SB649 hFE2 VCE=-5V, IC=-500mA (note) DC Current Gain hFE1 VCE=-5V, IC=-150mA (note) 2SB649A hFE2 VCE=-5V, IC=-500mA (note) Collector-Emitter Saturation Voltage VCE(SAT) Ic=-600mA, IB=-50mA Base-Emitter Voltage VBE VCE=-5V, IC=-150mA Current Gain Bandwidth Product fT VCE=-5V,IC=-150mA Output Capacitance Cob VCB=-10V, IE=0, f=1MHz Note: Pulse test. MIN -180 -120 -160 -5 60 30 60 30 TYP MAX UNIT V V V A
-10 320 200 -1 -1.5 140 27
V V MHz pF
CLASSIFICATION OF hFE
RANK RANGE B 60-120 C 100-200 D 160-320
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R204-006,D
www..com
2SB649/A
TYPICAL CHARACTERISTICS
Typical Output Characteristecs
.5
PNP SILICON TRANSISTOR
Typical Transfer Characteristics -500 Collector Current, I C (mA) VCE=-5V -100
1.0 Collector Current, IC (A) 0.8 0.6 0.4 0.2
0 - 4. .5 - 3 .0 -3 5 -2. -2.0
-4 . 5- 5 .05
TC=25
0W =2 PD
-1.0 -0.5mA I B=0
-10
0
-10
-20
-30
-40
-50
-1
0
Collector to Emitter Voltage, VCE (V)
-0.2 -0.4 -0.6 -0.8 -1.0 Base to Emitter Voltage, VBE (V)
350
DC Current Transfer Ratio, hFE
DC Current Transfer Ratio vs. Collector Current -1.2
Collector to Emitter Saturation Voltage, VCE(SAT) (V)
Collector to Emitter Saturation Voltage vs. Collector Current IC=10 IB -1.0 -0.8 -0.6 -0.4 -0.2 0
5 =7 TC
25
300 250
VCE=-5V 5 Ta=7
25
200 150 100 50 1 -1 -10 -100 -1,000
-25
25 -2 5
-1.5
T a=7 5
-25
-1
-10
-100
-1,000
Collector Current, IC (mA)
Collector Current, IC (mA)
1.2
Base to Emitter Saturation Voltage, VBE(SAT) (V)
Base to Emitter Saturation Voltage vs. Collector Current IC=10IB
25 TC=25 75
240
Gain Bandwidth Product, fT (MHz)
Gain Bandwidth Product vs. Collector Current VCE=5V Ta=25
1.0 0.8 0.6 0.4 0.2 0
200 160 120 80 40 0 10
1
3
10
30
100 300 1,000
Collector Current, IC (mA)
30 100 300 1,000 Collector Current, IC (mA)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R204-006,D
www..com
2SB649/A
TYPICAL CHARACTERISTICS(Cont.)
PNP SILICON TRANSISTOR
Collector Output Capacitance vs. Collector to Base Voltage
Area of Safe Operation -3 ICmax (-13.3V, -1.5A) -1.0 -0.3 -0.1 -0.03 -0.01 -1 (-40V, -0.5A) 2SB649A DC Operation (TC=25 ) (-120V, -0.038A) (-160V,- 0.02A) 2SB649 -3 -10 -30 -100 -300
Collector Output Capacitance, Cob (pF)
200
50 20 10 5 2 -1
-3
-10
-30
-100
Collector Current, IC (A)
100
f=1MHz IE=0
Collector to Base Voltage, VCB (V)
Collector to Emitter Voltage, VCE (V)
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R204-006,D


▲Up To Search▲   

 
Price & Availability of B649A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X