Part Number Hot Search : 
PIC16F 72C334 1002D E005233 166TQC 15510 1002D 22000
Product Description
Full Text Search
 

To Download AMP1009 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Motion-Detecting Sensor (AMP)
MOTION-DETECTING SENSOR (PASSIVE INFRARED TYPE)
Highly sensitive type 24x24 mm .945x.945 inch * High detection ability This sensor is a stable, sensitive sensor that detects 2C 3.6F temperature changes regardless of the location or speed of the subject. In other words, this sensor ensures detection whether a person is at the edge of the detection area or in the middle, regardless of how fast they are moving. * Low current consumption The standard model consumes 260 A (during stand-by), while the low consumption current type consumes 30 A (during stand-by). This makes battery operation possible. * Wide operation voltage range (2.6 to 5.5 V DC) The usable range extends from a standard 5 V DC for microcomputers to 3 V DC and 4.5 V DC for battery operation. Ex. AMP .com 0 Current consumption 0: Standard type 1: Low current consumption type 9 Lead wire 0: No lead wire type Operating voltage 9: 2.6 to 5.5 V DC
AMP Series
* Varied operation in accordance with the surrouding brightness If used together with a brightness sensor (CdS), you can make the sensor operate only during bright hours or dark hours. * Output time can easily be changed By simply changing the resistor attached to the outside of the sensor, the output time can be changed from approximately 10 seconds to 6 minutes.
FEATURES
* Detects even slight motion of a person (e.g. a 20 cm 7.87 inch movement of the hand) With our unique motion detector--highly sensitive type, even slight motions made by people will be detected easily. * Compact lens We have decreased the exposed portion of the lens, and at the same time maintained a detection ability that is as good or better than other motion sensors on the market. Lens dimensions: Standard sensitive type 16x20 mm .630x.787 inch
TYPICAL APPLICATIONS
* Lighting and ventilation control of conference rooms * Control of illumination and exhaust fans in toilets * Lighting control of halls * Nighttime lighting control of vending machines * Lightning control around cash dispensing machines (ATMs)
ORDERING INFORMATION
Detection performance 1: Standard sensitive type: 0.3 to 2.0 m/s 2: Highly sensitive type: 0.3 to 1.0 m/s
TYPES
Detection performance Standard sensitive type Highly sensitive type Current consumption Standard type Low current consumption type Standard type Low current consumption type 2.6 to 5.5 V DC Rated operating voltage Part No. AMP1009 AMP1109 AMP2009 AMP2109 20 pcs. 200 pcs. Packing quantity Inner Outer
DataShee
PERFORMANCE
Items Rated detection distance Horizontal Detection range Vertical
1. Detection performance (Measuring conditions: ambient temp.: 25C 77F; operating voltage: 5V DC)
Standard sensitive type 5 m min. 95 55 34 zones Highly sensitive type 2 m min. 73 73 64 zones Conditions of objects to be detected 1. To have more than 2C 36F of temperature 1. difference from background 2. Movement speed * Standard sensitive type: 0.3 to 2.0 m/s * Highly sensitive type: 0.3 to 1.0 m/s 3. Detection object = human body
Detection zone
2. Absolute maximum rating (Measuring condition: ambient temp.: 25C 77F)
Items Power supply voltage Output (Open collector) Voltage Current Specified value 7V 30 V 50 mA -20 to +55C -4 to +131F -30 to +80C -22 to +176F No freezing and condensing at low temperature. Remarks
Usable ambient temperature
.com Storage temperature
10
DataSheet 4 U .com
www..com
Motion-Detecting Sensor (AMP)
3. Electrical characteristics (Measuring conditions: ambient temp.: 25C 77F; operating voltage: 5V)
Items Rated operating voltage Minimum Typical Maximum Minimum Typical Maximum Minimum Typical Maximum Minimum Typical Maximum Minimum Typical Maximum Minimum Typical Maximum Symbol Vdd Specified value 2.6 V DC -- 5.5 V DC Standard type: 200 A; Low consumption current type: 12 A Standard type: 260 A; Low consumption current type: 30 A Standard type: 560 A; Low consumption current type: 96 A Standard type: 1,000 A; Low consumption current type: 1,000 A Standard type: 1,250 A; Low consumption current type: 1,200 A Standard type: 1,600 A; Low consumption current type: 1,400 A 0.8 s 1.3 s 1.8 s 15 s 30 s 45 s 5s 10 s 15 s When power is ON. Externally mounted resistor R set to 0 k Measured conditions
Rated consumption current
Standby
Iw
ON
Ia
Mask time*
Tm
Circuit stability time
Twu
Timer time
Td
[Timing chart]
.com
DETECTION PERFORMANCE
1. Standard sensitive type
TOP VIEW Top view SIDE VIEW Side view
47 5m 16.404ft
Y
t4U.com
5m 16.404ft
X
3m 9.843ft 2 6.562
Y
DataShee
2.5m 8.202ft
25.4
2.5m 8.202ft
28.7 X-Y crross section
1 3.281 -4m -3 -2 -1 -13.123ft -9.843 -6.562 -3.281 0 1 2 3 4m 3.281 6.562 9.843 13.123ft
X
-1 -3.281 -2 -6.562
0
0
-3m -9.843ft
2.5m 8.202ft
25.4
2.5m 8.202ft
-28.7
5m 16.404ft
47
5m 16.404ft
.com
11
DataSheet 4 U .com
www..com
Motion-Detecting Sensor (AMP)
2. Highly sensitive type Top view
X 1.5m 4.921ft 1 3.281 0.5 1.640 0 -0.5 -1.640 -1 -3.281 -1.5m -4.921ft 1m 3.281ft 2m 6.562ft -31.2 1m 3.281ft 2m 6.562ft 11.1 0 -11.1 31.2 1.5m 4.921ft 1 3.281 0.5 1.640 0 -0.5 -1.640 -1 -3.281 -1.5m -4.921ft 1m 3.281ft 2m 6.562ft -31.2 -1.5m -4.921ft 1m 3.281ft 2m 6.562ft 11.1
Side view
Y 31.2 Y 1.5m 4.921ft
X-Y cross section
0 -11.1
0.5 1.640 -1.5m -1 -0.5 0 -4.921ft -3.281 -1.640 -0.5 -1.640 0.5 1.640 1 1.5m 3.281 4.921ft X
HOW TO USE
1. Wiring diagram
Sensor module
2. Time setting
Standard sensitive type/Highly sensitive type Timer time and external mounted resistor
Timer time (Td) 10 sec. 30 sec. 1 min. 2 min. 3 min. 4 min. 5 min. 6 min. R-value 8.86 K 66.6 K 153.2 K 326.3 K 499.5 K 672.6 K 845.8 K 1,019 K External mounted resistor Short 68 K 160 K 330 K 510 K 680 K 820 K 1 M
3. Installation
Install the sensor so that people will be entering from the X or Y direction shown below. If persons approch the sensor from the Z direction, detection distance will be shortened.
Load power source Sensor power source
Note Timer time, 1 sec. is available as a custom ordered product.
.com Time calculation: Td = 0.3465x(20+R)
R: External mounted resistor (K)
DIMENSIONS
1. Standard sensitive type
43.5 1.713 15.3 .602 4-2.5 dia. 4-.098 dia.
mm inch
2. Highly sensitive type
43.5 1.713 18.3 .720
4-2.5 dia. 4-.098 dia.
22.5 .886 24 .945
22.5 .886 24 .945 18.4 .724 26.8 1.055 1.6 .063 35.8 1.409 3.40.3 .134.012 28 1.102 26.8 1.055
20 .787
16 .630 14.0 1.6 .012 .551 .063
0.3
t4U.com
35.8 1.409
DataShee
3.40.3 .134.012 28 1.102
49 1.929
General tolerance: 0.4 .016
15.3 .602 21.6 .850
49 1.929
General tolerance: 0.4 .016
18.3 25.6 .720 1.008
43.5 1.713 22.5 .886
4-2.5 dia. 4-.098 dia.
17.6 .693
11.25 .443 R11.3 .445 22.5 .886 43.5 1.713
4-2.5 dia. 4-.098 dia.
25.6 1.008
11.25 .443
R14.1 .555 7.0 .276
8.5 .335
.com
12
Note 1: In order to ensure proper detection, install it with the lens exposed at least 8.5 mm .335 inch.
Note 2: In order to ensure proper detection, install it with the lens exposed at least 7.0 mm .276 inch.
DataSheet 4 U .com
www..com
Motion-Detecting Sensor (AMP)
CAUTIONS WHEN USING
This product is mainly designed for use indoors with general electronic devices. If it is to be used outdoors, take suitable precautions to protect it from water, dust, dew condensation, and freezing. Example: 1. Safety devices 2. Security equipment 3. Traffic signal equipment 4. Miscellaneous safety devices and control equipment for trains, automobiles. 1. Operation environment 1) Shown below are ambient temperature, humidity and air pressure conditions for operation, transportation, and storage of the sensor. Usable ambient temperature: -20 to 55C -4 to +131F Storage temperature: -30 to 80C -22 to +176F Humidity: 15 to 85% R.H. (with no freezing and condensation) Air pressure: 86 to 106 kPa * Condensation Condensation may occur if the relay is exposed to sudden temperature change in a high-temperature, highhumidity environment. This may result in problems such as sensing performance deterioration, nonoperation or insulation failure. * Freezing At temperature below 0C 32F, condensation and moisture may freeze onto the sensor and cause problems such as sensing performance deterioration, non-operation or insulation failure. * Low-temperature, low-humidity atmosphere If the relay is exposed to a lowtemperature, low-humidity environment for an extended period of time, the plastic components may become brittle and fragile. 2) Be sure to use a stable power source for the sensor. The sensor may operate incorrectly if it receives voltage ripples of more than 40 mV P-P. 3) Be sure to employ an absorber element to prevent the internal circuit from being destroyed if an external voltage surge of more than 500 V occurs (monopolarized all-wave voltage of 1.2x50 sec). 4) Static electricity or lightning may cause the sensor to operate incorrectly. 5) Avoid using the sensor in the following locations: Locations exposed to direct sunlight or other bright light sources. Locations where a heater lies within the detection range. Locations subject to direct air from an air conditioner. Locations with high humidity (e.g., bathrooms, etc.). Locations subject to sudden, extreme temperature changes. .com Locations subject to strong vibrations or shocks. Locations containing objects that block infra-red rays such as glass. Locations where blinds or curtains are located near the detection range. Locations near to a heat source or switching device. Locations containing dust or corrosive gases. Outdoors. 2. Detection characteristics 1) Since this sensor works by detecting fluctuations in infrared rays, it will also detect non-human heat sources (e.g., small animals, etc.) if they enter the detection range. 2) Since this sensor works by detecting fluctuations in infra-red rays, it will not detect a person that is motionless, even if within the detection range. 3. Drop damage If the sensor is dropped, damage can occur resulting in incorrect operation. If dropped, be sure to do a visual check of the exterior for noticeable damage and check the operation characteristics for faulty operation. 4. Other handling cautions 1) When installing the sensor, be sure not to apply stress to the printed circuit board. 2) Be careful not to allow dust or dirt to accumulate on the lens as this will adversely affect the detection sensitivity. 3) When soldering the lead wire, perform the operation within 3 seconds at 350C 662F. 4) In order to avoid adverse effects from noise, we recommend the use of shielded wire when wiring. 5) In order to protect the internal circuitry, keep wire to a length of 1 m 3.3 ft maximum from the sphere.
t4U.com
.com
12/1/2002 All Rights Reserved, (c) Copyright Matsushita Electric Works, Ltd. Go To Online Catalog
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of AMP1009

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X