|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MCC Features omponents 21201 Itasca Street Chatsworth !"# $ % !"# 5KP5.0 THRU 5KP110A 5000 Watt Transient Voltage Suppressors 5.0 to 110 Volts R-6 * * * * Unidirectional And Bidirectional Low Inductance High Temp Soldering: 250C for 10 Seconds At Terminals For Bidirectional Devices Add "C" To The Suffix Of The Part Number: i.e. 5KP6.5C or 5KP6.5CA for 5% Tolerance Devices * * * * Maximum Ratings Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C 5000 Watt Peak Power Response Time 1 x 10-12 Seconds For Unidirectional and 5 x 10-9 For Bidirectional Figure 1 1000 PPP - KW 100 A D Cathode Mark B 10 .1se 1sec 10sec 100sec 1msec c tP 0 Peak Pulse Power (P ) - versus - Pulse Time (tP ) PP D Figure 2 - Pulse Waveform tr 100 Peak Value IPP Half Wave IPP /2 50 10 x 1000 Wave as defined by R.E.A. DIM A B C D INCHES MIN .340 .340 .048 1.000 Test wave form parameters: tr = 10 sec DIMENSIONS C % IPP MAX .360 .360 .052 --- MM MIN 8.60 8.60 1.20 25.40 MAX 9.10 9.10 1.30 --- NOTE 0 1 msec 2 3 Peak Pulse Current (% I P ) - Versus - Time (t) P www.mccsemi.com 5KP5.0 thru 5KP110A Figure 3 - Typical Capacitance 100,000 Measured at zero bias Figure 4 - Derating Curve MCC 100 % PPP 50 pf 10,000 1,000 100 1 Measured at standoff voltage 10 V BR 100 1000 150 50 100 Temperature C Peak Pulse Power (% PPP) - Versus - Temperature C 0 Typical Capacitance (pf) - versus - Breakdown voltage (V ) ELECTRICAL CHARACTERISTICS @25C MCC PART NUMBER REVERS E STAND-OFF VOLTAGE VWM (VOLTS) BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MIN MAX I T (mA) MAXIMUM CLAMPING VOLTAGE @ IPP (VOLTS) PEAK PULSE CURRENT I PP (AMPS) MAXIMUM REVERSE LEAKAGE @V WM ID (A) MAXIMUM VOLTAGE TEMPERATURE VARIATION OF VBR mV / C 5KP5.0 5KP5.0A 5KP6.0 5KP6.0A 5KP6.5 5KP6.5A 5KP7.0 5KP7.0A 5KP7.5 5KP7.5A 5KP8.0 5KP8.0A 5KP8.5 5KP8.5A 5KP9.0 5KP9.0A 5KP10 5KP10A 5KP11 5KP11A 5KP12 5KP12A 5KP13 5KP13A 5KP14 5KP14A 5KP15 5KP15A 5KP16 5KP16A 5KP17 5KP17A 5KP 18 5KP18A 5KP20 5KP20A 5KP22 5KP22A 5.0 5.0 6.0 6.0 6.5 6.5 7.0 7.0 7.5 7.5 8.0 8.0 8.5 8.5 9.0 9.0 10 10 11 11 12 12 13 13 14 14 15 15 16 16 17 17 18 18 20 20 22 22 6.40 6.40 6.67 6.67 7.22 7.22 7.78 7.78 8.33 8.33 8.89 8.89 9.44 9.44 10.0 10.0 11.1 11.1 12.2 12.2 13.3 13.3 14.4 14.4 15.6 15.6 16.7 16.7 17.8 17.8 18.9 18.9 20.0 20.0 22.2 22.2 24.4 24.4 7.30 7.00 8.15 7.37 8.82 7.98 9.51 8.60 10.2 9.21 10.9 9.83 11.5 10.4 12.2 11.1 13.6 12.3 14.9 13.5 16.3 14.7 17.6 15.9 19.1 17.2 20.4 18.5 21.8 19.7 23.1 20.9 24.4 22.1 27.1 24.5 29.8 26.9 50 50 50 50 50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 9.6 9.2 11.4 10.3 12.3 11.2 13.3 12.0 14.3 12.9 15.0 13.6 15.9 14.4 16.9 15.4 18.8 17.0 20.1 18.2 22.0 19.9 23.8 21.5 25.8 23.2 26.9 24.4 28.8 26.0 30.5 27.6 32.2 29.2 35.8 32.4 39.4 35.5 520 543 439 485 407 447 378 417 350 388 333 367 314 347 295 325 266 294 249 274 227 251 210 232 194 215 188 206 176 192 164 181 155 172 139 154 127 141 2000 2000 5000 5000 2000 2000 1000 1000 250 250 150 150 50 50 20 20 15 15 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 4.0 4.0 4.0 4.0 4.0 4.0 5.0 5.0 6.0 6.0 6.0 6.0 7.0 7.0 8.0 8.0 9.0 9.0 10 10 11 11 12 12 13 13 15 15 18 16 19 18 20 19 24 22 27 24 www.mccsemi.com 5KP5.0 thru 5KP110A MCC MAXIMUM CLAMPING VOLTAGE @ I PP (VOLTS) PEAK PULSE CURRENT I PP (AMPS) MAXIMUM REVERSE LEAKAGE @V WM ID (A) MAXIMUM VOLTAGE TEMPERATURE VARIATION OF VBR mV / C ELECTRICAL CHARACTERISTICS @25C MCC PART NUMBER REVERSE STAND-OFF VOLTAGE VWM (VOLTS) BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MIN MAX I T (mA) 5KP24 5KP24A 5KP26 5KP26A 5KP28 5KP28A 5KP30 5KP30A 5KP33 5KP33A 5KP36 5KP36A 5KP40 5KP40A 5KP43 5KP43A 5KP45 5KP45A 5KP48 5KP48A 5KP 51 5KP51A 5KP54 5KP54A 5KP58 5KP58A 5KP60 5KP60A 5KP64 5KP64A 5KP70 5KP70A 5KP75 5KP75A 5KP78 5KP78A 5KP85 5KP85A 5KP90 5KP90A 5KP100 5KP100A 5KP110 5KP110A 24 24 26 26 28 28 30 30 33 33 36 36 40 40 43 43 45 45 48 48 51 51 54 54 58 58 60 60 64 64 70 70 75 75 78 78 85 85 90 90 100 100 110 110 26.7 26.7 28.9 28.9 31.1 31.1 33.3 33.3 36.7 36.7 40.0 40.0 44.4 44.4 47.8 47.8 50.0 50.0 53.3 53.3 56.7 56.7 60.0 60.0 64.4 64.4 66.7 66.7 71.1 71.1 77.8 77.8 83.3 83.3 86.7 86.7 94.4 94.4 100 100 111 111 122 122 32.6 29.5 35.3 31.9 38.0 34.4 40.7 36.8 44.9 40.6 48.9 44.2 54.3 49.1 58.4 52.8 61.1 55.3 65.1 58.9 69.3 62.7 73.3 66.3 78.7 71.2 81.5 73.7 86.9 78.6 95.1 86.0 102 92.1 106 95.8 115 104 122 111 136 123 149 135 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 43.0 38.9 46.6 42.1 50.0 45.4 53.5 48.4 59.0 53.3 64.3 58.1 71.4 64.5 76.7 69.4 80.3 72.7 85.5 77.4 91.1 82.4 96.3 87.1 103 93.6 107 96.8 114 103 125 113 134 121 139 126 151 137 160 146 179 162 196 177 116 128 107 119 99 110 93 103 85 94 78 86 70 78 65 72 62 69 58 65 55 61 52 57 49 53 47 52 44 49 40 44 37 41 36 40 33 36 31 34 28 31 26 28 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 10 30 27 33 29 34 30 38 35 41 38 45 40 50 45 54 49 57 51 62 55 65 60 70 64 77 69 79 70 85 75 93 84 100 90 104 94 113 102 120 109 134 122 147 132 www.mccsemi.com |
Price & Availability of 5KP100 |