Part Number Hot Search : 
A2726 HYBAM HSM840 BUV19 SY89828L MAX2373 ARF771LT 13001B
Product Description
Full Text Search
 

To Download 553-0111-200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
3mm LED CBI(R) Circuit Board Indicator (DIN 41494 Compatible), Narrow Bi-level
4.32 [.170] ANODE I.D. 3.51 [138]
Dialight
553-xxxx-200
COLOR* Red Green Yellow Orange Red Green Yellow Red Green Yellow Red/Green Yellow/Green Red Green Yellow
PART NO.
10.55 [.415]
HIGH EFFICIENCY - LED TYPE 01
9.65 [.380]
5.08 [.200] 2.54 [.100]
D
2.09 [.115] 3.68 [.145] TOP LED 2.54 [.100]
553-0111-200 553-0122-200 553-0133-200 553-0177-200
LOW CURRENT - LED TYPE 02
CATHODE LEAD Red/Yel Cathode for Bicolor 1.00 [.040] 2.54 [.100]
2.54 [.100]
0.46 SQ. [.018] 2.54 [.100] 6.84 [.269]
553-0211-200 553-0222-200 553-0233-200
RESISTOR 5V - LED TYPE 03
RECOMMENDED P.C. BOARD LAYOUT
Dimensions in mm [inches]
Standard Polarity shown in drawing: Cathode left
553-0311-200 553-0322-200 553-0333-200
BI-COLOR - LED TYPE 07
DataShee
Benefits
* DIN 41494 compatible * Available in a variety of LEDs * Standoffs on housing facilitate PC board cleaning * Bi-level design conserves board space * Single PC Board insertion 2 LEDs * Black housing enhances contrast * High reliability - life measured in years * Housing meets UL 94V-0 * Vibration and shock resistant * Housing assures proper LED alignment
553-0711-200 .com 553-0744-200
NON-DIFFUSED - LED TYPE 22
553-2211-200 553-2222-200 553-2233-200 * Top-Bottom LED
REVERSE POLARITY OPTION AVAILABLE
NEW
See Part Number Ordering Code below.
Custom Combinations
* Contact factory for information on custom bi-level arrays and color combinations.
LED Data
* For absolute maximum ratings and other electrical/optical data refer to LED data sheets
PART NUMBER ORDERING CODE Polarity Option 0 - Standard Cathode Left Color LED Type 1 - Reverse Cathode Right
Series
CLICK HERE
To Construct Custom Color Combinations of This Part
553-xxxx-2x0
Top Position Bottom Position
Housing Type
Color = 0) Blank 1) Red or Red/Green Bi-Color 2) Green 3) Yellow 4) Yellow/Green Bi-Color 7) Orange
.com
Dialight Corporation * 1913 Atlantic Avenue * Manasquan, NJ 08736 * TEL: (732) 223-9400 * FAX: (732) 223-8788 * www.dialight.com
.com DataSheet 4 U .com
www..com
553-xxxx-200
(DIN 41494 compatible)
Typical Operating Characteristics (TA=25C)
HIGH EFFICIENCY Part Number 553-0111-200 553-0122-200 553-0133-200 553-0177-200
* IF = 20mA See LED data sheet for additional information
Color Red Green Yellow Orange
Peak Wavelength nm 635 565 583 600
IV mcd 10 12.6 10 7
VF Volts 2* 2.1* 2.2 2.2 *
Test Current (mA) 10 10 10 10
Viewing Angle 212 60 60 60 60
LED Data sheet 521-9216 521-9210 521-9211 521-9498
Page # 4-53 4-53 4-53 4-53
LOW CURRENT Part Number 553-0211-200 553-0222-200 553-0233-200 Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 1.8 1.6 1.6 VF Volts 1.8 1.8 1.9 Test Current (mA) 2 2 2 Viewing Angle 212 50 50 50 LED Data sheet 521-9324 521-9326 521-9325 Page # 4-55 4-55 4-55
INTEGRAL RESISTOR, 5V Part Number 553-0311-200 553-0322-200 553-0333-200 Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 4 8 8 Test Voltage 5 5 5 Forward Current (mA) 10 12 10 Viewing Angle 212 60 60 60 LED Data sheet 521-9215 521-9323 521-9322 Page # 4-54 4-54 4-54
t4U.com
.com
BI-COLOR
Bicolor data shown as red/green or yellow/green
Peak Part Number Color Wavelength nm 553-0711-200 Red/Green 635/565 553-0744-200 Yellow/Green 585/565
* IF = 20mA
IV mcd 5 4.3/6.3
VF Volts 2 2.1*/2.1*
Test Current (mA) 10 10
Viewing Angle 212 50 80
LED Data sheet 521-9459 521-9478
Page # 4-58 4-57
NON-DIFFUSED Part Number 553-2211-200 553-2222-200 553-2233-200 Color Red Green Yellow Peak Wavelength nm 635 565 583 IV mcd 12 12 12 VF Volts 2.2 2.3 2.2 Test Current (mA) 10 10 10 Viewing Angle 212 45 45 45 LED Data sheet 521-9432 521-9430 521-9431 Page # 4-56 4-56 4-56
CBI ARRAYS .200 PITCH
Dialight offers its Multiarray to reduce insertions and to assure indicator alignment. Multiarrays mount indicators on .200 centers. These assemblies are available in arrays of 2 to 6. See pages 4-43 and 4-44 for information. Call factory for information on .185 pitched arrays.
Dialight
.com
Dialight Corporation * 1913 Atlantic Avenue * Manasquan, NJ 08736 * TEL: (732) 223-9400 * FAX: (732) 223-8788 * www.dialight.com
.com DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of 553-0111-200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X