Part Number Hot Search : 
2500ET ESD05 USD4545C SRF16100 AD1953 M5229 DA332M S3C8440
Product Description
Full Text Search
 

To Download 3DC11CAP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
3DC11X11 with cap SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap Features Small solution of 3D coil designed to achieve a very good electrical performance in the smallest dimensions. Applications: - Automotive. - Passive keyless entry and Keyless Go Systems. - RTPMS with wake up functions. - Industrial logistics and control. - Access control. - Tracking devices. Keyless entry systems is a typical application for this coil, the isotropy is often sougth in RF antenna. In transponder applications, this feature has been achieved by the combination of 3 single coils oriented in the 3 space axis with the aim of covering the maximum space orientation. This small size 3D coil offers the possibility of assembly in single component 3 coils with full functionality, thus reducing cost, saving PCB space and increasing the circuit reliability. Dimensions, electric diagram and pad layout All dimensions in mm
Pins coplanarity 0.15mm
www..com
Electrical specifications
P/N 3DC11CAP-0238J 3DC11CAP-0247J 3DC11CAP-0345J 3DC11CAP-0405J 3DC11CAP-0477J 3DC11CAP-0491J 3DC11CAP-0720J Lx,y,z (mH) 2.38 2.47 3.45 4.05 4.77 4.91 7.20 Cres (pF) 680 656 470 400 340 330 225 Qx,y,z >25 >25 >29 >30 >30 >32 >25 SRFx,y (kHz) >500 >500 >400 >400 >370 >350 >350 SRFz (kHz) >900 >800 >800 >600 >600 >600 >500 RDCx,y Max() 50 50 60 67 70 74 84 RDCz Max() 50 50 70 67 96 98 120 Sensitivityx,y,z (mVpp/App/m) 40 50 55 60 65 65 72
This Chart is a reference guide for the most common required values at working frequency of 125 kHz. Any other inductance value at LF or tighter tolerances can be provided. Also can be supplied different inductance values in the different winding axis. Please contact our sales department for any inquiry. L and Q factor measured at 125 kHz, 1 Vac. Sensitivity measured with Helmholtz coils H:8.36 App/m @125 kHz. Contact us for measurement specification. SRF: Self Resonant Frequency of the coil.


▲Up To Search▲   

 
Price & Availability of 3DC11CAP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X