Part Number Hot Search : 
C3510 CEF09N6 80007 ZC833A TBA120U 10060 PB1002S 1608X7
Product Description
Full Text Search
 

To Download 3410B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
200 V - 1,000 V Three Phase Bridge
18.0 A - 20.0 A Forward Current 70 ns - 3000 ns Recovery Time
3402B - 3410B 3402FB - 3410FB 3402UFB - 3410UFB
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
Part Number Working Reverse Voltage (Vrwm) Average Rectified Current @TC (Io) 55C Volts 3402B 3406B 3410B 3402FB 3406FB 3410FB 3402UFB 3406UFB 3410UFB Amps 100C Amps Reverse Current @ Vrwm (Ir) 25C A 100C A 25C Volts Amps Forward Voltage 1 Cycle Surge Current tp=8.3ms (Ifsm) 25C Amps Repetitive Surge Current (Ifrm) 25C Amps Reverse Recovery Time (1) (Trr) 25C ns C / W Thermal Impd.
(Vf)
uJ-C
200 600 1000 200 600 1000 200 600 1000
20.0 20.0 20.0 20.0 20.0 20.0 18.0 18.0 18.0
13.0 13.0 13.0 12.5 12.5 12.5 12.0 12.0 12.0
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
25 25 25 25 25 25 25 25 25
1.2 1.2 1.5 1.5 1.5 1.7 2.0 2.0 2.0
9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0 9.0
150 150 150 100 100 100 100 100 100
25 25 25 20 20 20 20 20 20
3000 3000 3000 150 150 150 70 70 70
2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2 2.2
(1)Trr Testing: If=0.5A, Ir=1.0A, Irr=0.25A *Op. Temp. & Stg. Temp. = -55C to +150C Isolation Voltage: 2000V
.169(4.29) Thru (2 PL) .75 (19.05) .375(9.5)
2.25(57.2) 1.50(38.1)
_
.23(5.84) +
11
AC AC AC _
.257(6.53) .281(7.14) (2 PL) .26(6.60) .41(10.4) .187(4.8)
AC AC AC
.163 (4.14)
.26(6.60)
Aluminum Case .82(20.8) MAX. .125 (3.2)
+
1.875(47.6)
Dimensions: In. (mm) * All temperatures are ambient unless otherwise noted. * Data subject to change without notice.
VOLTAGE MULTIPLIERS INC. 8711 W. Roosevelt Ave. Visalia, CA 93291
TEL 559-651-1402 FAX 559-651-0740 www.voltagemultipliers.com
259
3402B - 3410B * 3402FB - 3410FB * 3402UFB - 3410UFB
25
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
2.2 2.0
TYPICAL FORWARD VOLTAGE VS. FORWARD CURRENT AT 25C
20 Maximum Current (I) 1.8 Forward Voltage (V)
3400B 3400UFB
15
3400UFB
1.6
3410FB
1.4
3402-06FB
10
1.2 1.0
3400B
5
0.8 0 25 50 75 100 125 Temperature (C) Ambient Temperature (C) 150 0.6 0 3 6 9 Forward Current (A) 12 15
25
MAXIMUM FORWARD CURRENT VS. TEMPERATURE
20 Maximum Current (I)
3400FB
15
10
5
0 25 50 75 100 125 Ambient Temperature (C) Temperature (C) 150
1000
REVERSE CURRENT VS. TEMPERATURE AT Vrwm
Reverse Current (uA)
100
10
1 25 50 75 100 Temperature (C) Temperature (C) 125 150
260


▲Up To Search▲   

 
Price & Availability of 3410B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X