Part Number Hot Search : 
SXXBN71 SI4721 3PB2540 MK13H ADUM1 BU4525DW BC328 00001
Product Description
Full Text Search
 

To Download 31142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
UTC TA31142
LINEAR INTEGRATED CIRCUIT
LOW POWER IF RECEIVER IC
DESCRIPTION
The UTC TA31142 is a low power IF receiver IC and is suitable for use as the second IF downconverter in double-conversion paging systems. It is well-suited for POCSAG paging applications and incorporates a 2-level FSK demodulator consisting of a quadrature FM demodulator, on-chip bit-rate filter, and 1-bit comparator. An on-chip 1V regulator is provided for convenient biasing of off-chip circuitry.
FEATURES
*Extremely low power operation with power-down feature *Built-in crystal oscillator for mixer local oscillator *Mixer input frequency: 10-50 MHz *Quadrature detector *On-chip bit-rate filter *Audio output *1-bit comparator with open collector output *1V regulator *1.1V low battery alarm
TSSOP-20
PIN CONFIGURATIONS
OSCIN 1 OSCOUT 2 MIXOUT 3 VCC IFIN DEC FSKREF IFOUT QUAD AFOUT
4 5 6 7 8 9 10
11 LPFIN 12 LPFOUT 13 BS 14 CHARGE 15 FSKOUT 16 ALM 17 REGCON 18 REGOUT 19 VSS 20 MIXIN
UTC
UNISONIC TECHNOLOGIES
CO., LTD.
1
QW-R103-015,A
www..com
UTC TA31142
NUMBER SYMBOL
1 2 3
LINEAR INTEGRATED CIRCUIT
DESCRIPTION NUMBER SYMBOL
11 12 13
DESCRIPTION
OSCIN Oscillator input (base) OSCOUT Oscillator output (emitter) MIXOUT Mixer output (2K output impedance)
4
VCC
Nominal 1.4V supply
14
5 6 7 8
IFIN DEC FSKREF IFOUT
IF amplifier input (2K input impedance) IF amplifier de-coupling capacitor connection 1-bit comparator reference input (requires external capacitor) IF amplifier output
15 16 17 18
9 10
QUAD AFOUT
Quadrature FM demodulator input Quadrature FM demodulator output
19 20
LPFIN LPF operational amplifier input LPFOUT LPF operational amplifier output BS Two-state logic input to control receiver power up/down. (BS=high=normal operation; BS=low=stand-by mode) CHARGE Two-state logic input to control charge-discharge circuit. (CHARGE=high=fast charge; CHARGE=low=slow charge) FSKOUT Open collector NRZ comparator output (requires pull-up resistor) ALM Open collector low battery alarm output (requires pull-up resistor) BEGCON 1.0V regulator control output for connection to external PNP base REGOUT 1.0V regulator input for connection to external PNP collector VSS Ground MIXIN Mixer input (5K input impedance)
ABSOLUTE MAXIMUM RATINGS (Vss=0V )
PARAMETER
Supply Voltage Operating temperature range Storage temperature range Soldering temperature range Soldering time range
SYMBOL
Vcc TOPR TSTG TSLD tSLD
VALUE
Vss-0.3 to Vss+3.5 -30 to 85 -55 to 150 255 10
UNIT
V C C C s
RECOMMENDED OPERATING CONDITIONS (Vss=0V)
PARAMETER
Supply voltage range MIXIN input frequency Operating temperature
SYMBOL
Vcc fMIXIN TA Min. 1.1 -10
VALUE
Typ. 1.35 25 Max. 1.6 50 60
UNIT
V MHz C
UTC
UNISONIC TECHNOLOGIES
CO., LTD.
2
QW-R103-015,A
www..com
UTC TA31142
PARAMETER
Quiescent current consumption Standby current consumption Mixer conversion gain Mixer output intermodulation intercept point Mixer input resistance Mixer output resistance IF amplifier input resistance S/N ratio I S/N ratio 2 S/N ratio 3 Demodulation output level AM rejection ratio FSK output duty ratio Low battery alarm threshold voltage Regulator output voltage Charging / discharging current ALM logic HIGH output current ALM logic LOW output voltage FSKOUT logic HIGH output current FSKOUT logic LOW output vlotage
LINEAR INTEGRATED CIRCUIT
SYMBOL
Icc,total Icc,modby Gc OIP3 Rin,MIX Rout,MIX Rin,IF SNI SN2 SN3 VOD AMR DR VALM VREGOUT ICH IOH,ALM IOL,ALM IOH.FSK.OUT VOL,PSK,
OUT
ELECTRICAL CHARACTERISTICS(Ta=25C, Vcc=1.4V,Vss=0V, BS=high unless otherwise noted)
TEST CONDITIONS
VBS=0V Measured after 455 KHz ceramic filter
MIN
TYP
1.1
MAX
1.6 5 16
UNIT
mA A dB dBm k k k dB dB dB mVrms dB % V V A A V A V
9
12.5 -10 5 2 2 63 63 25 45 50 50 1.1 1.0 70
-53 dBm at MIXIN -53 dBm at IFIN -91 dBm at IFIN -53 dBm at IF|N -53 dBm at IFIN AM=30% 40 1.05 430 load resistor VFSKREF=0V, VLPFOUT=0.18V 0.95 35
60 1.15 1.05 110 2 0.4 2 0.4
UTC
UNISONIC TECHNOLOGIES
CO., LTD.
3
QW-R103-015,A
www..com
UTC TA31142
LINEAR INTEGRATED CIRCUIT
FUNCTIONAL DESCRIPTION
The UTC TA31142 IF receiver IC incorporates a mixer, crystal-based local oscillator, IF amplifier, quadrature FM demodulator, bit-rate filter, and 1-bit comparator and is capable of demodulating 2-level FSK input signals. In addition, 1.0V regulator and 1.1V low battery alarm functions are provided.
POWER-DOWN FUNCTION
The entire receiver IC may be powered up and down through the control of the BS input (pin13). During power down operation, the quiescent current consumption of the IC drops to approximately 0A. The high input impedance of the BS pin allows for direct interfacing with the CMOS output of an off-chip micro controller.
CHARGE / DISCHARGE CIRCUITRY
The function of the charge / discharge circuitry is for both fast and slow charging / discharging of the capacitor used for storing the voltage reference level of the FSKREF pin. The CHARGE input (pin14) should be enabled (CHARGE=high=fast charge) immediately after transition of the receiver IC from power-down to normal operation in order to reduce the charging / discharging time for coarse adjustment of the FSKREF voltage to the appropriate dc level (i.e. dc level of LPFOUT pin) and consequently to minimize the erroneous output of the 1-bit comparator. During actual data reception, the CHARGE pin should be set to low (CHARGE=low=slow charge) for fine adjustment of the FSKREF voltage.
1-bit COMPARATOR
The integrated 1-bit comparator operates as a data slicer and "squares up" the bit-rate filtered output from the quadrature demodulator. The decision threshold voltage level for the 1-bit comparator is stored on an external capacitor connected to the FSKREF pin.
REGULATOR
The on-chip 1.0V regulator requires a suitable off-chip PNP transistor to achievc regulation. The external PNP transistor should have an hFE>200 for VCE>=0.1V.
LOW BATTERY ALARM
The low battery alarm output, ALM, is normally low, but rises to 1.1V (=VCC) when the VCC voltage falls below approximately 1.1V.
UTC
UNISONIC TECHNOLOGIES
CO., LTD.
4
QW-R103-015,A
www..com
UTC TA31142
LINEAR INTEGRATED CIRCUIT
TYPICAL CHARACTERISTICS
UTC
UNISONIC TECHNOLOGIES
CO., LTD.
5
QW-R103-015,A
www..com
UTC TA31142
TEST CIRCUIT
LINEAR INTEGRATED CIRCUIT
UTC
UNISONIC TECHNOLOGIES
CO., LTD.
6
QW-R103-015,A


▲Up To Search▲   

 
Price & Availability of 31142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X