Part Number Hot Search : 
GMA1505 AKD5383 DZ950N P6SMB16 FMY4A 1V221M AR709LT ATMEGA
Product Description
Full Text Search
 

To Download 30CPQ080PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
Bulletin PD-20786 rev. A 09/06
30CPQ080PBF 30CPQ100PbF
SCHOTTKY RECTIFIER 30 Amp
IF(AV) = 30Amp VR = 80 -100V
Major Ratings and Characteristics Characteristics
IF(AV) Rectangular waveform VRRM IFSM VF TJ @ tp = 5 s sine @ 15 Apk, TJ=125C (per leg)
Description/ Features Units
A V A V The 30CPQ...PbF center tap Schottky rectifier has been optimized for low reverse leakage at high temperature. The proprietary barrier technology allows for reliable operation up to 175 C junction temperature. Typical applications are in switching power supplies, converters, free-wheeling diodes, and reverse battery protection. 175 C TJ operation Center tap TO-247 package High purity, high temperature epoxy encapsulation for enhanced mechanical strength and moisture resistance Low forward voltage drop High frequency operation Guard ring for enhanced ruggedness and long term reliability Lead-Free ("PbF" suffix)
Values
30 80 -100 920 0.67
- 55 to 175
C
Case Styles
30CPQ...PbF
Base Common Cathode
2
1
3 2
Anode
1
Anode
2
Common Cathode
TO-247AC
www.irf.com
1
30CPQ080PBF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) VRWM Max. Working Peak Reverse Voltage (V)
30CPQ080PBF
80
30CPQ100PbF
100
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current * See Fig. 5 IFSM EAS IAR Max. Peak One Cycle Non-Repetitive Surge Current (Per Leg) * See Fig. 7 Non-Repetitive Avalanche Energy (Per Leg) Repetitive Avalanche Current (Per Leg) 920 240 7.50 0.50 A mJ A 5s Sine or 3s Rect. pulse Following any rated load condition and with 10ms Sine or 6ms Rect. pulse rated VRRM applied
30CPQ... Units
30 A
Conditions
50% duty cycle @ TC = 140C, rectangular wave form
TJ = 25 C, IAS = 0.50 Amps, L = 60 mH Current decaying linearly to zero in 1 sec Frequency limited by TJ max. VA = 1.5 x VR typical
Electrical Specifications
Parameters
VFM Max. Forward Voltage Drop (Per Leg) * See Fig. 1 (1)
30CPQ... Units
0.86 1.05 0.67 0.81 0.55 7 500 7.5 10000 V V V V mA mA pF nH @ 15A @ 30A @ 15A @ 30A TJ = 25 C TJ = 125 C
Conditions
TJ = 25 C TJ = 125 C VR = rated VR
IRM CT LS
Max. Reverse Leakage Current (Per Leg) * See Fig. 2 (1) Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
VR = 5VDC, (test signal range 100Khz to 1Mhz) 25C Measured lead to lead 5mm from package body
(1) Pulse Width < 300s, Duty Cycle <2%
dv/dt Max. Voltage Rate of Change
V/ s (Rated VR)
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max. Junction Temperature Range Max. Storage Temperature Range
30CPQ... Units
-55 to 175 -55 to 175 2.20 1.10 0.24 6 (0.21) Min. Max. 6 (5) 12 (10) C C
Conditions
RthJC Max. Thermal Resistance Junction to Case (Per Leg) RthJC Max. Thermal Resistance Junction to Case (Per Package) RthCS Typical Thermal Resistance, Case to Heatsink wt T Approximate Weight Mounting Torque Case Style Device Marking
C/W DC operation C/W DC operation
* See Fig. 4
C/W Mounting surface , smooth and greased g (oz.) Kg-cm Non-lubricated threads (Ibf-in)
TO-247AC(TO-3P) JEDEC 30CPQ080 30CPQ100
2
www.irf.com
30CPQ080PBF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
10 00
10 0 1 0 1 .1 .0 1 .0 1 0 .0 0 01 0 T =1 5 C 7 J 1 0C 5 1 5C 2 1 0C 0 7 5C 5 0C 2 5C
10 0
In ta ta e u F rw rdC rre t - I (A s n nos o a un ) F
R v rs C rre t - I (m ) ee e u n A R
2 0
4 0
6 0
8 0
10 0
1 0
T =1 5 C 7 J T =1 5 C 2 J T= 2 5C J
R v rs V lta e- V (V ee e o g R)
Fig. 2 - Typical Values Of Reverse Current Vs. Reverse Voltage (Per Leg)
10 00 J n tio C p c n e- C (p ) u c n a a ita c F T
1
T =2 5C J
.1 0
.5
1
1 .5
2
2 .5
10 0 0
2 0
4 0
6 0
8 0
10 0
F rw rdV lta eD p- V (V oa o g ro ) F M
R v rs V lta e- V (V ee e o g R)
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
1 0 T em l Im e a c - Zth C ( /W hr a pdne C) J
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
1
D=0 0 .5 D=0 3 .3 D=0 5 .2 D=0 7 .1 D=0 8 .0
P
D M t 1 t2
.1
.0 1
S g P ls in le u e (T e a R s ta c ) h rm l e is n e
N te : os 1 D tyfa to D= t / t .u cr 12 2 P a T =P xZ . ek +T JD J M th C C .1 1 1 0 10 0
.0 1 0 .0 0 1 00
.0 0 01
.0 1 0
.0 1
t1, R c n u r P ls D ra n(S c n s e ta g la u e u tio eod)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
www.irf.com
3
30CPQ080PBF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
10 8 A w b C s T m e a re- ( ) llo a le a e e p r tu C 15 7 10 7 15 6 10 6 15 5 10 5 15 4 0 2 4 6 81 1 1 1 1 2 2 0246802 A e g F rw rdC rre t - IF V (A v ra e o a un (A ) ) D C Rth C (D ) =2 0 C C .2 /W J 1 4 D=0 8 .0 .1 1 D=0 7 2 D=0 5 .2 D=0 3 .3 1 0 D=0 0 .5 8 M im 6 R SL it 4 2 0 0 2 4 6 81 1 1 1 1 2 2 0246802 A e g F rw rdC rre t - I v ra e o a un (A ) FV (A ) D C
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current (Per Leg)
1000
FSM
A e g P w r L s - (W tts v ra e o e o s a)
Fig. 6 - Forward Power Loss Characteristics (Per Leg)
Non-Repetitive Surge Current - I
(A)
At Any Rated Load Condition And With Rated V RRM Applied Following Surge
100 10
100
1000
10000
Square Wave Pulse Duration - t p (microsec)
Fig. 7 - Max. Non-Repetitive Surge Current (Per Leg)
L HIGH-S PEED S CH WIT FREE-WHEEL DIODE 40HF L40S 02
+
DUT
IR FP460 R = 25 ohm g
Vd = 25 Volt
CURR ENT MONIT OR
Fig. 8 - Unclamped Inductive Test Circuit
4
www.irf.com
30CPQ080PBF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
Outline Table
Conform to JEDEC outline TO-247AC (TO-3P) Dimensions in millimeters and (inches)
Marking Information
EXAMPLE: THIS IS A 30CPQ100 WITH ASSEMBLY LOT CODE 5657 ASSEMBLED ON WW 35, 2000 IN ASSEMBLY LINE "H"
INTERNATIONAL RECTIFIER LOGO ASSEMBLY LOT CODE
PART NUMBER
30CPQ100
P035H
56
57
DATE CODE P = LEAD-FREE YEAR 0 = 2000 WEEK 35 LINE H
www.irf.com
5
30CPQ080PBF, 30CPQ100PbF
Bulletin PD-20786 rev. A 09/06
Ordering Information Table
Device Code
30
1 1 2 3 4 5 6 -
C
2
P
3
Q
4
100 PbF
5 6
Current Rating Circuit Configuration C = Common Cathode Package P = TO-247 Schottky "Q" Series Voltage Code none = Standard Production PbF = Lead-Free Tube Standard Pack Quantity : 25 pieces 080 = 80V 100 = 100V
Data and specifications subject to change without notice. This product has been designed and qualified for Industrial Level and Lead-Free. Qualification Standards can be found on IR's Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7309 Visit us at www.irf.com for sales contact information. 09/06
6
www.irf.com


▲Up To Search▲   

 
Price & Availability of 30CPQ080PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X