Part Number Hot Search : 
B3761 UMG3N ISL43840 M320X 3K312 R5320G M320X BD3841FS
Product Description
Full Text Search
 

To Download 2SD1025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1025
www..com
DESCRIPTION *With TO-220 package *High DC current gain *DARLINGTON
PINNING PIN 1 2 3 Base Collector;connected to mounting base Emitter DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB IBM PT Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Base current-Peak Total power dissipation Junction temperature Storage temperature TC=25 Open emitter Open base Open collector CONDITIONS VALUE 200 200 7 8 12 0.5 1.0 50 150 -55~150 UNIT V V V A A A A W
THERMAL CHARACTERISTICS
SYMBOL R8j-C PARAMETER Thermal resistance junction to case VALUE 2.5 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=0.1A ; IB=0 IC=5A; IB=10mA IC=5A ;IB=10mA VCB=200V ;IE=0 VCE=200V; IB=0 VEB=7V; IC=0 IC=5A ; VCE=3V IC=0.8A ; VCE=10V 1500 MIN 200
www..com
2SD1025
SYMBOL VCEO(SUS) VCEsat VBEsat ICBO ICEO IEBO hFE fT
TYP.
MAX
UNIT V
1.5 2.0 0.1 0.1 5.0 30000 20
V V mA mA mA
MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A IB1=- IB2=10mA RL=5C; VBB2=4V 2.0 8.0 5.0 s s s
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
www..com
2SD1025
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SD1025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X