Part Number Hot Search : 
HT162 H8S2462 UJA107 3KSMS TLMB3104 DSS210 BU401 TM9319
Product Description
Full Text Search
 

To Download 2E12R9 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reliability Incorporated
Product Data Sheet
2 Watt DC/DC Converters for LAN Transceiver Chips
Key Features
* * * * Meets FCC Section 15, Sub Part J, A and B Continuous short circuit protection with foldback on 2E models No derating to 71 C Wide input range
The LAN series of DC/DC converters is designed to provide power and isolation for Local Area Network (LAN) transceiver chips. The LAN series covers both the Cheapernet and Ethernet LAN (IEEE 802.3 - 10 base 5 and 10 base 2 Standards) approach. The use of a compact and inexpensive DC/DC converter as a power source for these transceiver chips allows conversion of the normal bus power to the isolated power required. The series operates from inputs of 5 and 12 VDC for Cheapernet with input/output isolation of 500 VDC. Ethernet converters offer a wide input range of 10.20 to 15.75 VDC with 2500 VDC isolation. Reliability Incorporated also provides custom designed DC/DC Converters to meet customer specifications. Reliability Incorporated is based in Houston, Texas, USA and is a leading provider of semiconductor processing equipment and DC/DC converters. Corporate headquarters, located in Houston, TX, USA is ISO 9001 certified. DC/DC converters are manufactured in Costa Rica.
General Electrical Specifications
(Specifications at Nominal Input and 25 C, nominal input voltage and rated output current unless otherwise noted.)
w w w .D at aS he et 4U .c om
Parameter Input Voltage Range 5V Devices 12 V Devices Input Filter Input/Output Isolation Voltage Resistance Output Voltage Accuracy 2QP & 2SP Device Types Load Regulation Output Noise/Ripple Minimum Load Required Line Regulation Short Circuit Protection Operating Temperature Derating Storage Temperature FCC Sec 15, Sub Part J
2QP & 2SP Series Limits 4.75 - 5.25 VDC 11.4 - 12.6 VDC Filter Capacitor 500 VDC (Min) 10 3 megohms (Min) 5% See Graph* 100mV P-P (Max) 10% of Full Load See Graph* Momentary -25C to +71C None -55C to +125C Yes
Conditions
All Device Types
Nom. Line at Full Load 20Hz-20MHz Bandwidth All Units All Units To 71C Class B Radiated, Class A Conducted
2Watt Lan 4/22/2003
www..com
General Electrical Specifications
(Specifications at Nominal Input and 25 C, nominal input voltage and rated output current unless otherwise noted.)
Parameter Input Voltage Range Input Filter Input/Output Isolation Voltage Resistance Output Voltage Accuracy Load Regulation Line Regulation Output Noise/Ripple Short Circuit Protection Duration Switching Frequency Operating Temperature Derating Storage Temperature External Heatsink Case Encapsulant Heat Dissipation FCC Sec 15, Sub Part J
2E12R9 Series Limits 10.2 - 15.75VDC Filter Capacitor 2500 VDC (Min) 103 Megohms (Min) 5% 50mV 300mV 100mV, P-P (Max) Current Foldback Continuous 30 KHz -25C to +71C None -55C to +125C Recommended For Still Air Environments UL94V-0 UL94H-B 45C Case Rise Yes
Conditions All Devices All Device Types All Device Types Nom. Line at Full Load Nom. Line, NL to FL Full Input Range, FL 20Hz-20MHz Bandwidth All Units Typical To 71C
High Line, Full Load Class B Radiated, Class A Conducted
Selection Guide
Device Type 2QP5U9 2SP5U9 2QP12U9 2E12R9 2SP12U9 Input Voltage Range VDC 4.75 - 5.25 4.75 - 5.25 11.40 - 12.60 10.20 - 15.75 11.40 - 12.60 Typical Input Current (A) @ Max Load .600 .600 .250 .350 .250 Output Voltage VDC -9 -9 -9 -9 -9 Max Output Current (mA) 250 250 250 250 250 Package/ Pinout QA SA QA 2E SA
Reliability Incorporated Locations
Headquarters Reliability Incorporated P.O. Box 218370 Houston, Texas 77218 USA Tel: 281 492-0550 Fax 281 492-0615 www.relinc.com ISO 9001 Certified Sales Reliability Incorporated Tel: 281 492-0550 Fax 281 492-0615 dcdcinfo@relinc.com www.dc-dcpower.com ISO 9001 Certified Far East Sales Reliability Singapore Pte. Ltd. Blk 103 Boon Keng Rd. Singapore 339774 Tel: 65 299 4938 Fax: 65 299 4829 ISO 9002 Certified
2Watt Lan 4/22/2003
Mechanical Specification (dimensions in inches)
Copyright(c) 2003, Reliability Incorporated. Reliability reserves the right to make changes in the product at any time, without notification.
2Watt Lan 4/22/2003


▲Up To Search▲   

 
Price & Availability of 2E12R9

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X