|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
15A/14A/24A SERIES FEATURES * * * * 8-PIN PACKAGE. 5EQUALLY-SPACED TAPS. TTL SCHOTTKY INTERFACED. TOTAL DELAYS FROM 25-1000nS. :50UA MAX :-2mA MAX :2.7V MIN :0.5V MAX :2.0V MIN :0.8V MAX :0J TO 70J :20 TTL LOAD :10 TTL LOAD :75mA TYP. 8 PIN LEADING & TRAILING TTL ACTIVE DELAY LINE ELECTRICAL CHARACTERISTICS IIH LOGIC"1" INPUT CURRENT IIL LOGIC"0" INPUT CURRENT VOH LOGIC"1" OUTPUT VOLTAGE VOL LOGIC"0" OUTPUT VOLTAGE VIH LOGIC"1" INPUT VOLTAGE VIL LOGIC"0" INPUT VOLTAGE TA OPERATING TEMPERATYRE NH FANOUT"1" OUTPUT NL FANOUT"0" OUTPUT SUPPLY CURRENT INPUT PULSE TEST CONDITION PULSE VOLTAGE PULSE WIDTH DUTY CYCLE PULSE RISE TIME TIME DELAY MEASURED SUPPLY VOLTAGE VCC :3.2V :50NS MIN. OR 100%TD :<50% :2NS(0.75 TO 2.4V) :@1.5V IECEL :5.0O .25VDC 0 ELECTRICAL SPECIFICATIONS PART NO. 15A/14A/24A-025 15A/14A/24A-050 15A/14A/24A-075 15A/14A/24A-100 15A/14A/24A-150 15A/14A/24A-200 15A/14A/24A-250 15A/14A/24A-300 15A/14A/24A-500 15A/14A/24A-1000 PIN CONNECTIONS RISE TIME Tr(nS)max 4 4 4 4 4 4 4 4 4 4 DELAY TIME Td(nS) 25O 2 50O % 5 75O % 5 100O % 5 150O % 5 200O % 5 250O % 5 300O % 5 500O % 5 1000O % 5 TAP DELAY (nS) 5O 2 10O 2 15O 2 20O 2 30O 2 40O 2 50O % 5 60O % 5 100O % 5 200O % 5 MARKINGS AND DIMENSIONS Dimensions:inches/mm Unless otherwise specified, all tolerances are O .010/O.25 0 YUAN DEAN SCIENTIFIC CO.,LTD. HTTP://www.yds.com.tw E-mail:ydstech@ms11.hinet.net |
Price & Availability of 14A-200 |