Part Number Hot Search : 
64001 SML10S75 DPAD250 16710 RT8292A 1014A 123M0 SHD11
Product Description
Full Text Search
 

To Download 14A-20-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 POWER TRANSFORMER
1. CONFIGURATION & DIMENSIONS :
W E Square PC terminals
14A-20-12 (F) SERIES
C A
C
A
D
B
L
4.763(0.187) Min.
A
H Clearance for optional WTG screws
F
A
B
PCB Pattern UNIT : mm (inch)
VA 20.0 -
gram 408.23 -
L 57.15
W 47.63
H 41.28
A 10.16
B 10.16
C 37.08
D -
E -
F 38.10
Dim Pin 0.80 SQ
(2.250) (1.875) (1.625) (0.400) (0.400) (1.460)
(1.500) (0.032)SQ
2. SCHEMATIC :
6 115V 50/60Hz 4 3 115V 50/60Hz 1 indicates polarity 12
10 9
7
3. ELECTRICAL CHARACTERISTICS ( @ 25C ) : a. Primary Voltage b. No Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . c. Secondary Voltage (5%) d. Secondary Load Current e. Full Load Primary Current Input AC 115V 60Hz . Input AC 230V 50Hz . f. Full Load Secondary Voltage (5%) g. DC Resistance Pin 1-3 Pin 4-6 Pin 7-9 Pin 10-12 h. Insulation Resistance i. Withstand Voltage (Hi-Pot) j. Temperature Rise k. Core Size AC 115/230 V 50/60 Hz . Less Than 70mA . Less Than 70mA . Series AC 14.60V . C.T. Parallel AC 7.30V . Series 1600mA . Parallel 3200mA . Less Than 225mA . Less Than 140mA . Series 12.60V . C.T. Parallel 6.30V . Primary = 67 Ohm . = 56 Ohm . Secondary = - Ohm . = - Ohm . DC 500V 100Meg Ohm Of More . AC 3750V 50Hz 1 Minutes . Less Than 75 Deg C . EI-57 x 20.00 m/m .
NOTE : Specifications subject to change without notice. Please check our website for latest information.
25.02.2008
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1


▲Up To Search▲   

 
Price & Availability of 14A-20-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X