Part Number Hot Search : 
TL431 48D05 2KBP08 OP284 TL431 S151M165 TL431 00206
Product Description
Full Text Search
 

To Download 0805CS-060XJBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 100-1
www..com
ChipInductors-0805CSSeries(2012)
These ultra-compact inductors provide exceptional Q values, even at high frequencies. They have a ceramic body and wire wound construction to provide the highest SRFs available in 0805 size.
Part number
1
Coilcraft Designer's Kit C103 contains samples of all 5% inductance tolerance parts. Kits with 2% tolerance are also available. To order, contact Coilcraft.
Q min
4
Inductance2 (nH)
2.8 @ 250 MHz 3.0 @ 250 MHz 3.3 @ 250 MHz 5.6 @ 250 MHz 6.8 @ 250 MHz 7.5 @ 250 MHz 8.2 @ 250 MHz 10 @ 250 MHz 12 @ 250 MHz 15 @ 250 MHz 18 @ 250 MHz 22 @ 250 MHz 24 @ 250 MHz 27 @ 250 MHz 33 @ 250 MHz 36 @ 250 MHz 39 @ 250 MHz 43 @ 200 MHz 47 @ 200 MHz 56 @ 200 MHz 68 @ 200 MHz 82 @ 150 MHz 91 @ 150 MHz 100 @150 MHz 110 @ 150 MHz 120 @ 150 MHz 150 @ 100 MHz 180 @ 100 MHz 220 @ 100 MHz 240 @ 100 MHz 270 @ 100 MHz 330 @ 100 MHz 390 @ 100 MHz 470 @ 50 MHz 560 @ 25 MHz 680 @ 25 MHz 820 @ 25 MHz
Percent tolerance3
20,10,5 20,10,5 20,10,5 20,10,5 20,10,5 20,10,5 20,10,5,2 20,10,5,2 20,10,5,2 20,10,5,2 20,10,5,2 20,10,5,2 20,10,5,2 20,10,5,2 20,10,5,2,1 20,10,5,2,1 20,10,5,2,1 20,10,5,2,1 20,10,5,2,1 10,5,2,1 10,5,2,1 10,5,2,1 20,10,5,2,1 10,5,2,1 20,10,5,2 10,5,2,1 10,5,2,1 10,5,2,1 10,5,2 20,10,5,2 10,5,2 10,5,2 10,5,2 10,5,2 10,5,2 10,5,2 10,5,2
SRF min5 DCR max6 IDC max7 Color (MHz) (Ohms) (mA) code
7900 7900 7900 5500 5500 4500 4700 4200 4000 3400 3300 2600 2000 2500 2050 1700 2000 1650 1650 1550 1450 1300 1200 1200 1000 1100 920 870 850 690 650 600 560 375 340 188 215 .06 .06 .08 .08 .11 .14 .12 .10 .15 .17 .20 .22 .22 .25 .27 .27 .29 .34 .31 .34 .38 .42 .48 .46 .48 .51 .56 .64 .70 1.0 1.0 1.4 1.5 1.76 1.90 2.20 2.35 800 800 600 600 600 600 600 600 600 600 600 500 500 500 500 500 500 500 500 500 500 400 400 400 400 400 400 400 400 350 350 310 290 250 230 190 180 Gray White Black Orange Brown Green Red Blue Orange Yellow Green Blue Gray Violet Gray Orange White Yellow Black Brown Red Orange Black Yellow Brown Green Blue Violet Gray Red White Black Brown Violet Orange Green Blue
0805CS-020X _ B _ 0805CS-3N0X _ B _ 0805CS-030X _ B _ 0805CS-050X _ B _ 0805CS-060X _ B _ 0805CS-070X _ B _ 0805CS-080X _ B _ 0805CS-100X _ B _ 0805CS-120X _ B _ 0805CS-150X _ B _ 0805CS-180X _ B _ 0805CS-220X _ B _ 0805CS-240X _ B _ 0805CS-270X _ B _ 0805CS-330X _ B _ 0805CS-360X _ B _ 0805CS-390X _ B _ 0805CS-430X _ B _ 0805CS-470X _ B _ 0805CS-560X _ B _ 0805CS-680X _ B _ 0805CS-820X _ B _ 0805CS-910X _ B _ 0805CS-101X _ B _ 0805CS-111X _ B _ 0805CS-121X _ B _ 0805CS-151X _ B _ 0805CS-181X _ B _ 0805CS-221X _ B _ 0805CS-241X _ B _ 0805CS-271X _ B _ 0805CS-331X _ B _ 0805CS-391X _ B _ 0805CS-471X _ B _ 0805CS-561X _ B _ 0805CS-681X _ B _ 0805CS-821X _ B _
80 @ 1500 MHz 65 @ 1500 MHz 50 @ 1500 MHz 65 @ 1000 MHz 50 @ 1000 MHz 50 @ 1000 MHz 50 @ 1000 MHz 60 @ 500 MHz 50 @ 500 MHz 50 @ 500 MHz 50 @ 500 MHz 55 @ 500 MHz 50 @ 500 MHz 55 @ 500 MHz 60 @ 500 MHz 55 @ 500 MHz 60 @ 500 MHz 60 @ 500 MHz 60 @ 500 MHz 60 @ 500 MHz 60 @ 500 MHz 65 @ 500 MHz 65 @ 500 MHz 65 @ 500 MHz 50 @ 250 MHz 50 @ 250 MHz 50 @ 250 MHz 50 @ 250 MHz 50 @ 250 MHz 44 @ 250 MHz 48 @ 250 MHz 48 @ 250 MHz 48 @ 250 MHz 33 @ 100 MHz 23 @ 50 MHz 23 @ 50 MHz 23 @ 50 MHz
1. When ordering, please specify tolerance and packaging codes: Inductance tolerance code: Table above shows stock tolerances in bold. F= 1%, G= 2%, J= 5%, K= 10%, M= 20% 0805CS-821X_B_ Packaging code: C = 7 machine-ready reel EIA RS-481 clear plastic tape. 2000 per reel. B = Less than full reel Not machine-ready. The carrier tape may not be a single continuous length. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel EIA RS-481 clear plastic tape. Factory order only, not stocked. 7500 per reel.
2. Inductance measured using Coilcraft SMD-A fixture in Agilent/HP4286A impedance analyzer with Coilcraft-provided correlation pieces. For recommended test procedures, contact Coilcraft. 3. Tolerances in bold are stocked for immediate shipment. 4. Q measured using Agilent/HP4291A with Agilent/HP16193 test fixture and on Agilent/HP8753D with Coilcraft SMD-D test fixture. 5. SRF measured using Agilent/HP8720D network analyzer and Coilcraft SMD-D test fixture. 6. DCR measured on Cambridge Technology micro-ohmmeter and Coilcraft CCF858 test fixture. 7. For 15 C rise. 8. Operating temperature range -40 C to +125 C. 9. Electrical specifications at 25 C. 10. For environmental data, see "Product Specifications" page (Doc. 121).
Specifications subject to change without notice. Document 100-1 Revised 3/7/02
Document 100-2
www..com
0805CS Series (2012)
TYPICAL Q vs FREQUENCY
100 12 nH 90 39 nH 22 nH 6.8 nH 3.3 nH 80 68 nH 70 120 nH 60
Q
50
270 nH
40
30
20
10
0 10 100 1,000 10,000
Frequency (MHz)
L vs FREQUENCY
1,000
220 nH 100 nH
Inductance (nH)
100
39 nH
15 nH
A B C D E F G H I J Max. Max. Max. Ref. .090 .068 .060 .020 .050 .020 .040 .070 .040 .030 2,29 1,73 1,52 0,51 1,27 0,51 1,02 1,78 1,02 0,76
Parts/reel: 7 2,000; 13 7,500 Tape width: 8 mm For packaging data, see "Tape and Reel Specifications" (Document 173).
10
3.3 nH
1 10 100 1,000
Frequency (MHz)
Specifications subject to change without notice. Document 100-2 Revised 6/27/01


▲Up To Search▲   

 
Price & Availability of 0805CS-060XJBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X