Part Number Hot Search : 
2SC393 4LS04 2SB16 N5610A APW7067 KE82A 2SC4104 10TAE68M
Product Description
Full Text Search
 

To Download V40100P-E345 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 V40100P
New Product
Vishay General Semiconductor
Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.372 V at IF = 5 A
FEATURES * Trench MOS Schottky Technology
TO-247AD (TO-3P)
* Low forward voltage drop, low power losses * High efficiency operation * Low thermal resistance
3
2 1
* Solder Dip 260 C, 40 seconds * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in high frequency inverters, switching power supplies, freewheeling diodes, Oring diode, dc-to-dc converters and reverse battery protection.
PIN 1 PIN 3
PIN 2 CASE
MAJOR RATINGS AND CHARACTERISTICS
IF(AV) VRRM IFSM VF at IF = 20 A TJ max. 2 x 20 A 100 V 300 A 0.60 V 150 C
MECHANICAL DATA Case: TO-247AD (TO-3P) Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D E3 suffix for commercial grade Polarity: As marked Mounting Torque: 10 in-lbs Maximum
MAXIMUM RATINGS (TA = 25 C unless otherwise noted)
PARAMETER Maximum repetitive peak reverse voltage Maximum average forward rectified current (see Fig. 1) Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load Peak repetitive reverse current per leg at tp = 2 s, 1 kHz Voltage rate of change (rated VR) Operating junction and storage temperature range per device per leg per leg SYMBOL VRRM IF(AV) IFSM IRRM dv/dt TJ, TSTG V40100P 100 40 20 300 1.0 10000 - 20 to + 150 UNIT V A A A V C
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Breakdown voltage TEST CONDITIONS at IR = 1.0 mA at IF = 5 A IF = 10 A IF = 20 A at IF = 5 A IF = 10 A IF = 20 A TJ = 25 C TJ = 25 C VF TJ = 125 C SYMBOL V(BR) TYP. 100 (minimum) 0.461 0.525 0.652 0.372 0.443 0.595 MAX. 0.73 V 0.67 UNIT V
Instantaneous forward voltage (1) per leg
Document Number 88939 10-Apr-06
www.vishay.com 1
V40100P
Vishay General Semiconductor
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER TEST CONDITIONS at VR = 70 V Reverse current at rated VRM (1) per leg at VR = 100 V Note: (1) Pulse test: 300 s pulse width, 1 % duty cycle TJ = 25 C TJ = 125 C TJ = 25 C TJ = 125 C SYMBOL TYP. 11.5 8.0 IR 60.6 20.2 MAX. 500 15 1000 45 UNIT A mA A mA
THERMAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
PARAMETER Typical thermal resistance per leg SYMBOL RJC V40100P 1.5 UNIT C/W
ORDERING INFORMATION
PREFERRED P/N V40100P-E3/45 UNIT WEIGHT (g) 6.056 PREFERRED PACKAGE CODE 45 BASE QUANTITY 30/Tube DELIVERY MODE Tube
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
50 300 TJ = TJ max. 8.3 ms Single Half Sine-Wave
Peak Forward Surge Current (A)
0 25 50 75 100 125 150 175
Average Forward Current (A)
40
250 200
30
150 100
20
10
50 0 1 10 100
0
Case Temperature (C)
Number of Cycles at 60 Hz
Figure 1. Forward Current Derating Curve
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current Per Leg
www.vishay.com 2
Document Number 88939 10-Apr-06
V40100P
Vishay General Semiconductor
100
10000 TJ = 150 C TJ = 125 C
Instantaneous Forward Current (A)
10
Junction Capacitance (pF)
TJ = 100 C 1 TJ = 25 C
1000
0.1 0 0.2 0.4 0.6 0.8 1
100 0.1 1 10 100
Instantaneous Forward Voltage (V)
Reverse Voltage (V)
Figure 3. Typical Instantaneous Forward Characteristics Per Leg
Figure 5. Typical Junction Capacitance Per Leg
100
10 TJ = 150 C
10
TJ = 125 C TJ = 100 C
1
Transient Thermal Impedance (C/W)
Instantaneous Reverse Current (mA)
1
0.1 TJ = 25 C 0.01
0.001 10 20 30 40 50 60 70 80 90 100
0.1 0.01
0.1
1
10
100
Percent of Rated Peak Reverse Voltage (%)
t, Pulse Duration (s)
Figure 4. Typical Reverse Characteristics Per Leg
Figure 6. Typical Transient Thermal Impedance Per Leg
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-247AD (TO-3P)
0.245 (6.2) 0.225 (5.7) 0.645 (16.4) 0.625 (15.9) 0.323 (8.2) 0.313 (7.9) 0.203 (5.16) 0.193 (4.90) 0.078 REF (1.98) 10
30 0.170 (4.3) 0.840 (21.3) 0.820 (20.8) 0.142 (3.6) 0.138 (3.5)
10 TYP. BOTH SIDES
1
2
3 0.086 (2.18) 0.076 (1.93) 0.127 (3.22) 0.118 (3.0) 0.108 (2.7)
1 REF. BOTH SIDES
0.160 (4.1) 0.140 (3.5) 0.795 (20.2) 0.775 (19.6)
0.117 (2.97)
0.225 (5.7) 0.205 (5.2)
0.048 (1.22) 0.044 (1.12) PIN 1 PIN 3
0.030 (0.76) 0.020 (0.51) PIN 2 CASE
Document Number 88939 10-Apr-06
www.vishay.com 3
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of V40100P-E345

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X