|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
IC51 Series Specifications Tape Carrier Package/Tape Automated Bonding (TCP/TAB) Part Number (Details) - 324 4 - 1331 - * IC51 Series No. No. of Contact Pins Number of Sides with Contacts Design Number 1,000M min. at 200V DC Insulation Resistance: Dielectric Withstanding Voltage:200V AC for 1 minute 30m max. at 10mA/20mV max. Contact Resistance: Operating Temperature Range: -40C to +170C Materials and Finish Housing: Polyethersulphone (PES), glass-filled Contacts: Beryllium Copper (BeCu) Plating: Gold over Nickel Features i Clamshell socket system for Tape Carrier Example Cross sSection for a 35mm Tape - 0.4mm Pitch - 244 Pins Guide Post Guide Pin Floating Platform Lid Insulator Contact Tail Locator C-46 Test & Burn-In SPECIFICATIONS ARE SUBJECT TO ALTERA TION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER IC51 Series Applicable TAB Sockets TCP / TAB Part Number IC51-1964-1190 IC51-2444-1191 IC51-1884-1327-2 IC51-3244-1333 IC51-3244-1333-2 IC51-3884-1429 IC51-3244-1331 IC51-4364-1334 IC51-3244-1331-2 IC51-5324-1551 IC51-5324-1551-2 IC51-4364-1467 IC51-5484-1468 IC51-8844-1901 Tape Size 35mm 35mm 35mm 35mm 35mm 35mm 48mm 48mm 48mm 48mm 48mm 70mm 70mm 70mm Pitch 0.5 mm 0.4 mm 0.381 mm 0.3 mm 0.3 mm 0.25 mm 0.4 mm 0.3 mm 0.4 mm 0.25 mm 0.25 mm 0.5 mm 0.4 mm 0.5 mm Remarks Matching Carrier is TAB-35032 & TAB-35037 Matching Carrier is TAB-48041 Matching Carrier is TAB-48041 Applicable Carriers Part Number TAB-35006 TAB-35013 TAB-35015 TAB-35016 TAB-35032 TAB-35037 TAB-48017 TAB-48018 TAB-48041 TAB-70022 Tape Size 35mm 35mm 35mm 35mm 35mm 35mm 48mm 48mm 48mm 70mm Window Size 24 mm 25.4 mm 24 mm 24 mm 40 mm 40 mm 32.8 mm 32.8 mm 40 mm 52 mm Super X X X X X X X Wide Carrier Style Hinge Type 1 Pc. Type Hinge Type Sandwich Type Hinge Type 1 Pc. Type Sandwich Type Sandwich Type 1 Pc. Type Sandwich Type X X X SPECIFICATIONS ARE SUBJECT TO ALTERA TION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER Test & Burn-In C-47 Quad Flat Packages |
Price & Availability of TAB-35006 |