Part Number Hot Search : 
88I9422 C5C1C LM148D 258EPS 0150C 12320 SRA2211N PL354
Product Description
Full Text Search
 

To Download T436432B-7SG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 tm
* * * * *
TE CH
T436432B
SDRAM
FEATURES
3.3V power supply Clock cycle time : 5 / 5.5 / 6 / 7 / 8 / 10 ns Internal four banks operation LVTTL compatible with multiplexed address All inputs are sampled at the positive going edge of system clock * Burst Read Single-bit Write operation * DQM for masking * Auto refresh and self refresh * 64ms refresh period (4K cycle) * MRS cycle with address key programs - CAS Latency ( 2 & 3 ) - Burst Length : 1 , 2 , 4 , 8 or full page for Sequential Burst 1 , 2 , 4 or 8 for Interleave Burst * Available package type : - 86 pin 400mil TSOP(II) and Lead free * Operating temperature : - 0 ~ +70 C
2M x 32 SDRAM
512K x 32bit x 4Banks Synchronous DRAM
GRNERAL DESCRIPTION
The T436432B is 67,108,864 bits synchronous high data rate Dynamic RAM organized as 4 x 524,288 words by 32 bits , fabricated with high performance CMOS technology . Synchronous design allows precise cycle control with the use of system clock I/O transactions are possible on every clock cycle . Range of operating frequencies , programmable burst length and programmable latencies allow the same device to be useful for a variety of high bandwidth , high performance memory system applications.
PART NUMBER EXAMPLES
PART NO. CLOCK CYCLE TIME 5ns 5ns 5.5ns 5.5ns 6ns 6ns 7ns 7ns 8ns 8ns 10ns 10ns MAX FREQUENCY PACKAGE TSOP-II Lead free TSOP-II TSOP-II Lead free TSOP-II TSOP-II Lead free TSOP-II TSOP-II Lead free TSOP-II TSOP-II Lead free TSOP-II TSOP-II Lead free TSOP-II OPERATING TEMPERATURE
T436432B-5SG T436432B-5S T436432B-55SG T436432B-55S T436432B-6SG T436432B-6S T436432B-7SG T436432B-7S T436432B-8SG T436432B-8S T436432B-10SG T436432B-10S
200 MHz 200 MHz 183 MHz 183 MHz 166 MHz 166 MHz 143 MHz 143 MHz 125 MHz 125 MHz 100 MHz 100 MHz
0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C 0 ~ +70 C
TM Technology Inc. reserves the right P. 1 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
V
DD
TE CH
T436432B
PIN ARRANGEMENT (TSOP-II Top View)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 86 85 84 83 82 81 80 79 78 77 76 V ss D Q 15 V
SSQ
DQ0 V
DDQ
DQ1 DQ2 V
SSQ
D Q 14 D Q 13 V
DDQ
DQ3 DQ4 V
DDQ
D Q 12 D Q 11 V
SSQ
DQ5 DQ6 V
SSQ
D Q 10 DQ9 V
DDQ
DQ7 N .C V
DD
8 6 P IN T S O P (II) (4 0 0 m il)
75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44
DQ8 N .C V ss DQM1 N .C N .C CLK CKE A9 A8 A7 A6 A5 A4 A3 DQM3 V
SS
DQM0 WE CAS RAS CS N .C BS0 BS1 A 1 0 /A P A0 A1 A2 DQM2 V
DD
N .C D Q 16 V
SSQ
N .C D Q 31 V
DDQ
D Q 17 D Q 18 V
DDQ
D Q 30 D Q 29 V
SSQ
D Q 19 D Q 20 V
SSQ
D Q 28 D Q 27 V
DDQ
D Q 21 D Q 22 V
DDQ
D Q 26 D Q 25 V
SSQ
D Q 23 V
DD
D Q 24 V ss
TM Technology Inc. reserves the right P. 2 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
BLOCK DIAGRAM
I/O Control
Bank Select
D ata Input R egister
512K x 32 512K x 32 512K x 32 512K x 32
Row Decoder
Row Buffeer Refresh Counter
Sense AM P
Output Buffer
DQ
Address Register
A DD
C olum n D ecoder
Tim ing Register
Col. Buffer
Latency & Burst Length
Program m ing R egister
C LK
C KE
CS
R AS
C AS
WE
D QM
TM Technology Inc. reserves the right P. 3 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
PIN CLK
TE CH
T436432B
PIN DESCRIPTION
NAME System Clock Chip Select INPUT FUNCTION
Active on the positive going edge to sample all input. Disables or enables device operation by masking or enabling all input except CLK,CKE and DQM Masks system clock to freeze operation from the next clock cycle.
CS
CKE
Clock Enable
CKE should be enabled at least one cycle prior to new command. Disable input buffers for power down in standby. Row/column addresses are multiplexed on the same pins.
A0 ~ A10/AP
Address
Row address : RA0 ~ RA10,column address : CA0 ~ CA7 Auot-precharge flag : A10/AP
BS0~1
Bank Select Address
Selects bank to be activated during row address latch time. Select bank for read/write during column address latch time. Latches row addresses on the positive going edge of the CLK
RAS
Row Address Strobe with RAS low.
Enables row access & precharge. Latches column addresses on the positive going edge of the CLK
CAS
Column Address Strobe with CAS low.
Enables column access . Enables write operation and row precharge. Latches data in starting from CAS , WE active. Makes data output Hi-Z, tSHZ after the clock and masks the output. Blocks data input when DQM active. Data inputs/outputs are multiplexed on the same pins.
WE DQM0~3 DQ0 ~ DQ31 VDD/VSS VDDQ/VSSQ N.C
Write Enable Data Input/Output Mask Data Input/Output Data Output Power/Ground No Connection
Power Supply/Ground Power and ground for the input buffers and the core logic.
Isolated power supply and ground for the output buffers to provide improved noise immunity. No Connection.
TM Technology Inc. reserves the right P. 4 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
BankActivate BankPrecharge PrechargeAll Write
TE CH
T436432B
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table 2 shows the truth table for the operation commands. Table 2. Truth Table (Note (1), (2) ) Command State Idle(3) Any Any Active(3) Active(3) Active(3) Active(3) Idle Any Active(4) Any Idle Idle Idle
(SelfRefresh)
CKEn-1 CKEn DQM(6) BS0,1 H H H H H H H H H H H H H L H H L L H X X X X X X X X X X X H L H L L H H X X X X X X X X X X X X X X X X X X X L X X X X X X X X X X X V V X V V V V
A10 L H L H L H
A9-0 X X
Column address (A0 ~ A7) Column address (A0 ~ A7)
CS# RAS# CAS# WE# L L L L L L L L L L L H H H H L H H X L L X H X X H X X H X X H H H L L L L L H H X L L X H X X H X X H X X H L L L L H H L H L X H H X H X X H X X H X X
Row address
Write and AutoPrecharge Read Read and Autoprecharge Mode Register Set No-Operation Burst Stop Device Deselect AutoRefresh SelfRefresh Entry SelfRefresh Exit
OP code X X X X X X X X X X X X X X X X X X X X X X
L L H L L H L X H L X H L X
Clock Suspend Mode Entry Power Down Mode Entry
Active Any(5) Active Any
(PowerDown)
Clock Suspend Mode Exit Power Down Mode Exit
Data Write/Output Enable Data Mask/Output Disable
Active
Note:
Active H X H X X X X 1. V = Valid, X = Don't care, L = Logic low, H = Logic high 2. CKEn signal is input level when commands are provided. CKEn-1 signal is input level one clock cycle before the commands are provided. 3. These are states of bank designated by BS signal. 4. Device state is 1, 2, 4, 8, and full page burst operation. 5. Power Down Mode can not enter in the burst operation. When this command is asserted in the burst cycle, device state is clock suspend mode. 6. DQM0-3
TM Technology Inc. reserves the right P. 5 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
1
TE CH
T436432B
Commands
BankActivate (RAS# = "L", CAS# = "H", WE# = "H", BS = Bank, A0-A10 = Row Address) The BankActivate command activates the idle bank designated by the BS0,1 (Bank Select) signal. By latching the row address on A0 to A10 at the time of this command, the selected row access is initiated. The read or write operation in the same bank can occur after a time delay of tRCD(min.) from the time of bank activation. A subsequent BankActivate command to a different row in the same bank can only be issued after the previous active row has been precharged (refer to the following figure). The minimum time interval between successive BankActivate commands to the same bank is defined by tRC(min.). The SDRAM has four internal banks on the same chip and shares part of the internal circuitry to reduce chip area; therefore it restricts the back-to-back activation of the four banks. tRRD(min.) specifies the minimum time required between activating different banks. After this command is used, the Write command and the Block Write command perform the no mask write operation.
T0 CLK Bank A Row Addr. RAS# - CAS# delay (tRCD) COMM AND Bank A Activate NOP NOP
R/W A with AutoPrecharge
T1
T2
T3 .............. Bank A Col Addr. ..............
Tn+3
Tn+4
Tn+5
Tn+6
ADDRESS
Bank B Row Addr. RAS# - RAS# delay time (tRRD)
Bank A Row Addr.
..............
Bank B Activate
NOP
NOP
Bank A Activate
RAS# Cycle time (tRC) AutoPrecharge Begin
: "H" or "L" BankActivate Command Cycle (Burst Length = n, CAS# Latency = 3) 2 BankPrecharge command (RAS# = "L", CAS# = "H", WE# = "L", BS = Bank, A10 = "L", A0-A9 = Don't care) The BankPrecharge command precharges the bank disignated by BS0,1 signal. The precharged bank is switched from the active state to the idle state. This command can be asserted anytime after tRAS(min.) is satisfied from the BankActivate command in the desired bank. The maximum time any bank can be active is specified by tRAS(max.). Therefore, the precharge function must be performed in any active bank within tRAS(max.). At the end of precharge, the precharged bank is still in the idle state and is ready to be activated again. PrechargeAll command (RAS# = "L", CAS# = "H", WE# = "L", BS = Don't care, A10 = "H", A0-A9 = Don't care) The PrechargeAll command precharges all the four banks simultaneously and can be issued even if all banks are not in the active state. All banks are then switched to the idle state. Read command (RAS# = "H", CAS# = "L", WE# = "H", BS = Bank, A10 = "L", A0-A7 = Column Address) The Read command is used to read a burst of data on consecutive clock cycles from an active row in an active bank. The bank must be active for at least tRCD(min.) before the Read command is issued. During read bursts, the valid data-out element from the starting column address will be available following the CAS# latency after the issue of the Read command. Each subsequent data-out element will be valid by the next positive clock edge (refer to the following figure). The DQs go into high-impedance at the end of the burst unless other command is initiated. The burst length, burst sequence, and CAS# latency are determined by the mode register which is already programmed. A full-page burst will continue until terminated (at the end of the page it will wrap to column 0 and continue).
3
4
TM Technology Inc. reserves the right P. 6 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK COMMAND CAS# latency=2 tCK2, DQ's CAS# latency=3 tCK3, DQ's
TE CH
T0 T1 T2 T3 T4 T5 T6 T7
T436432B
T8
READ A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
Burst Read Operation(Burst Length = 4, CAS# Latency = 2, 3) The read data appears on the DQs subject to the values on the DQM inputs two clocks earlier (i.e. DQM latency is two clocks for output buffers). A read burst without the auto precharge function may be interrupted by a subsequent Read or Write command to the same bank or the other active bank before the end of the burst length. It may be interrupted by a BankPrecharge/ PrechargeAll command to the same bank too. The interrupt coming from the Read command can occur on any clock cycle following a previous Read command (refer to the following figure).
T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK COMMAND
READ A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
NOP
CAS# latency=2 tCK2, DQ's CAS# latency=3 tCK3, DQ's
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT B3
DOUT A0
DOUT B0
DOUT B1
DOUT B2
DOUT B3
Read Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3) The DQM inputs are used to avoid I/O contention on the DQ pins when the interrupt comes from a Write command. The DQMs must be asserted (HIGH) at least two clocks prior to the Write command to suppress data-out on the DQ pins. To guarantee the DQ pins against I/O contention, a single cycle with high-impedance on the DQ pins must occur between the last read data and the Write command (refer to the following three figures). If the data output of the burst read occurs at the second clock of the burst write, the DQMs must be asserted (HIGH) at least one clock prior to the Write command to avoid internal bus contention.
TM Technology Inc. reserves the right P. 7 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK DQM COMMAND
TE CH
T0 T1 T2 T3 T4 T5 T6 T7
T436432B
T8
NOP
READ A
NOP
NOP
NOP
NOP
WRITE B
NOP
NOP
DQ's
DOUT A0 Must be Hi-Z before the Write Command
DINB 0
DINB1
DINB 2
: "H" or "L" Read to Write Interval (Burst Length * 4, CAS# Latency = 3)
T0 CLK
T1
T2
T3
T4
T5
T6
T7
T8
1 Clk Interval DQM
COMMAND
NOP
NOP
BANKA ACTIVATE
NOP
READ A
WRITE A
NOP
NOP
NOP
CAS# latency=2 tCK2, DQ's
DIN A0
DIN A1
DIN A2
DIN A3
: "H" or "L" Read to Write Interval (Burst Length 4, CAS# Latency = 2)
T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK DQM
COMMAND CAS# latency=2 tCK2, DQ's
NOP
NOP
READ A
NOP
NOP
WRITE B
NOP
NOP
NOP
DIN B0
DIN B1
DIN B2
DIN B3
: "H" or "L" Read to Write Interval (Burst Length 4, CAS# Latency = 2) A read burst without the auto precharge function may be interrupted by a BankPrecharge/ PrechargeAll command to the same bank. The following figure shows the optimum time that BankPrecharge/ PrechargeAll command is issued in different CAS# latency.
TM Technology Inc. reserves the right P. 8 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK ADDRESS COMMAND
TE CH
T0 T1 T2 T3 T4 T5 T6 T7
T436432B
T8
Bank, Col A
Bank(s)
Bank, Row
tRP
READ A NOP NOP NOP Precharge NOP NOP Activate NOP
CAS# latency=2 tCK2, DQ's CAS# latency=3 tCK3, DQ's
DOUT A0
DOUT A1
DOUT A2
DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
Read to Precharge (CAS# Latency = 2, 3) 5 Read and AutoPrecharge command (RAS# = "H", CAS# = "L", WE# = "H", BS = Bank, A10 = "H", A0-A7 = Column Address) The Read and AutoPrecharge command automatically performs the precharge operation after the read operation. Once this command is given, any subsequent command cannot occur within a time delay of {tRP(min.) + burst length}. At full-page burst, only the read operation is performed in this command and the auto precharge function is ignored. Write command (RAS# = "H", CAS# = "L", WE# = "L", BS = Bank, A10 = "L", A0-A7 = Column Address) The Write command is used to write a burst of data on consecutive clock cycles from an active row in an active bank. The bank must be active for at least tRCD(min.) before the Write command is issued. During write bursts, the first valid data-in element will be registered coincident with the Write command. Subsequent data elements will be registered on each successive positive clock edge (refer to the following figure). The DQs remain with high-impedance at the end of the burst unless another command is initiated. The burst length and burst sequence are determined by the mode register, which is already programmed. A full-page burst will continue until terminated (at the end of the page it will wrap to column 0 and continue).
T0 CLK T1 T2 T3 T4 T5 T6 T7 T8
6
COM MAND
NOP
WRITE A
NOP
NOP
NOP
NOP
NOP
NOP
NOP
DQ0 - DQ3
DIN A0
DIN A1
DIN A2
DIN A3
don't care
The first data element and the write are registered on the same clock edge.
Extra data is masked.
Burst Write Operation (Burst Length = 4, CAS# Latency = 1, 2, 3) A write burst without the AutoPrecharge function may be interrupted by a subsequent Write, BankPrecharge/PrechargeAll, or Read command before the end of the burst length. An interrupt coming from Write command can occur on any clock cycle following the previous Write command (refer to the following figure).
TM Technology Inc. reserves the right P. 9 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK COM M AND DQ's
TE CH
T0 T1 T2 T3 T4 T5 T6 T7
T436432B
T8
NOP
WRITE A
WRITE B
NOP
NOP
NOP
NOP
NOP
NOP
1 Clk Interval DIN A0 DIN B0 DIN B 1 DIN B2 DIN B3
Write Interrupted by a Write (Burst Length = 4, CAS# Latency = 1, 2, 3) The Read command that interrupts a write burst without auto precharge function should be issued one cycle after the clock edge in which the last data-in element is registered. In order to avoid data contention, input data must be removed from the DQs at least one clock cycle before the first read data appears on the outputs (refer to the following figure). Once the Read command is registered, the data inputs will be ignored and writes will not be executed.
T0 CL K T1 T2 T3 T4 T5 T6 T7 T8
COM MA ND
NOP
WRITE A
READ B
NOP
NOP
NOP
NOP
NOP
NOP
CAS# latency=2 tCK2 , DQ's CAS# latency=3 tCK3 , DQ's
DIN A 0
don't care
DOUT B 0
DOUT B 1
DOUT B 2
DOUT B 3
DIN A 0
don't care
don't care
DOUT B 0
DOUT B 1
DOUT B 2
DOUT B 3
Input data for the write is masked.
Input data must be removed from the DQ's at least one clock cycle before the Read data appears on the outputs to avoid data contention.
Write Interrupted by a Read (Burst Length = 4, CAS# Latency = 2, 3) The BankPrecharge/PrechargeAll command that interrupts a write burst without the auto precharge function should be issued m cycles after the clock edge in which the last data-in element is registered, where m equals tWR/tCK rounded up to the next whole number. In addition, the DQM signals must be used to mask input data, starting with the clock edge following the last data-in element and ending with the clock edge on which the BankPrecharge/PrechargeAll command is entered (refer to the following figure).
T0 CLK T1 T2 T3 T4 T5 T6
D QM tRP C OM M A ND WRITE NOP Precharge NOP NOP Activate NOP
ADDRESS
BA NK COL n DIN n DI N n+ 1
BANK (S) tWR
ROW
DQ
: don't care Note: The DQMs can remain low in this example if the length of the write burst is 1 or 2. Write to Precharge
TM Technology Inc. reserves the right P. 10 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
7
CLK COMMAND
TE CH
T436432B
Write and AutoPrecharge command (refer to the following figure) (RAS# = "H", CAS# = "L", WE# = "L", BS = Bank, A10 = "H", A0-A7 = Column Address) The Write and AutoPrecharge command performs the precharge operation automatically after the write operation. Once this command is given, any subsequent command can not occur within a time delay of {(burst length -1) + tWR + tRP(min.)}. At full-page burst, only the write operation is performed in this command and the auto precharge function is ignored.
T0 T1 T2 T3 T4 T5 T6 T7 T8
Bank A Activate
NOP
NOP
AutoPrecharge
Write A
NOP
NOP
NOP
NOP
NOP
tDAL
CAS# latency=2 tCK2, DQ's CAS# latency=3 tCK3, DQ's DIN A0 DIN A1
*
tDAL
DIN A0
DIN A1
tDAL= tWR + tRP
* *
Begin AutoPrecharge Bank can be reactivated at completion of tDAL
Burst Write with Auto-Precharge (Burst Length = 2, CAS# Latency = 2, 3) 8 Mode Register Set command (RAS# = "L", CAS# = "L", WE# = "L", BS0,1 and A10-A0 = Register Data) The mode register stores the data for controlling the various operating modes of SDRAM. The Mode Register Set command programs the values of CAS# latency, Addressing Mode and Burst Length in the Mode register to make SDRAM useful for a variety of different applications. The default values of the Mode Register after power-up are undefined; therefore this command must be issued at the power-up sequence. The state of pins BS0,1 and A10~A0 in the same cycle is the data written to the mode register. One clock cycle is required to complete the write in the mode register (refer to the following figure). The contents of the mode register can be changed using the same command and the clock cycle requirements during operation as long as all banks are in the idle state.
TM Technology Inc. reserves the right P. 11 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK CKE CS#
TE CH
T0 T1 T2 T3 T4 T5 T6 T7 T8 T9
T436432B
T10
tCK2 Clock min.
RAS#
CAS#
WE# Address Key ADDR.
DQM
tRP
DQ Hi-Z
PrechargeAll
Mode Register Set Command
Any Command
Mode Register Set Cycle (CAS# Latency = 2, 3) The mode register is divided into various fields depending on functionality. Address BS0,1 A10/AP RFU* A9 WBL A8 A7 A6 A5 A4 A3 BT A2 A1 Burst Length A0
Function RFU*
Test Mode
CAS Latency
*Note: RFU (Reserved for future use) should stay "0" during MRS cycle. * Burst Length Field (A2~A0) This field specifies the data length of column access using the A2~A0 pins and selects the Burst Length to be 2, 4, 8, or full page. A2 0 0 0 0 1 1 1 1 A1 0 0 1 1 0 0 1 1 A0 0 1 0 1 0 1 0 1 Burst Length 1 2 4 8 Reserved Reserved Reserved Full Page
TM Technology Inc. reserves the right P. 12 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
* Burst Type Field (A3) The Burst Type can be one of two modes, Interleave Mode or Sequential Mode. A3 0 1 Burst Type Sequential Interleave
--- Addressing Sequence of Sequential Mode An internal column address is performed by increasing the address from the column address which is input to the device. The internal column address is varied by the Burst Length as shown in the following table. When the value of column address, (n + m), in the table is larger than 255, only the least significant 8 bits are effective. Data n Column Address 0
n
1
n+1
2
n+2
3
n+3
4
n+4
5
n+5
6
n+6
7
n+7
-
255
N+255
256
n
257
n+1
-
2 words: Burst Length 4 words: 8 words: Full Page: Column address is repeated until terminated. --- Addressing Sequence of Interleave Mode A column access is started in the input column address and is performed by inverting the address bits in the sequence shown in the following table. Data n Data 0 Data 1 Data 2 Data 3 Data 4 Data 5 Data 6 Data 7 A7 A7 A7 A7 A7 A7 A7 A7 A6 A6 A6 A6 A6 A6 A6 A6 A5 A5 A5 A5 A5 A5 A5 A5 A4 A4 A4 A4 A4 A4 A4 A4 Column Address A3 A3 A3 A3 A3 A3 A3 A3 A2 A2 A2 A2 A2# A2# A2# A2# A1 A1 A1# A1# A1 A1 A1# A1# A0 A0# A0 A0# A0 A0# A0 A0# 8 words 4 words Burst Length
* CAS# Latency Field (A6~A4) This field specifies the number of clock cycles from the assertion of the Read command to the first read data. The minimum whole value of CAS# Latency depends on the frequency of CLK. The minimum whole value satisfying the following formula must be programmed into this field. tCAC(min) CAS# Latency X tCK A6 0 0 0 0 1 A5 0 0 1 1 X A4 0 1 0 1 X CAS# Latency Reserved Reserved 2 clocks 3 clocks Reserved
TM Technology Inc. reserves the right P. 13 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
* Test Mode field (A8~A7) These two bits are used to enter the test mode and must be programmed to "00" in normal operation. A8 0 0 1 A7 0 1 X Test Mode normal mode Vendor Use Only Vendor Use Only
* Write Burst Length (A9) This bit is used to select the burst write length. A9 0 1 9 Write Burst Length Burst Single Bit
No-Operation command (RAS# = "H", CAS# = "H", WE# = "H") The No-Operation command is used to perform a NOP to the SDRAM which is selected (CS# is Low). This prevents unwanted commands from being registered during idle or wait states.
10
Burst Stop command (RAS# = "H", CAS# = "H", WE# = "L") The Burst Stop command is used to terminate either fixed-length or full-page bursts. This command is only effective in a read/write burst without the auto precharge function. The terminated read burst ends after a delay equal to the CAS# latency (refer to the following figure). The termination of a write burst is shown in the following figure.
T0 T1 T2 T3 T4 T5 T6 T7 T8
CLK
COMMAND
READ A
NOP
NOP
NOP
Burst Stop
NOP
NOP
NOP
NOP
The burst ends after a delay equal to the CAS# latency. CAS# latency=2 tCK2, DQ's CAS# latency=3 tCK3, DQ's DOUT A0 DOUT A1 DOUT A2 DOUT A3
DOUT A0
DOUT A1
DOUT A2
DOUT A3
Termination of a Burst Read Operation (Burst Length * 4, CAS# Latency = 2, 3)
T0 CLK
T1
T2
T3
T4
T5
T6
T7
T8
COMMAND
NOP
WRITE A
NOP
NOP
Burst Stop
NOP
NOP
NOP
NOP
CAS# latency= 2, 3 DQ's
DIN A0
DIN A1
DIN A2
don't care
Input data for the Write is masked.
Termination of a Burst Write Operation (Burst Length = X, CAS# Latency = 1, 2, 3)
TM Technology Inc. reserves the right P. 14 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
11 12
TE CH
T436432B
Device Deselect command (CS# = "H") The Device Deselect command disables the command decoder so that the RAS#, CAS#, WE# and Address inputs are ignored, regardless of whether the CLK is enabled. This command is similar to the No Operation command. AutoRefresh command (RAS# = "L", CAS# = "L", WE# = "H",CKE = "H", BS0,1 = "Don`t care, A0-A10 = Don't care) The AutoRefresh command is used during normal operation of the SDRAM and is analogous to CAS#before-RAS# (CBR) Refresh in conventional DRAMs. This command is non-persistent, so it must be issued each time a refresh is required. The addressing is generated by the internal refresh controller. This makes the address bits a "don't care" during an AutoRefresh command. The internal refresh counter increments automatically on every auto refresh cycle to all of the rows. The refresh operation must be performed 4096 times within 64ms. The time required to complete the auto refresh operation is specified by tRC(min.). To provide the AutoRefresh command, all banks need to be in the idle state and the device must not be in power down mode (CKE is high in the previous cycle). This command must be followed by NOPs until the auto refresh operation is completed. The precharge time requirement, tRP(min), must be met before successive auto refresh operations are performed. SelfRefresh Entry command (RAS# = "L", CAS# = "L", WE# = "H", CKE = "L", A0-A10 = Don't care) The SelfRefresh is another refresh mode available in the SDRAM. It is the preferred refresh mode for data retention and low power operation. Once the SelfRefresh command is registered, all the inputs to the SDRAM become "don't care" with the exception of CKE, which must remain LOW. The refresh addressing and timing is internally generated to reduce power consumption. The SDRAM may remain in SelfRefresh mode for an indefinite period. The SelfRefresh mode is exited by restarting the external clock and then asserting HIGH on CKE (SelfRefresh Exit command). SelfRefresh Exit command (CKE = "H", CS# = "H" or CKE = "H", RAS# = "H", CAS# = "H", WE# = "H") This command is used to exit from the SelfRefresh mode. Once this command is registered, NOP or Device Deselect commands must be issued for tRC(min.) because time is required for the completion of any bank currently being internally refreshed. If auto refresh cycles in bursts are performed during normal operation, a burst of 4096 auto refresh cycles should be completed just prior to entering and just after exiting the SelfRefresh mode.
13
14
15
Clock Suspend Mode Entry / PowerDown Mode Entry command (CKE = "L") When the SDRAM is operating the burst cycle, the internal CLK is suspended(masked) from the subsequent cycle by issuing this command (asserting CKE "LOW"). The device operation is held intact while CLK is suspended. On the other hand, when all banks are in the idle state, this command performs entry into the PowerDown mode. All input and output buffers (except the CKE buffer) are turned off in the PowerDown mode. The device may not remain in the Clock Suspend or PowerDown state longer than the refresh period (64ms) since the command does not perform any refresh operations. Clock Suspend Mode Exit / PowerDown Mode Exit command When the internal CLK has been suspended, the operation of the internal CLK is reinitiated from the subsequent cycle by providing this command (asserting CKE "HIGH"). When the device is in the PowerDown mode, the device exits this mode and all disabled buffers are turned on to the active state. tPDE(min.) is required when the device exits from the PowerDown mode. Any subsequent commands can be issued after one clock cycle from the end of this command. Data Write / Output Enable, Data Mask / Output Disable command (DQM = "L", "H") During a write cycle, the DQM signal functions as a Data Mask and can control every word of the input data. During a read cycle, the DQM functions as the controller of output buffers. DQM is also used for device selection, byte selection and bus control in a memory system.
16
17
TM Technology Inc. reserves the right P. 15 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
Symbol VIN, VOUT VDD, VDDQ TOPR TSTG TSOLDER PD IOUT
TE CH
T436432B
Absolute Maximum Rating
Item Input, Output Voltage Power Supply Voltage Operating Temperature Storage Temperature Soldering Temperature (10s) Power Dissipation Short Circuit Output Current 240 1 50
Leaded Package Lead Free Package
Unit V V C C
Note 1 1 1 1 1 1 1
-1~4.6 - 1~4.6 0~70 - 55~150 260
C W mA
Recommended D.C. Operating Conditions (Ta = 0~70C)
Symbol VDD VDDQ VIH VIL Parameter Power Supply Voltage Power Supply Voltage(for I/O Buffer) LVTTL Input High Voltage LVTTL Input Low Voltage Min. 3.0 3.0 2.0 - 0.3 Typ. 3.3 3.3 Max. 3.6 3.6 VDDQ + 0.3 0.8 Unit V V V V Note 2 2 2 2
Capacitance (VDD = 3.3V, f = 1MHz, Ta = 25C)
Symbol CI CI/O Parameter Input Capacitance Input/Output Capacitance Min. Max. 4.5 6.5 Unit pF pF
Note: These parameters are periodically sampled and are not 100%
TM Technology Inc. reserves the right P. 16 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Recommended D.C. Operating Conditions (VDD = 3.3V 0.3V, Ta = 0~70C)
Description/Test condition Operating Current 1 bank tRC tRC(min), Outputs Open, Input operation signal one transition per one cycle Precharge Standby Current in power down mode tCK = 15ns, CKE VIL(max) Precharge Standby Current in power down mode tCK = , CKE VIL(max) Precharge Standby Current in non-power down mode tCK = 15ns, CS# VIH(min), CKE VIH Input signals are changed once during 30ns. Precharge Standby Current in non-power down mode tCK = , CLK VIL(max), CKE VIH Active Standby Current in power down mode CKE VIL(max), tCK = 15ns Active Standby Current in power down mode CKE & CLK VIL(max), tCK = Active Standby Current in non-power down mode CKE VIH(min), CS# VIH(min), tCK = 15ns Active Standby Current in non-power down mode CKE VIH(min), CLK VIL(max), tCK = Operating Current (Burst mode) tCK =tCK(min), Outputs Open, Multi-bank interleave Refresh Current tRC TrC(min) Self Refresh Current CKE 0.2V Symbol ICC1
- 5/5.5/6/7/8/10 Max.
Unit
Note
200/190/180/155/135/120
3
ICC2P ICC2PS ICC2N ICC2NS ICC3P ICC3PS ICC3N ICC3NS ICC4 ICC5 ICC6
3 3 25 15 5 5 40 30 225/215//200/180/150/130 260/240/220/210/190/180 2 mA
3
3
3 3
3, 4 3
Parameter IIL VOH VOL
Description Input Leakage Current ( 0V*VIN*VDD, All other pins not under test = 0V ) LVTTL Output "H" Level Voltage ( IOUT = -2mA ) LVTTL Output "L" Level Voltage ( IOUT = 2mA )
Min. - 1.5 2.4 -
Max. 1.5 0.4
Unit uA V V
Note
TM Technology Inc. reserves the right P. 17 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
Symbol
TE CH
T436432B
Electrical Characteristics and Recommended A.C. Operating Conditions
(VDD = 3.3V 0.3V, Ta = 0~70C) (Note: 5, 6, 7, 8)
- 5/5.5/6/7/8/10 A.C. Parameter Min. Max. Unit Note
tRC tRRD tRCD tRP tRAS tCK2 tCK3 tAC2 tAC3 tOH tCH tCL tIS tIH tLZ tHZ2 tHZ3 tWR tCCD tMRS
Row cycle time (same bank) Row activate to row activate delay (different banks) RAS# to CAS# delay (same bank) Precharge to refresh/row activate command (same bank) Row activate to precharge time (same bank) Clock cycle time CL* = 2 CL* = 3 Access time from CLK (positive edge) Data output hold time Clock high time Clock low time Data/Address/Control Input set-up time Data/Address/Control Input hold time Data output low impedance Data output high impedance Write recovery time CAS# to CAS# Delay time Mode Register Set cycle time CL* = 2 CL* = 3 CL* = 2 CL* = 3
55/55/60/70/80/100 10/11/12/14/16/20 18/18/18/21/24/30 15/16.5/18/21/24/30 35/38.5/42/49/56/70 -/-/10/10/ - / 5/5.5/6/7/8/10 -/-/6/6/-/4.5/5/5.5/5.5/6/6 2/2/2/2.5/2.5/2.5 2/2/2.5/3/3/3.5 2/2/2.5/3/3/3.5 1.5/1.5/1.5/1.75/2/2.5 1 1 -/-/6/6/-/4.5/5/5.5/5.5/6/6 2 2/1/1/1/1/1 2 CLK ns 100,000
9 9 9 9 9
9
9 10 10 10 10 9 8
* CL is CAS# Latency. Note: 1. Stress greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. 2. All voltages are referenced to VSS. VIL(Max) = VDDQ+1.0V for pulse width < 2ns. VIL(Min) = -1.0V for pulse width < 2.0ns 3. These parameters depend on the cycle rate and these values are measured by the cycle rate under the minimum value of tCK and tRC. Input signals are changed one time during tCK. 4. These parameters depend on the output loading. Specified values are obtained with the output open. 5. Power-up sequence is described in Note 11.
TM Technology Inc. reserves the right P. 18 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
6. A.C. Test Conditions
LVTTL Interface
Reference Level of Output Signals Output Load Input Signal Levels Transition Time (Rise and Fall) of Input Signals Reference Level of Input Signals
3.3V 1.2k
1.4V / 1.4V Reference to the Under Output Load (B) 2.4V / 0.4V 1ns 1.4V
1.4V 50
Z0= 5 0
Output 30pF 870
Output 30pF
LVTTL D.C. Test Load (A) LVTTL A.C. Test Load (B) 7. Transition times are measured between VIH and VIL. Transition(rise and fall) of input signals are in a fixed slope (1 ns). 8. tHZ defines the time in which the outputs achieve the open circuit condition and are not at reference levels. 9. If clock rising time is longer than 1 ns, ( tR / 2 -0.5) ns should be added to the parameter. 10. Assumed input rise and fall time tT ( tR & tF ) = 1 ns If tR or tF is longer than 1 ns, transient time compensation should be considered, i.e., [(tr + tf)/2 - 1] ns should be added to the parameter. 11. Power up Sequence Power up must be performed in the following sequence. 1) Power must be applied to VDD and VDDQ(simultaneously) when all input signals are held "NOP" state and both CKE = "H" and DQM = "H." The CLK signals must be started at the same time. 2) After power-up, a pause of 200 seconds minimum is required. Then, it is recommended that DQM is held "HIGH" (VDD levels) to ensure DQ output is in high impedance. 3) All banks must be precharged. 4) Mode Register Set command must be asserted to initialize the Mode register. 5) A minimum of 2 Auto-Refresh dummy cycles must be required to stabilize the internal circuitry of the device.
TM Technology Inc. reserves the right P. 19 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Timing Waveforms
Figure 1. AC Parameters for Write Timing (Burst Length=4, CAS# Latency=2)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCH
CKE
tCL tIS tIS tIH
tCK2
Begin AutoPrecharge Bank A Begin AutoPrecharge Bank B
tIS
CS#
RAS#
CAS#
WE#
BS0,1
tIS
ADDR.
RBx
tIH
CAx RBx CBx RAy CAy RAz RBy
DQM
tRCD
Hi-Z
tRC
Ax0 Ax1 Ax2 Ax3
tDAL
Bx0 Bx1 Bx2
tIS
Bx3 Ay0
tIH
Ay1 Ay2
tWR tRP
Ay3
tRRD
DQ
Activate Write with Activate Write with Activate Command AutoPrecharge Command AutoPrecharge Command Bank A Command Bank B Command Bank A Bank A Bank B
Write Command Bank A
Precharge Activate Command Command Bank A Bank A
Activate Command Bank B
TM Technology Inc. reserves the right P. 20 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 2. AC Parameters for Read Timing (Burst Length=2, CAS# Latency=2)
T0
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T 11
T12
T13
tCH tCL
CKE
tCK2 tIS
Begin AutoPrecharge Bank B
tIS
CS# RAS#
tIH
tIH
CAS#
WE#
BS0,1
tIH
A10
RAx RBx RAy
tIS
A0-A11
RAx CAx RBx CBx RAy
tRRD tRAS
DQM Hi-Z DQ
tRC tRCD tAC2 tLZ tAC2
Ax0
tHZ
Ax1 Bx0
tRP
Bx1
tOH
Activate Command Bank A Read Command Bank A Activate Command Bank B Read with Auto Precharge Command Bank B Precharge Command Bank A
tHZ
Activate Command Bank A
TM Technology Inc. reserves the right P. 21 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 3. Auto Refresh (CBR) (Burst Length=4, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0-A9
RAx
CAx
DQM
tRP
tRC
tRC
DQ
Read Command Bank A
Ax0 Ax1
Ax2 Ax3
PrechargeAll Command
AutoRefresh Command
AutoRefresh Command
Activate Command Bank A
TM Technology Inc. reserves the right P. 22 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 4. Power on Sequence and Auto Refresh (CBR)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High level is reauired Minimum of 2 Refresh Cycles are required
CS#
RAS#
CAS#
WE#
BS0,1
A10
Address Key
A0-A9
DQM
tRP
DQ Hi-Z
tRC
PrechargeALL Command Inputs must be stable for 200 s
1st AutoRefresh Command Mode Register Set Command
2nd Auto Refresh Command
Any Command
TM Technology Inc. reserves the right P. 23 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
T0
TE CH
T436432B
Figure 5. Self Refresh Entry & Exit Cycle
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
T14
T15
T16
T17
T18
T19
CLK
*Note 2 *Note 1 *Note 4 *Note 3 *Note 5 *Note 6
tRC(min) tSRX
*Note 7
CKE
tPDE
tIS
CS#
RAS#
*Note 8 *Note 8
CAS#
BS0,1
A0-A9
WE#
DQM
DQ
Hi-Z
Hi-Z
Self Refresh Enter
SelfRefresh Exit
AutoRefresh
Note: To Enter SelfRefresh Mode 1. CS#, RAS# & CAS# with CKE should be low at the same clock cycle. 2. After 1 clock cycle, all the inputs including the system clock can be don't care except for CKE. 3. The device remains in SelfRefresh mode as long as CKE stays "low". 4. Once the device enters SelfRefresh mode, minimum tRAS is required before exit from SelfRefresh. 5. 6. 7. 8. 9. To Exit SelfRefresh Mode System clock restart and be stable before returning CKE high. Enable CKE and CKE should be set high for minimum time of tSRX. CS# starts from high. Minimum tRC is required after CKE going high to complete SelfRefresh exit. 4096 cycles of burst AutoRefresh is required before SelfRefresh entry and after SelfRefresh exit if the uses burst refresh.
system
TM Technology Inc. reserves the right P. 24 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 6.1. Clock Suspension During Burst Read (Using CKE) (Burst Length=4, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T 7
T8
T9
T10 T 11 T1
T13 T14 T15 T16 T17 T1
T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0-A9
RAx
CAx
DQM
tHZ
DQ Hi-Z
Ax3 Ax0 Ax1 Ax2
Activate Command Bank A Read Command Bank A
Clock Suspend 1 Cycle
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
Note: CKE to CLK disable/enable = 1 clock
TM Technology Inc. reserves the right P. 25 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 6.2. Clock Suspension During Burst Read (Using CKE) (Burst Length=4, CAS# Latency=2)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0-A9
RAx
CAx
DQM
tHZ
DQHi-Z
Ax0 Ax1 Ax2 Ax3
Activate Command Bank A
Read Command Bank A
Clock Suspend 1 Cycle
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
Note: CKE to CLK disable/enable = 1 clock
TM Technology Inc. reserves the right P. 26 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 6.3. Clock Suspension During Burst Read (Using CKE) (Burst Length=4, CAS# Latency=3)
T0 CLK
T 1 T 2 T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0-A9
RAx
CAx
DQM
tHZ
DQ Hi-Z
Ax0 Ax1 Ax2 Ax3
Activate Command Bank A
Read Command Bank A
Clock Suspend Clock Suspend 1 Cycle 2 Cycles
Clock Suspend 3 Cycles
Note: CKE to CLK disable/enable = 1 clock
TM Technology Inc. reserves the right P. 27 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 7.1. Clock Suspension During Burst Write (Using CKE) (Burst Length = 4, CAS# Latency = 1)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0-A9
RAx
CAx
DQM
DQ
Hi-Z
DAx0
DAx1
DAx2
DAx3
Activate Clock Suspend Command 1 Cycle Bank A Write Command Bank A
Clock Suspend 2 Cycles
Clock Suspend 3 Cycles
Note: CKE to CLK disable/enable = 1 clock
TM Technology Inc. reserves the right P. 28 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 7.2. Clock Suspension During Burst Write (Using CKE) (Burst Length=4, CAS# Latency=2)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BA0,1
A10
RAx
A0-A9
RAx
CAx
DQM
DQHi-Z
DAx0
DAx1
DAx2
DAx3
Activate Command Bank A
Clock Suspend Clock Suspend 1 Cycle 2 Cycles Write Command Bank A
Clock Suspend 3 Cycles
Note: CKE to CLK disable/enable = 1 clock
TM Technology Inc. reserves the right P. 29 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 7.3. Clock Suspension During Burst Write (Using CKE) (Burst Length=4, CAS# Latency=3)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0-A9
RAx
CAx
DQM DQ Hi-Z
DAx0
DAx1
DAx2
DAx3
Activate Command Bank A
Clock Suspend Clock Suspend 1 Cycle 2 Cycles Write Command Bank A
Clock Suspend 3 Cycles
Note: CKE to CLK disable/enable = 1 clock
TM Technology Inc. reserves the right P. 30 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 8. Power Down Mode and Clock Mask (Burst Length=4, CAS# Latency=2)
T0 T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
tIS
tPDE
Valid
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0~A9
RAx
CAx
DQM
tHZ
Hi-Z DQ
ACTIVE STANDBY Activate Read Command Command Bank A Bank A Power Down Power Down Mode Entry Mode Exit Ax0 Ax1 Ax2 Ax3 PRECHARGE STANDBY
Clock Mask Start
Clock Mask End
Precharge Command Bank A Power Down Mode Entry
Power Down Mode Exit Any Command
TM Technology Inc. reserves the right P. 31 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 9.1. Random Column Read (Page within same Bank) (Burst Length=4, CAS# Latency=1)
T0 CLK T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BA0,1
A10
RAw
RAz
A0~A9
RAw CAw
CAx
CAy
RAz
CAz
DQM
DQHi-Z
Aw0
Aw1 Aw2
Aw3Ax0
Ax1
Ay0
Ay1Ay2
Ay3
Az0
Az1Az2
Az3
Activate Command Bank A Read Command Bank A
Read Command Bank A
Read Command Bank A
Precharge Read Command Command Bank A Bank A Activate Command Bank A
TM Technology Inc. reserves the right P. 32 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 9.2. Random Column Read (Page within same Bank) (Burst Length=4, CAS# Latency=2)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BA0,1
A10
RAw
RAz
A0~A9
RAw
CAw
CAx
CAy
RAz
CAz
DQM
DQHi-Z
Aw0
Aw1 Aw2
Aw3
Ax0
Ax1 Ay0
Ay1
Ay2
Ay3
Az0
Az1
Az2
Az3
Activate Command Bank A
Read Command Bank A
Read Command Bank A
Read Command Bank A
Precharge Activate Command Command Bank A Bank A
Read Command Bank A
TM Technology Inc. reserves the right P. 33 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 9.3. Random Column Read (Page within same Bank) (Burst Length=4, CAS# Latency=3)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAw
RAz
A0~A9
RAw
CAw
CAx
CAy
RAz
CAz
DQM
DQHi-Z
Activate Command Bank A Read Command Bank A
Aw0
Aw1
Aw2
Aw3
Ax0 Ax1
Ay0
Az0 Ay1 Ay2 Ay3
Read Command Bank A
Read Command Bank A
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
TM Technology Inc. reserves the right P. 34 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 10.1. Random Column Write (Page within same Bank) (Burst Length=4, CAS# Latency=1)
T0 CLK T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RBw
RBz
A0~A9
RBw
CBw
CBx
CBy
RBz
CBz
DQM Hi-Z DQ
DBw0DBw1DBw2
DBw3 DBx0
DBx1 DBy0 DBy1
DBy2 DBy3
DBz0 DBz1
DBz2 DBz3
Activate Command Bank A Write Command Bank B
Write Command Bank A
Write Command Bank B
Precharge Command Bank B Activate Command Bank B
Write Command Bank B
TM Technology Inc. reserves the right P. 35 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 10.2. Random Column Write (Page within same Bank) (Burst Length=4, CAS# Latency=2)
T0 CLK T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RBw
RBz
A0~A9
RBw
CBw
CBx
CBy
RBz
CBz
DQM
DQ
Hi-Z
DBw0
DBw1 Bw2 DBw3 DBx0 D
DBy0 DBy1 DBx1
DBy2 DBy3
DBz0
DBz2 DBz3 DBz1
Activate Command Bank A
Write Command Bank B
Write Command Bank B
Write Command Bank B
Precharge Activate Command Command Bank B Bank B
Write Command Bank B
TM Technology Inc. reserves the right P. 36 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 10.3. Random Column Write (Page within same Bank) (Burst Length=4, CAS# Latency=3)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RBw
RBz
A0~A9
RBw
CBw
CBx
CBy
RBz
CBz
DQM
DQ
Hi-Z
DBw0 DBw1DBw2 DBw3 DBx0 DBx1 DBy0 DBy1 DBy2 DBy3
DBz0 DBz1 DBz2
Activate Command Bank A
Write Command Bank B
Write Command Bank B
Write Command Bank B
Precharge Command Bank B
Activate Command Bank B
Write Command Bank B
TM Technology Inc. reserves the right P. 37 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 11.1. Random Row Read (Interleaving Banks) (Burst Length=8, CAS# Latency=1)
T0 CLK T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RBx
RAx
RBy
A0~A9
RBx CBx
RAx
CAx
RBy
CBy
tRCD
DQM DQHi-Z
Bx0 Bx1 Bx2 Bx3 Bx4 Bx5 Bx6 Bx7 Ax0 Ax1 Ax2 Ax3 Ax4 Ax5 Ax6 Ax7 By0 By1 By2
tAC1
tRP
Activate Command Bank B Read Command Bank B
Activate Command Bank A
Precharge Command Bank B Activate Read Command Command Bank B Bank A
Read Command Bank B
Precharge Command Bank A
TM Technology Inc. reserves the right P. 38 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 11.2. Random Row Read (Interleaving Banks) (Burst Length=8, CAS# Latency=2)
T0 CLK T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RBx
RAx
RBy
A0~A9
RBx
CBx
RAx
CAx
RBy
CBy
tRCD
DQM
tAC2
tRP
Hi-Z DQ
Bx0
Bx1
Bx2
Bx3 Bx4
Bx5 Bx6
Bx7
Ax0
Ax1
Ax2 Ax3
Ax4
Ax5
Ax6
Ax7
By0
By1
Activate Command Bank B
Read Command Bank B
Activate Command Bank A
Precharge Command Bank B Read Command Bank A
Activate Command Bank B
Read Command Bank B
TM Technology Inc. reserves the right P. 39 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 11.3. Random Row Read (Interleaving Banks) (Burst Length=8, CAS# Latency=3)
T0 CLK T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
High CKE
CS#
RAS#
CAS#
WE#
BS0,1 A10
RBx
RAx
RBy
A0~A9
RBx
CBx
RAx
CAx
RBy
CBy
tRCD
DQM
tAC3
tRP
Hi-Z DQ
Bx0
Bx1 Bx2
Bx3
Bx4
Bx5
Bx6
Ax7 Bx7 Ax0 Ax1 Ax2 Ax3 Ax4 Ax5 Ax6
By0
Activate Command Bank B
Read Command Bank B
Activate Command Bank A
Read Command Bank A
Precharge Command Bank B
Activate Command Bank B
Read Command Bank B
Precharge Command Bank A
TM Technology Inc. reserves the right P. 40 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 12.1. Random Row Write (Interleaving Banks) (Burst Length=8, CAS# Latency=1)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RAy
A0~A9
RAx
CAx
RBx CBx
RAy
CAy
tRCD
DQM
tRP
tWR
DQ
Hi-Z
DAx0 DAx1 DAx2 DAx3 DAx4 DAx5DAx6 DAx7 DBx0 DBx1 DBx2 DBx3 DBx4 DBx5 DBx6 DBx7 DAy0 DAy1 DAy2 DAy3
Activate Command Bank A Write Command Bank A
Activate Command Bank B Write Command Bank B
Precharge Command Bank A Activate Command Bank A
Precharge Command Bank B
Write Command Bank A
TM Technology Inc. reserves the right P. 41 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 12.2. Random Row Write (Interleaving Banks) (Burst Length=8, CAS# Latency=2)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RAy
A0~A9
RAx
CAx
RBx
CBx
RAy
CAy
tRCD
DQM
tWR*
tRP
tWR*
DQ Hi-Z
DAx0 DAx1 DAx2 DAx3 DAx4DAx5
DAx6
DAx7 DBx0 DBx1 DBx2 DBx3 DBx4DBx5 DBx6 DBx7 DAy0 DAy1DAy2
DAy3 DAy4
Activate Write Command Command Bank A Bank A
Activate Command Bank B
Write Command Bank B Precharge Command Bank A
Activate Command Bank A
Write Command Bank A Precharge Command Bank B
* tWR > tWR(min.)
TM Technology Inc. reserves the right P. 42 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 12.3. Random Row Write (Interleaving Banks) (Burst Length=8, CAS# Latency=3)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RAy
A0~A9
RAx
CAx
RBx
CBx
RAy
CAy
tRCD
DQM
tWR*
tRP
tWR*
Hi-Z DQ
DAx0DAx1 DAx2 DAx3DAx4 DAx5
DAx6 DAx7 DBx0 DBx1DBx2
DBx3 DBx4 DBx5 DBx6 DBx7 DAy0
DAy1 DAy2 DAy3
Activate Command Bank A
Write Command Bank A
Activate Command Bank B
Write Command Bank B
Precharge Command Bank A
Activate Command Bank A
Write Command Bank A
Precharge Command Bank B
* tWR > tWR(min.)
TM Technology Inc. reserves the right P. 43 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 13.1. Read and Write Cycle (Burst Length=4, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0~A9
RAx CAx
CAy
CAz
DQM
DQ Hi-Z
Ax0 Ax1
Ax2
Ax3
DAy0DAy1
DAy3
Az0
Az1
Az3
Activate Command Bank A
Read Command Bank A
Read The Write Data Write Command is Masked with a Command Bank A Zero Clock Bank A Latency
The Read Data is Masked with a Two Clock Latency
Precharge Command Bank B
TM Technology Inc. reserves the right P. 44 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
T0 CLK
TE CH
T436432B
Figure 13.2. Read and Write Cycle (Burst Length=4, CAS# Latency=2)
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0~A9
RAx
CAx
CAy
CAz
DQM
DQ Hi-Z
Ax0
Ax1
Ax2 Ax3
DAy0 DAy1
DAy3
Az0
Az1
Az3
Activate Command Bank A
Read Command Bank A
Write The Write Data Command is Masked with a Bank A Zero Clock Latency
Read Command Bank A
The Read Data is Masked with a Two Clock Latency
TM Technology Inc. reserves the right P. 45 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 13.3. Read and Write Cycle (Burst Length=4, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0~A9
RAx
CAx
CAy
CAz
DQM
DQ Hi-Z
Ax0
Ax1
Ax2 Ax3
DAy0 DAy1
DAy3
Az0
Az1
Az3
Activate Command Bank A
Read Command Bank A
Write The Write Data Command is Masked with a Bank A Zero Clock Latency
Read Command Bank A
The Read Data is Masked with a Two Clock Latency
TM Technology Inc. reserves the right P. 46 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 14.1. Interleaving Column Read Cycle (Burst Length=4, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBw
A0~A9
RAx RAx
RBw
CBw
CBx
CBy
CAy
CBz
DQM DQ Hi-Z
tRCD tAC1
Ax0
Ax1 Ax2
Ax3 Bw0
Bw1
Bx0 Bx1
By0
By1 Ay0
Ay1
Bz0
Bz1 Bz2 Bz3
Activate Command Bank A Read Command Bank A
Activate Command Bank B Read Command Bank B
Read Command Bank B
Read Command Bank B
Read Command Bank A
Read Command Bank B
Precharge Command Bank A
Precharge Command Bank B
TM Technology Inc. reserves the right P. 47 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 14.2. Interleaving Column Read Cycle (Burst Length=4, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RAx
A0~A9
RAx
CAy
RAx
CBw
CBx
CBy
CAy
CBz
DQM
tRCD
tAC2
DQ
Hi-Z
Ax0
Ax1 Ax2
Ax3 Bw0
Bw1
Bx0 Bx1
By0
By1 Ay0
Ay1
Bz0
Bz1 Bz2 Bz3
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read Read Command Command Bank B Bank B
Read Command Bank B
Read Command Bank A
Read Command Bank B Precharge Command Bank A
Precharge Command Bank B
TM Technology Inc. reserves the right P. 48 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 14.3. Interleaved Column Read Cycle (Burst Length=4, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
RAx RBx
A10
A0~A9
RAx
CAx
RBx
CBx
CBy
CBz
CAy
DQM DQHi-Z
tRCD
tAC3
Ax0
Ax1 Ax2
Ax3 Bx0
Bx1
By0 By1
Bz0
Bz1 Ay0
Ay1
Ay2
Ay3
Activate Command Bank A
Read Command Bank A Activate Command Bank B
Read Command Bank B
Read Command Bank B
Read Command Bank B
Read Prechaerge Command Command Bank A Bank B
Precharge Command Bank A
TM Technology Inc. reserves the right P. 49 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 15.1. Interleaved Column Write Cycle (Burst Length=4, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1 A10
RAx RBw
A0~A9
RAx
CAx RBw
CBw
CBx
CBy
CAy
CBz
tRP
DQM Hi-Z
DAx0 DAx1 DAx2 DAx3 DBw0DBw1 DBx0 DBx1 DBy0 DBy1 DAy0 DAy1 DBz0 DBz1 DBz2 DBz3
tRCD tRRD
tWR tRP
DQ
Activate Command Bank A
Activate Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank A
Write Command Bank A
Write Command Bank B Precharge Command Bank A
Precharge Command Bank B
TM Technology Inc. reserves the right P. 50 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 15.2. Interleaved Column Write Cycle (Burst Length=4, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBw
A0~A9
RAx
CAx
RBw
CBw
CBx
CBy
CAy
CBz
DQM
tRCD tRRD
tRP
tWR
tRP
DQ
Hi-Z
DAx0 DAx1 DAx2
DAx3 DBw0 DBw1 DBx0
DBx1DBy0
DBy1DAy0 DAy1 DBz0 DBz1 DBz2
DBz3
Activate Command Bank A
Write Command Bank A
Activate Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank A
Write Command Bank B Precharge Command Bank A
Precharge Command Bank B
TM Technology Inc. reserves the right P. 51 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 15.3. Interleaved Column Write Cycle (Burst Length=4, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBw
A0~A9
RAx
CAx RBw
CBw
CBx
CBy
CAy
CBz
DQM
tRCD tRRD > tRRD(min)
tWR
tRP
tWR(min)
DQ Hi-Z
DAx0 DAx1 DAx2 DAx3 DBw0
DBw1DBx0 DBx1 DBy0 DBy1 DAy0 DAy1 DBz0 DBz1 DBz2 DBz3
Activate Command Bank A
Activate Command Bank B Write Command Bank A
Write Command Bank B
Write Command Bank B
Write Command Bank B
Write Command Bank A
Write Command Bank B Precharge Command Bank A
Precharge Command Bank B
TM Technology Inc. reserves the right P. 52 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 16.1. Auto Precharge after Read Burst (Burst Length=4, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
RAx RBy RBz
A10
RBx
A0~A9
RAx
CAx
RBx
CBx
CAy
RBy
CBy
RBz
CBz
DQM DQ Hi-Z
Ax0
Ax1
Ax2
Ax3
Bx0
Bx1 Bx2
Bx3 Ay0
Ay1
Ay2 Ay3
By0
By1
By2
By3
Bz0
Bz1
Bz2
Bz3
Activate Command Bank A Read Command Bank A
Activate Command Bank B Read with Auto Precharge Command Bank B
Activate Command Bank B Read with Auto Precharge Command Bank A
Read with Auto Precharge Command Bank B
Activate Command Bank B Read with Auto Precharge Command Bank B
TM Technology Inc. reserves the right P. 53 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 16.2. Auto Precharge after Read Burst (Burst Length=4, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
RAz
A0~A9
RAx
CAx
RBx
CBx
RAy
RBy
CBy
RAz
CAz
DQM DQ Hi-Z
Ax0
Ax1
Ax2
Ax3
Bx0
Bx1 Bx2
Bx3 Ay0
Ay1
Ay2 Ay3
By0 By1 By2
By3 Az0
Az1 Az2
Activate Command Bank A
Read Command Bank A
Read with Activate Command Auto Precharge Command Bank B Bank B
Read with Activate Read with Activate Read with Auto Precharge Command Auto Precharge Command Auto Precharge Command Bank B Command Bank A Command Bank A Bank B Bank A
TM Technology Inc. reserves the right P. 54 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 16.3. Auto Precharge after Read Burst (Burst Length=4, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
A0~A9
RAx
CAx RBx
CBx
CAy
RBy
CBy
DQM
DQ Hi-Z
Ax0
Ax1
Ax2
Ax3
Bx0
Bx1 Bx2
Bx3
Ay0
Ay1
Ay2 Ay3
By0 By1 By2
By3
Activate Command Bank A
Activate Command Bank B Read Command Bank A
Read with Auto Precharge Command Bank B
Read with Auto Precharge Command Bank A
Activate Command Bank B
Read with Auto Precharge Command Bank B
TM Technology Inc. reserves the right P. 55 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 17.1. Auto Precharge after Write Burst (Burst Length=4, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
RAz
A0~A9
RAx CAx
RBx
CBx
CAy
RBy
CBy
RAz
CAz
DQM Hi-Z
DQ
DAx0
DAx1 DAx2 DAx3 DBx0 DBx1 DBx2DBx3 DAy0 DAy1DAy2 DAy3 DBy0
DBy1 DBy2 DBy3
DAz0 DAz0
DAz0 DAz0
Activate Command Bank A Write Command Bank A
Activate Write with Command Auto Precharge Bank B Command Bank B
Write with Auto Precharge Command Bank A
Activate Write with Command Auto Precharge Bank B Command Bank B
Activate Command Bank A Write with Auto Precharge Command Bank A
TM Technology Inc. reserves the right P. 56 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 17.2. Auto Precharge after Write Burst (Burst Length=4, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
RAz
A0~A9
RAx
CAx
RBx
CBx
CAy
RBy
CBy
RAz
CAz
DQM
DQ
Hi-Z
DAx0 DAx1 DAx2 DAx3 DBx0 DBx1DBx2 DBx3 DAy0 DAy1DAy2 DAy3
DBy0 DBy1
DBy2 DBy3DAz0 DAz1 DAz2 DAz3
Activate Write Command Command Bank A Bank A
Activate Write with Command Auto Precharge Bank B Command Bank B
Write with Auto Precharge Command Bank A
Activate Write with Write with Activate Command Auto Precharge Command Auto Precharge Bank B Command Command Bank A Bank B Bank A
TM Technology Inc. reserves the right P. 57 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 17.3. Auto Precharge after Write Burst (Burst Length=4, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A9
RAx
RBx
RBy
A0~A9
RAx
CAx RBx
CBx
CAy
RBy
CBy
DQM DQHi-Z
DAx0 DAx1 DAx2 DAx3 DBx0 DBx1 DBx2 DBx3 DAy0 DAy1
DAy2 DAy3
DBy0 DBy1 DBy2DBy3
Activate Command Bank A
Activate Command Bank B Write Command Bank A
Write with Auto Precharge Command Bank B
Write with Auto Precharge Command Bank A
Activate Command Bank B
Write with Auto Precharge Command Bank B
TM Technology Inc. reserves the right P. 58 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 18.1. Full Page Read Cycle (Burst Length=Full Page, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
A0~A9
RAx
CAx
RBx
CBx
RBy
DQM
tRRD
tRP
Hi-Z DQ
Ax
Ax+1 Ax+2
Ax-2 Ax-1
Ax
Ax+1 Bx
Bx+1
Bx+2 Bx+3 Bx+4 Bx+5
Bx+6 Bx+7
Activate Command Bank A
Activate Command Bank B The burst counter wraps from the highest order Read page address back to zero Command during this time interval Bank A
Read Command Bank B Full Page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address.
Precharge Command Bank B Activate Burst Stop Command Command Bank B
TM Technology Inc. reserves the right P. 59 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 18.2. Full Page Read Cycle (Burst Length=Full Page, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
A0~A9
RAx
CAx
RBx
CBx
RBy
tRP
DQM DQHi-Z
Ax
Ax-2 Ax+1 Ax+2
Ax-1
Ax
Ax+1
Bx
Bx+1 Bx+2 Bx+3
Bx+4 Bx+5
Bx+6
Activate Command Bank A
Read Command Bank A
Activate Read Precharge Full Command Command Page burst operation does not Command terminate when the burst length is satisfied; Bank B Bank B Bank B The burst counter wraps the burst counter increments and continues from the highest order bursting beginning with the starting address. page address back to zero Burst Stop during this time interval Command
Activate Command Bank B
TM Technology Inc. reserves the right P. 60 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 18.3. Full Page Read Cycle (Burst Length=Full Page, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
A0~A9
RAx
CAx
RBx
CBx
RBy
DQM
tRP
DQ Hi-Z
Ax
Ax+1 Ax+2 Ax-2
Ax-1
Ax
Ax+1 Bx
Bx+1 Bx+2 Bx+3 Bx+4 Bx+5
Activate Command Bank A
Read Command Bank A
Activate Command Bank B
Read Command Bank B The burst counter wraps from the highest order page address back to zero during this time interval
Precharge Full Page burst operation does not Command terminate when the burst length is Bank B satisfied; the burst counter increments and continues bursting beginning with the Burst Stop starting address. Command
Activate Command Bank B
TM Technology Inc. reserves the right P. 61 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 19.1. Full Page Write Cycle (Burst Length=Full Page, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
A0~A9 DQM
RAx
CAx
RBx
CBx
RBy
DQ Hi-Z
DBx DAx DAx+ 1 DAx+ 2 DAx+ 3 DAx- 1 DAx DAx+ 1
DBx+ 1 DBx+ 2 DBx+ 3 DBx+ 4 DBx+ 5 DBx+ 6 DBx+ 7
Activate Command Bank A
Activate Command Bank B The burst counter wraps from the highest order Write page address back to zero Command during this time interval Bank A
Write Command Bank B Full Page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address.
Data is ignored
Precharge Command Bank B Burst Stop Activate Command Command Bank B
TM Technology Inc. reserves the right P. 62 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 19.2. Full Page Write Cycle (Burst Length=Full Page, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBy
A0~A9
RAx
CAx
RBx
CBx
RBy
DQM
DQ
Hi-Z
DAx DAx+ 1 DAx+ 2 DAx+ 3 DAx- 1 DAx DAx+ 1 DBx
DBx+ 1DBx+ 2 DBx+ 3
DBx+ 4 DBx+ 5 DBx+ 6
Activate Command Bank A
Write Command Bank A
Activate Write Command Command Bank B Bank B The burst counter wraps Full Page burst operation does not terminate when the burst from the highest order page address back to zero length is satisfied; the burst counter increments and continues bursting during this time interval beginning with the starting address.
Data is ignored
Precharge Command Bank B Burst Stop Command
Activate Command Bank B
TM Technology Inc. reserves the right P. 63 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 19.3. Full Page Write Cycle (Burst Length=Full Page, CAS# Latency=3)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10 A0~A9
RAx
RBx
RBy
RAx
CAx
RBx
CBx
RBy
DQM
Data is ignored
DQ Hi-Z
DAx DAx+ 1 DAx+ 2 DAx+ 3 DAx- 1 DAx
DAx+ 1
DBx
DBx+ 1 DBx+ 2 DBx+ 3
DBx+ 4 DBx+ 5
Activate Command Bank A
Write Command Bank A
Activate Write Command Command Bank B Bank B The burst counter wraps Full Page burst operation does from the highest order page address back to zero not terminate when the burst length is satisfied; the burst counter during this time interval increments and continues bursting beginning with the starting address.
Precharge Command Bank B Burst Stop Command
Activate Command Bank B
TM Technology Inc. reserves the right P. 64 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 20. Byte Write Operation (Burst Length=4, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
A0~A9
RAx
CAx
CAy
CAz
LDQM
UDQM
DQ0 - DQ7
Ax0
Ax1
Ax2
DAy2 DAy1
Az1
Az2
DQ8 - DQ15
Ax1
Ax2
Ax3
DAy0 DAy1
DAy3
Az0
Az1
Az2
Az3
Activate Command Bank A
Upper 3 Bytes Read are Command masked Bank A
Lower Byte is masked
Write Upper 3 Bytes Read Command are masked Command Bank A Bank A
Lower Byte is masked
Lower Byte is masked
TM Technology Inc. reserves the right P. 65 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 21. Random Row Read (Interleaving Banks) (Burst Length=2, CAS# Latency=1)
T0 CLK
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE High
Begin Auto Precharge Bank B Begin Auto Precharge Bank A Begin Auto Precharge Bank B Begin Auto Precharge Bank A Begin Auto Precharge Bank B Begin Auto Precharge Bank A Begin Auto Precharge Bank B Begin Auto Precharge Bank A Begin Auto Precharge Bank B Begin Auto Precharge Bank A
CS#
RAS#
CAS#
WE#
BS0,1
A10 A0~A9
RBu
RAu
RBv
RAv
RBw
RAw
RBx
RAx
RBy
RAy
RBz
RAz
RBu
CBu
RAu CAu
RBv CBv
RAv
CAv
RBw
CBw
RAw CAw RBx
CBx RAx CAx
RBy CBy
RAy CAy RBz
CBz RAz
DQM
tRP
tRP
tRP
tRP
tRP
tRP
tRP
tRP
tRP
tRP
DQ
Activate Command Bank B
Bu0
Bu1 Au0
Au1
Bv0 Bv1
Av0
Av1 Bw0 Bw1
Aw0
Aw1Bx0
Bx1
Ax0 Ax1 By0
By1 Ay0 Ay1
Bz0
Activate Command Bank A
Activate Command Bank B
Activate Command Bank A
Activate Command Bank B
Activate Command Bank A
Activate Command Bank B
Activate Command Bank A
Activate Command Bank B
Activate Command Bank A
Activate Command Bank B
Activate Command Bank A
Read Bank B with Auto Precharge
Read Bank A with Auto Precharge
Read Bank B with Auto Precharge
Read Bank A with Auto Precharge
Read Bank B with Auto Precharge
Read Bank A with Auto Precharge
Read Bank B with Auto Precharge
Read Bank A with Auto Precharge
Read Bank B with Auto Precharge
Read Bank A with Auto Precharge
Read Bank B with Auto Precharge
TM Technology Inc. reserves the right P. 66 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 22. Full Page Random Column Read (Burst Length=Full Page, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1 A10
RAx
RBx
RBw
A0~A9
RAx
RBx
CAx
CBx
CAy
CBy
CAz
CBz
RBw
tRP
DQM
tRRD
DQ
tRCD
Ax0 Bx0 Ay0 Ay1 By0 By1 Az0 Az1 Az2 Bz0 Bz1 Bz2
Activate Command Bank A
Activate Command Bank B
Read Read Command Command Bank B Read Bank B Command Read Bank A Command Bank A
Read Command Bank A
Read Command Bank B
Precharge Command Bank B (Precharge Temination) Activate Command Bank B
TM Technology Inc. reserves the right P. 67 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 23. Full Page Random Column Write (Burst Length=Full Page, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK2
CKE
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RBx
RBw
A0~A9
RAx
RBx CAx
CBx
CAy
CBy
CAz
CBz
RBw
tWR
DQM
tRP
tRRD
DQ
tRCD
DAx0DBx0DAy0 DAy1 DBy0 DBy1 DAz0 DAz1 DAz2 DBz0 DBz1 DBz2
Activate Command Bank A
Activate Command Bank B
Write Command Bank B Write Write Command Command Bank A Bank A
Write Command Bank B
Write Command Bank A
Write Command Bank B
Precharge Command Bank B (Precharge Temination) Activate Write Data Command Bank B is masked
TM Technology Inc. reserves the right P. 68 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 24.1. Precharge Termination of a Burst (Burst Length=Full Page, CAS# Latency=1)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK1
CKE
CS#
RAS#
CAS#
WE#
BS0,1 A10
RAx
RAy
RAz
CAy
A0~A9
RAx
CAx
RAy
RAz CAz
tWR tRP
DQM DQ
DAx0 DAx1 DAx2 DAx3 DAx4 Ay0 Ay1 Ay2
tRP
Precharge Termination of a Read Burst.
DAz6 DAz7 DAz0 DAz1 DAz2 DAz3 DAz4 DAz5
Read Activate Precharge Termination Precharge Command Command Command of a Write Burst. Bank A Bank A Write data is masked. Bank A Write Activate Command Command Bank A Bank A
Precharge Command Bank A
Write Command Bank A
Activate Command Bank A
TM Technology Inc. reserves the right P. 69 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
TE CH
T436432B
Figure 24.2. Precharge Termination of a Burst (Burst Length=8 or Full Page, CAS# Latency=2)
T0
T 1 T2
T3
T4
T5
T6
T7
T8
T9
T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
CLK
tCK2
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RAy
RAz
A0~A9
RAx
CAx
RAy
CAy
RAz
CAz
tWR tRP
DQM
tRP
tRP
DQ
DAx0 DAx1 DAx2 DAx3
Ay0 Ay1
Ay2
Az0
Az1
Az2
Activate Command Bank A
Write Precharge Command Command Bank A Bank A Precharge Termination of a Write Burst. Write data is masked.
Activate Command Bank A
Read Command Bank A
Precharge Command Bank A
Activate Command Bank A
Precharge Read Command Command Bank A Bank A Precharge Termination of a Read Burst
TM Technology Inc. reserves the right P. 70 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
CLK
TE CH
T436432B
Figure 24.3. Precharge Termination of a Burst (Burst Length=4, 8 or Full Page, CAS# Latency=3)
T0 T 1 T2 T3 T4 T5 T6 T7 T8 T9 T10 T 11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22
tCK3
CKE High
CS#
RAS#
CAS#
WE#
BS0,1
A10
RAx
RAy
RAz
A0~A9
RAx
CAx
RAy
CAy
RAz
tWR
DQM
tRP
tRP
DQ
DAx0 DAx1
Ay0
Ay1
Ay2
Activate Command Bank A
Write Command Bank A Write Data is masked
Precharge Command Bank A
Activate Command Bank A
Read Command Bank A
Precharge Command Bank A
Activate Precharge Termination Command of a Read Burst Bank A
Precharge Termination of a Write Burst
TM Technology Inc. reserves the right P. 71 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
tm
86
TE CH
T436432B
86 Pin TSOP II Package Outline Drawing Information
44
HE
E
0.254
L L1
1
D
43
A1 A2 A
e S B y
L
L1
Symbol A A1 A2 B C D E e HE L L1 S y Min 0.002 0.037 0.007 0.87 0.395 0.455 0.016 0
Dimension in inch Normal 0.004 0.039 0.008 0.005 0.875 0.400 0.0197 0.463 0.020 0.0315 0.024 -
Max 0.047 0.006 0.041 0.009 0.88 0.405 0.471 0.024 0.004 8
Min 0.05 0.95 0.17 22.09 10.03 11.56 0.40 0
Dimension in mm Normal Max 1.20 0.10 0.15 1 1.05 0.2 0.23 0.127 22.22 22.35 10.16 10.29 0.50 11.76 0.50 0.80 0.61 11.96 0.60 0.10 8
Notes : 1. Dimension D&E do not include interlead flash. 2. Dimension B does not include dambar protrusion/intrusion. 3. Dimension S includes end flash. 4. Controlling dimension : mm
TM Technology Inc. reserves the right P. 72 to change products or specifications without notice.
Publication Date: FEB. 2007 Revision: A
C


▲Up To Search▲   

 
Price & Availability of T436432B-7SG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X