Part Number Hot Search : 
51117 M81709FP KCC712V CY6214 07000 HD74LS G915T25B HD74LS
Product Description
Full Text Search
 

To Download SPS-4341W-CXX0G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
SPS-4341W-CXX0G
FEATURES DESCRIPTION
SPS-4341W-CXX0G
1
***********************************************************************************************************************************************************************
(RoHS Compliant)
8.5 Gb/s / CWDM / 40 km Digital Diagnostic LC SFP+ SINGLE-MODE TRANSCEIVER
***********************************************************************************************************************************************************************
l l l l l l l l l l l l
Up to 8.5 Gbps Bi-directional Data Links Complaint to SFP+ MSA Compliance with Fibre Channel FC-PI-4 800-SM-LC-L Compliant with 4G and, 2G Fibre Channel 8 Wavelength (): 1470 nm to 1610 nm CWDM EML Transmitter Distance up to 40 km SFF-8472 Digital Diagnostic Function AC/AC Coupling according to MSA Single +3.3 V Power Supply RoHS 6/6 Compliant 0 to 70oC Operating Class 1 Laser International Safety Standard IEC-60825 Compliant
APPLICATIONS
l Multi-rate 8x / 4x / 2x Fibre Channel l Gigabit Ethernet
The SPS-4341W-CXX0G series single mode transceiver is small form factor pluggable module for bi-directional serial optical data communications such as 8x/4x/2x Fibre Channel. It is with the SFP 20-pin connector to allow hot plug capability. Digital diagnostic functions are available via an I2C. This module is designed for single mode fiber and operates at a nominal wavelength of CWDM wavelength. There are eight center wavelengths available from 1470 nm to 1610 nm, with each step 20 nm. A guaranteed minimum optical link budget of 15 dB is offered. The transmitter section uses a CWDM multiple quantum well DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC-60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
ORDER INFORMATION
P/No. Bit Rate (Gb/s) 8/4/2 FC-PI
FC-PI-4
Power Budget Wavelength (dB) (nm) > 15 CWDM*
Package SFP+ with DMI
Temp. (oC) 0 to 70
RoHS Compliant Yes
SPS-4341W-CXX0G Central Wavelength -C470 -C490 -C510 -C530 Min. (nm) 1464.5 1484.5 1504.5 1524.5
CWDM* Wavelength (0 to 70oC)
Typ. (nm) 1470 1490 1510 1530 Max. (nm) 1477.5 1497.5 1517.5 1537.5 Clasp Color Code Gray Violet Blue Green Central Wavelength -C550 -C570 -C590 -C610 Min. (nm) 1544.5 1564.5 1584.5 1604.5 Typ. (nm) 1550 1570 1590 1610 Max. (nm) 1557.5 1577.5 1597.5 1617.5 Clasp Color Code Yellow Orange Red Brown
CWDM*: 8 Wavelengths from 1470 nm to 1610 nm, each step 20 nm.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2009 V1.0
Optoway
Absolute Maximum Ratings
Parameter Storage Temperature Operating Case Temperature Power Supply Voltage Power Dissipation Symbol Tstg Topr Vcc PD Min -40 0 -0.5 Max 85 70 3.6 1.5 Units o C o C V W
SPS-4341W-CXX0G
Notes
2
***********************************************************************************************************************************************************************
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Case Temperature Power Supply Current Data Rate Symbol Vcc Topr ICC (TX+RX) 2.125 Min 3.13 0 Typ 3.3 330 8.5 Max 3.47 70 450 Units / Notes V o C mA Gb/s
Transmitter Optical Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Average Launch Power Output Center Wavelength Output Spectrum Width Side Mode Suppression Ratio Relative Intensity Noise Average Launch Power of OFF Transmitter Symbol Po, AVG SMSR RIN Min -1 c -5.5 --30 Typ c Max 3 c +7.5 1 -128 -30 Units dBm nm nm dB dB/Hz dBm Notes 1 2 -20 dB width
1. Output power is power coupled into a 9/125 m single-mode fiber. 2. ITU-T G.694.2 CWDM wavelength from 1470 nm to 1610 nm, each step 20 nm.
Receiver Optical Specifications (0 oC < Topr < 70 oC, 3.13V < Vcc < 3.47V)
Parameter Sensitivity Receiver Overload LOS -- Deasserted LOS -- Asserted Wavelength of Operation Symbol P MAX LOSD LOSA c Min -1 ---28 1260 Typ ------Max -16 -16 --1620 Units dBm dBm dBm dBm nm Notes 3 Transition: low to high Transition: high to low
3. Measured with average power; BER < 10-12 and PRBS 2 7-1.
Electrical Characteristics
Parameter Symbol High-Speed Signal (CML) Interface Specification Input Data Rate Differential Input Impedance Rin Differential Data Input Amplitude Output Data Rate Differential Output Impedance Rout Differential Data Output Amplitude Low-Speed Signal (LVTTL) Interface Specification Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Min 2.125 150 2.125 350 Typ 8.5 100 1200 8.5 100 600 Max Units Gb/s mVpp Gb/s mVpp Notes
Internally AC coupled
700
Internally AC coupled
2.0 GND 2.4 GND
Vcc+0.3 0.8 Vcc 0.5
V V V V
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2009 V1.0
Optoway
CONNECTION DIAGRAM
SPS-4341W-CXX0G
3
***********************************************************************************************************************************************************************
PIN Signal Name
1 2 VEET TX_Fault
Description
Transmitter Signal Ground Transmitter Fault Indication. Logic "1" Output = Laser Fault. Logic "0" Output = Normal Operation Logic "1" Input (or no connection) = Laser off, Logic "0" = Laser on. Modulation Definition 2 - Two wires serial ID Interface Modulation Definition 1 - Two wires serial ID Interface Modulation Definition 0 - Ground in Module RX Rate Select (LVTTL). This pin has an internal 30k pulldown to ground. A signal on this pin will not affect module performance. Loss of Signal Out (OC). TX Rate Select (LVTTL). This pin has an internal 30k pulldown to ground. A signal on this pin will not affect module performance. Receiver Signal Ground
PIN Signal Name
11 12 VEER RD-
Description
Receiver Signal Ground Inverse Receiver Data Out
3 4 5 6 7
TX_Disable SDA SDL MOD-ABS RS0
13 14 15 16 17
RD+ VEER VCCR VCCT VEET
Receiver Data Out Receiver Signal Ground Receiver Power - 3.3V5% Transmitter Power - 3.3V5% Transmitter Signal Ground
8 9
RX_LOS RS1
18 19
TD+ TD-
Transmitter Data In Inverse Transmitter Data In
10
VEER
20
VEET
Transmitter Signal Ground
MODULE DEFINITION
Module Definition 4 PIN 4 SDA PIN 5 SCL PIN 6 MOD-ABS Interpretation by Host Serial module definition protocol
Module Definition 4 specifies a serial definition protocol. For this definition, upon power up, SDA and SDL appear as no connector (NC) and MOD-ABS is TTL LOW. When the host system detects this condition, it activates the serial protocol. The protocol uses the 2-wire serial CMOS E 2PROM protocol of the ATMEL AT24C01A/02/04 family of components.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2009 V1.0
Optoway
RECOMMENDED CIRCUIT SCHEMATIC
Vee T Tx_DISABLE Tx_FAULT ( 1,17,20) 3 2 10 K TD + 18 Z=50 TD 19 Z=50 Vcc T 16 0.1F 4 .7 H Vcc 3.3V 22 F 0.1F 0.1F Vcc R 15 0.1F 22 F 4 .7 H TD TD +
SPS-4341W-CXX0G
4
***********************************************************************************************************************************************************************
Tx_DISABLE Tx_FAULT
LD D river
100
SerDes IC
Protocol IC
RD -
12 Z=50 100
RD -
POST Amp
RD +
13 Z=50 10 K
RD +
depending on SE D S RE
LOSS OF SINGAL
LOS Vee R RS1 30K 30K MOD_ABS RS0
8 ( 10,11,14) 9 7 TX Rate Select RX Rate Select
6 5 4 10 K 10 K 10 K Vcc 3.3V
MODU LE DETECT SCL SDA
EEPROM
SCL SDA
SFP+ module
PACKAGE DIAGRAM
Units in mm
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2009 V1.0
Optoway
REVISION HISTORY
Version
1.0 Initial datasheet
SPS-4341W-CXX0G
5
***********************************************************************************************************************************************************************
Subject
Release Date
2009/1/1
Note: Specifications subject to change without notice.
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 1/1/2009 V1.0


▲Up To Search▲   

 
Price & Availability of SPS-4341W-CXX0G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X