Part Number Hot Search : 
TR1000 MDV1548 4043B RC0039F C3021 STM69 MCD312 IMP2527
Product Description
Full Text Search
 

To Download SKIIP1202GB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SKiiP 1202 GB 061 - 360 CTV Absolute Maximum Ratings
Symbol Visol 4) Top ,Tstg Conditions AC, 1min Operating / stor. temperature
1)
Values 2500 -25...+85 600 400 1200 -40...+150 1200 2400 12000 720 18 30 20 75
Units V C V V A C A A A kAs2 V V kHz kV/s
IGBT and Inverse Diode VCES VCC 5) Operating DC link voltage IC IGBT Tj 3) IGBT + Diode IF Diode IFM Diode, tp < 1 ms IFSM Diode, Tj = 150 C, 10ms; sin I2t (Diode) Diode, Tj = 150 C, 10ms Driver VS1 Stabilized Power Supply VS2 Non-stabilized Power Supply fsmax Switching frequency dV/dt Primary to secondary side
SKiiPPACK(R) SK integrated intelligent Power PACK halfbridge SKiiP 7,9) 1202 GB 061 - 360 CTV
Preliminary Data
Case S3
Characteristics
Symbol IGBT11) V(BR)CES ICES VTO rT VCesat VCesat Eon + Eoff CCHC LCE Conditions
1)
min. VCES - - - - - - - - - - - - - - - - -
typ. - - 18 - - - - - 2,4 5 - - - - - - - -
max. - 1,2 - 0,94 1,4 2,6 2,60 108/153 - - 1,72 1,75 36 0,78 0,8 0,033 0,063 36
Units V mA mA V m V V mJ nF nH V V mJ V m K/W K/W K/KW mA mA s A A C V
Driver without supply VGE = 0, Tj = 25 C VCE = VCES Tj = 125 C Tj = 125 C Tj = 125 C IC = 1200A, Tj = 125 C IC = 1200A, Tj = 25 C VCC=300/400V,IC=1200A Tj = 125 C per SkiiP, AC side Top, Bottom Tj = 125 C Tj = 25 C Tj = 125 C
Inverse Diode 2) VF = VEC IF= 1200A; VF= VEC IF= 1200A Eon + Eoff IF= 1200A; VTO Tj = 125 C rT Tj = 125 C
Features * Short circuit protection, due to evaluation of current sensor signals * Isolated power supply * Low thermal impedance * Optimal thermal management with integrated heatsink * Pressure contact technology with increased power cycling capability, compact design * Low stray inductance * High power, small losses * Over-temperature protection
1)
2)
3) 4)
Thermal Characteristics Rthjs10) per IGBT 10) Rthjs per Diode Rthsa6,10) P16 heatsink; see case S3 Driver IS1 Supply current 15V-supply IS2 Supply current 24V-supply tinterlock-driver Interlock-time SKiiPPACK protection ITRIPSC Short circuit protection ITRIPLG Ground fault protection TTRIP Over-temp. protection UDCTRIP 9) UDC-protection Mechanical Data M1 DC terminals, SI Units M2 AC terminals, SI Units
5)
6) 7)
260+470*fs /fsmax+1,3*IAC/A 200+320*fs /fsmax+1,0*IAC/A 2,3 1239 115 410 4 8 - - 11.01.99 6 10
8)
9)
10)
Nm Nm
11)
Theatsink = 25 C, unless otherwise specified CAL = Controlled Axial Lifetime Technology (soft and fast) without driver Driver input to DC link / AC output to DC link / AC output to heatsink with Semikron-DC link (low inductance) other heatsinks on request C - Integrated current sensors T - Temperature protection V - 15 V or 24 V power supply AC connection busbars must be connected by the user; copper busbars available on request options available for driver: U - DC link voltage sense F - Fiber optic connector "s" referenced to temperature sensor NPT-technology with homogenous current-distribution (c)by SEMIKRON


▲Up To Search▲   

 
Price & Availability of SKIIP1202GB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X