Part Number Hot Search : 
TDA84 TS3704I MV5E164 AMA2805D 48507 TOP242R BU4219G EMK12G
Product Description
Full Text Search
 

To Download PCF7946AT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com Philips Semiconductors
Product Profile
Security Transponder plus Remote Keyless Entry, HITAG2PLUS
Features * Compatible with Security Transponder, PCF7936AS. * Rolling Code Generator for keyless entry * 14-pin SO package Transponder * 64/32 bit mutual authentication * 32 bit unique device identification number * Fast authentication, 39ms * 48 bit Secret Key * 128 bit user memory (EEPROM) * EEPROM read/write in cipher mode * EEPROM read/write protection capability * Excellent sensitivity in read and write mode Code Hopping Generator * Four user buttons (15 + 1 commands) * LED acknowledgment of transmission * 42 bit unidirectional code hopping * 48 bit Remote Secret Key * 114 bit message with run-in, device identification, function code, terminator and parity bits * Automatic code synchronisation via transponder * Programmable data rate and frame repetition rate * Clock input to support external data rate reference * Manchester encoding General Description
PCF7946AT
The HITAG2PLUS is a high performance monolithic Security Transponder and Remote Keyless Entry Chip ideally suited for car immobiliser applications that incorporate keyless entry functions. The HITAG2PLUS transponder circuitry is compatible with the Security Transponder PCF7936AS to support mixed systems using a HITAG2PLUS and a standard Security Transponder, PCF7936AS at the same time. The Transponder circuitry meets the security and performance requirements of modern car immobiliser applications. Excellent device sensitivity (large distance) and short authentication time ensure easy application and outstanding system performance. The Transponder circuitry does not require any battery supply and full operation is granted in a Keyless Entry battery low condition. The Remote Control circuitry features a low power consumption to ensure long battery lifetime. The device supports up to four user buttons and a LED for transmission acknowledgment. Code hopping upon each button press is provided. The device features automatic re-synchronisation of the rolling code via the transponder interface. The Transponder and rolling code algorithm employ the same security algorithm for easy system integration on the receiver side. Separate Secret Keys are provided to ensure independent code characteristics. Data rate, modulation and repetition rates of the remote transmission frame are configurable by the on-chip EEPROM. The HITAG2PLUS features a clock input as an external data rate reference for use with common PLL transmitter devices.
* Low tolerance on-chip RC oscillator (< 10%)
* Battery low indication * Single cell operation (2.0V to 3.6V) * Low power consumption (ACTIVE: 0.3 mA, POWER DOWN: 300 nA) Typical Application
optional
VBAT
XCLK DOUT XON
PCF7946
Security Transponder IN1 Contactless Interface EEPROM 384 Bit Calculation Unit Control Logic Remote Control User Interface Modulator Rolling Code Generator Control Logic RC Oscillator
Transmitter IR or UHF (PLL)
LED B3 B2 B1 B0
Command Buttons
IN2
Power Management VSS TOUT
Li 3V
June 1999


▲Up To Search▲   

 
Price & Availability of PCF7946AT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X